Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1275 Datasheet(PDF) 12 Page - Analog Devices

Part # ADM1275
Description  Hot-Swap Controller and Digital Power
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM1275 Datasheet HTML 8Page - Analog Devices ADM1275 Datasheet HTML 9Page - Analog Devices ADM1275 Datasheet HTML 10Page - Analog Devices ADM1275 Datasheet HTML 11Page - Analog Devices ADM1275 Datasheet HTML 12Page - Analog Devices ADM1275 Datasheet HTML 13Page - Analog Devices ADM1275 Datasheet HTML 14Page - Analog Devices ADM1275 Datasheet HTML 15Page - Analog Devices ADM1275 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
ADM1275
Data Sheet
Rev. D | Page 12 of 48
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
UV
OV
VCAP
TIMER
SS
ISET
VCC
SENSE–
GATE
GND
PWRGD
FLB
VOUT
ENABLE
ADR
LATCH
GPO2/ALERT2
SDA
SCL
SENSE+
ADM1275-3
TOP VIEW
(Not to Scale)
Figure 6. ADM1275-3 Pin Configuration, QSOP
1
OV
2
VCAP
3
ISET
4
SS
5
TIMER
13
14
15
12
11
FLB
VOUT
GND
PWRGD
SCL
ADM1275-3
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
NOTES
1. SOLDER THE EXPOSED PADDLE TO
THE BOARD TO IMPROVE THERMAL
DISSIPATION. THE EXPOSED PADDLE
CAN BE CONNECTED TO GROUND.
Figure 7. ADM1275-3 Pin Configuration, LFCSP
Table 7. ADM1275-3 Pin Function Descriptions
Pin No.
QSOP
LFCSP
Mnemonic
Description
1
19
VCC
Positive Supply Input Pin. An undervoltage lockout (UVLO) circuit resets the device when a low
supply voltage is detected. GATE is held low when the supply is below UVLO. During normal
operation, this pin should remain greater than or equal to SENSE+ to ensure that specifications are
adhered to. No sequencing is required.
2
20
UV
Undervoltage Input Pin. An external resistor divider is used from the supply to this pin to allow an
internal comparator to detect whether the supply is under the UV limit.
3
1
OV
Overvoltage Input Pin. An external resistor divider is used from the supply to this pin to allow an
internal comparator to detect whether the supply is above the OV limit.
4
2
VCAP
Internal Regulated Supply. A capacitor with a value of 1 μF or greater should be placed on this pin
to maintain good accuracy. This pin can be used as a reference to program the ISET pin voltage.
5
3
ISET
This pin allows the current limit threshold to be programmed. The default limit is set when this pin
is connected directly to VCAP. To achieve a user-defined sense voltage, the current limit can be
adjusted using a resistor divider from VCAP. An external reference can also be used.
6
4
SS
Soft Start Pin. A capacitor is used on this pin to set the soft start ramp profile. The voltage on the
SS pin controls the current sense voltage limit, which controls the inrush current profile.
7
5
TIMER
Timer Pin. An external capacitor, CTIMER, sets an initial timing cycle delay and a fault delay. The GATE
pin is pulled low when the voltage on the TIMER pin exceeds the upper threshold.
8
6
LATCH
Signals that the device is latching off after an overcurrent fault. The device can be configured for
automatic retry after latch-off by connecting this pin directly back to the UV pin.
9
7
ADR
PMBus Address Pin. This pin can be tied to GND, tied to VCAP, left floating, or tied low through a
resistor to set four different PMBus addresses (see the Device Addressing section).
10
8
ENABLE
Digital Logic Input. This input must be high to allow the ADM1275-3 hot-swap controller to begin a
power-up sequence. If this pin is held low, the ADM1275-3 is prevented from powering up. There is
no internal pull-up on this pin.
11
9
GPO2/ALERT2
General-Purpose Digital Output (GPO2).
Alert (ALERT2). This pin can be configured to generate an alert signal when one or more fault or
warning conditions are detected.
At power-up, this pin indicates the FET health mode by default. There is no internal pull-up on this pin.
12
10
SDA
Serial Data Input/Output Pin. Open-drain input/output. Requires an external resistive pull-up.
13
11
SCL
Serial Clock Pin. Open-drain input. Requires an external resistive pull-up.
14
12
PWRGD
Power-Good Signal. Used to indicate that the supply is within tolerance. This signal is based on the
voltage present on the FLB pin.
15
13
FLB
Foldback Pin. A foldback resistor divider is placed from the source of the FET to this pin. Foldback is
used to reduce the current limit when the source voltage drops. The foldback feature ensures that
the power through the FET is not increased beyond the SOA limits.


Similar Part No. - ADM1275

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1270 AD-ADM1270 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R2 AD-ADM1270ACPZ-R2 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R7 AD-ADM1270ACPZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ AD-ADM1270ARQZ Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ-R7 AD-ADM1270ARQZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
More results

Similar Description - ADM1275

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
   ??8 V Hot Swap Controller and Digital
REV. A
logo
Maxim Integrated Produc...
MAX5042 MAXIM-MAX5042_V01 Datasheet
1Mb / 22P
   Power MOSFETs and Hot-Swap Controller
2014
logo
Analog Devices
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com