Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7189BKSTZ Datasheet(PDF) 49 Page - Analog Devices

Part # ADV7189BKSTZ
Description  Multiformat SDTV Video Decoder
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7189BKSTZ Datasheet(HTML) 49 Page - Analog Devices

Back Button ADV7189BKSTZ Datasheet HTML 45Page - Analog Devices ADV7189BKSTZ Datasheet HTML 46Page - Analog Devices ADV7189BKSTZ Datasheet HTML 47Page - Analog Devices ADV7189BKSTZ Datasheet HTML 48Page - Analog Devices ADV7189BKSTZ Datasheet HTML 49Page - Analog Devices ADV7189BKSTZ Datasheet HTML 50Page - Analog Devices ADV7189BKSTZ Datasheet HTML 51Page - Analog Devices ADV7189BKSTZ Datasheet HTML 52Page - Analog Devices ADV7189BKSTZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 104 page
background image
ADV7189B
Rev. B | Page 49 of 104
CRC_ENABLE CRC CGMS-A Sequence, Address 0xB2[2]
For certain video sources, the CRC data bits can have an invalid
format. In such circumstances, the CRC checksum validation
procedure can be disabled. The CGMSD bit goes high if the
rising edge of the start bit is detected within a time window.
When CRC_ENABLE is 0, no CRC check is performed.
The CGMSD bit goes high if the rising edge of the start bit
is detected within a time window.
When CRC_ENABLE is 1 (default), CRC checksum is used to
validate the CGMS sequence. The CGMSD bit goes high for a
valid checksum. ADI recommended setting.
Wide Screen Signaling Data
WSS1[7:0], Address 0x91[7:0], WSS2[7:0], Address
0x92[7:0]
217H
Figure 31 shows the bit correspondence between the analog
video waveform and the WSS1/WSS2 registers. WSS2[7:6]
are undetermined and should be masked out by software.
EDTV Data Registers
EDTV1[7:0], Address 0x93[7:0],
EDTV2[7:0], Address 0x94[7:0],
EDTV3[7:0], Address 0x95[7:0]
218H
Figure 32 shows the bit correspondence between the analog
video waveform and the EDTV1/EDTV2/EDTV3 registers.
EDTV3[7:6] are undetermined and should be masked out by
software. EDTV3[5] is reserved for future use and, for now,
contains a 0. The three LSBs of the EDTV waveform are
currently not supported.
ACTIVE
VIDEO
WSS2[5:0]
WSS1[7:0]
RUN-IN
SEQUENCE
START
CODE
0
1
2
3
4
5
6
7
0
1
2
3
4
5
11.0
μs
38.4
μs
42.5
μs
Figure 31. WSS Data Extraction
Table 58. WSS Access Information
Signal Name
Register Location
Address
Register Default Value
WSS1[7:0]
WSS 1[7:0]
145d
0x91
Readback Only
WSS2[5:0]
WSS 2[5:0]
146d
0x92
Readback Only
EDTV1[7:0]
EDTV2[7:0]
EDTV3[5:0]
NOT SUPPORTED
01
3
4
5
6
7
0
1
2 3 4
5
6
7
0
1
2
345
2
Figure 32. EDTV Data Extraction
Table 59. EDTV Access Information
Signal Name
Register Location
Address
Register Default Value
EDTV1[7:0]
EDTV 1[7:0]
147d
0x93
Readback Only
EDTV2[7:0]
EDTV 2[7:0]
148d
0x94
Readback Only
EDTV3[7:0]
EDTV 3[7:0]
149d
0x95
Readback Only


Similar Part No. - ADV7189BKSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7189BKSTZ10F AD-ADV7189BKSTZ10F Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results

Similar Description - ADV7189BKSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7183B AD-ADV7183B_15 Datasheet
912Kb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B_15 Datasheet
881Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7181B AD-ADV7181B_15 Datasheet
2Mb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7183A AD-ADV7183A_15 Datasheet
850Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189 AD-ADV7189_15 Datasheet
3Mb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7181 AD-ADV7181 Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
ADV7189 AD-ADV7189 Datasheet
890Kb / 104P
   Multiformat SDTV Video Decoder
REV. A
ADV7183A AD-ADV7183A Datasheet
894Kb / 104P
   Multiformat SDTV Video Decoder
REV. A
ADV7183B AD-ADV7183B Datasheet
911Kb / 100P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com