Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4393 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AKD4393
Description  ADVANCED MULTI-BIT 96KHZ 24-BIT DAC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4393 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AKD4393 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4393 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4393 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4393 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4393 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4393 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4393 Datasheet HTML 13Page - Asahi Kasei Microsystems AKD4393 Datasheet HTML 14Page - Asahi Kasei Microsystems AKD4393 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ASAHI KASEI
[AK4393]
M0039-E-01
2000/5
- 11 -
n Audio Serial Interface Format
Data is shifted in via the SDATA pin using BICK and LRCK inputs. Five data formats are supported and selected by the
DIF0-2 as shown in Table 5. In all formats the serial data is MSB-first, 2's compliment format and is latched on the rising
edge of BICK. Mode 2 can be used for 20 and 16 MSB justified formats by zeroing the unused LSBs.
Mode
DIF2
DIF1
DIF0
Mode
BICK
Figure
0
0
0
0
0: 16bit LSB Justified
³32fs
Figure 1
1
0
0
1
1: 20bit LSB Justified
³40fs
Figure 2
2
0
1
0
2: 24bit MSB Justified
³48fs
Figure 3
30
1
1
3: I
2S Compatible
³48fs
Figure 4
4
1
0
0
4: 24bit LSB Justified
³48fs
Figure 2
Table 5. Audio Data Formats
SDATA
BICK
LRCK
SDATA
15
14
6
5
4
BICK
0
1
10
11
12
13
14
15
0
1
10
11
12
13
14
15
0
1
321
0
15
14
(32fs)
(64fs)
014
1
15
16
17
31
0
1
14
15
16
17
31
0
1
15
14
0
15
14
0
Mode 0
Don’t care
Don’t care
15:MSB, 0:LSB
Mode 0
15
14
6
5
4
3
2
1
0
Lch Data
Rch Data
Figure 1. Mode 0 Timing
SDATA
LRCK
BICK
(64fs)
09
1
10
11
12
31
0
1
9
10
11
12
31
0
1
19
0
19
0
Mode 1
Don’t care
Don’t care
19:MSB, 0:LSB
SDATA
Mode 4
23:MSB, 0:LSB
20
19
0
20
19
0
Don’t care
Don’t care
22
21
22
21
Lch Data
Rch Data
8
23
23
8
Figure 2. Mode 1,4 Timing


Similar Part No. - AKD4393

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4393 AKM-AKD4393 Datasheet
399Kb / 21P
   EVALUATION BOARD REV.C FOR AK4393
AKD4393 AKM-AKD4393 Datasheet
240Kb / 23P
   Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
More results

Similar Description - AKD4393

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4393(VM) AKM-AK4393(VM) Datasheet
774Kb / 24P
   Advanced Multi-Bit 96kHz 24-Bit 6 DAC
AK4393 AKM-AK4393_12 Datasheet
260Kb / 24P
   Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
AK4393 AKM-AK4393_03 Datasheet
240Kb / 23P
   Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
AK4395 AKM-AK4395 Datasheet
277Kb / 26P
   ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
AK4394 AKM-AK4394 Datasheet
299Kb / 26P
   ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
logo
Wolfson Microelectronic...
WM8714 WOLFSON-WM8714 Datasheet
157Kb / 17P
   24-bit, 96kHz Stereo DAC
logo
Asahi Kasei Microsystem...
AK4396 AKM-AK4396 Datasheet
423Kb / 38P
   Advanced Multi-Bit 192kHz 24-Bit ?誇 DAC
AK4386ET AKM-AK4386ET Datasheet
237Kb / 18P
   100dB 96kHz 24-Bit 2ch ?誇 DAC
AK4344 AKM-AK4344 Datasheet
553Kb / 24P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
logo
Analog Devices
AD1838A AD-AD1838A Datasheet
531Kb / 24P
   2 ADC, 6 DAC, 96KHZ 24 BIT CODEC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com