Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4393 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AKD4393
Description  ADVANCED MULTI-BIT 96KHZ 24-BIT DAC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4393 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AKD4393 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4393 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4393 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4393 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4393 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4393 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4393 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4393 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4393 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ASAHI KASEI
[AK4393]
M0039-E-01
2000/5
- 7 -
SWITCHING CHARACTERISTICS
(Ta = 25
°C; AVDD = 4.75~5.25V; DVDD = 3.0~5.25V; C
L = 20pF)
Parameter
Symbol
min
typ
max
Units
Master Clock Timing
Normal Speed: 256fs, Double Speed: 128fs
Pulse Width Low
Pulse Width High
fCLK
tCLKL
tCLKH
7.7
28
28
13.824
MHz
ns
ns
Normal Speed: 384fs, Double Speed: 192fs
Pulse Width Low
Pulse Width High
fCLK
tCLKL
tCLKH
11.5
20
20
20.736
MHz
ns
ns
Normal Speed: 512fs, Double Speed: 256fs
Normal Speed: 768fs, Double Speed: 384fs
Pulse Width Low
Pulse Width High
fCLK
fCLK
tCLKL
tCLKH
15.4
23.0
7
7
27.648
41.472
MHz
MHz
ns
ns
LRCK Frequency
(Note 17)
Normal Speed Mode (DFS = “L”)
Double Speed Mode (DFS = “H”)
Duty Cycle
fsn
fsd
Duty
30
60
45
44.1
88.2
54
108
55
kHz
kHz
%
Serial Interface Timing
BICK Period
BICK Pulse Width Low
Pulse Width High
BICK “
­” to LRCK Edge
(Note 18)
LRCK Edge to BICK “
­”
(Note 18)
SDATA Hold Time
SDATA Setup Time
tBCK
tBCKL
tBCKH
tBLR
tLRB
tSDH
tSDS
140
60
60
20
20
20
20
ns
ns
ns
ns
ns
ns
ns
Control Interface Timing
CCLK Period
CCLK Pulse Width Low
Pulse Width High
CDTI Setup Time
CDTI Hold Time
CSN High Time
CSN “
¯” to CCLK “­”
CCLK “
­” to CSN “­”
tCCK
tCCKL
tCCKH
tCDS
tCDH
tCSW
tCSS
tCSH
200
80
80
50
50
150
50
50
ns
ns
ns
ns
ns
ns
ns
ns
Reset Timing
PDN Pulse Width
(Note 19)
tPW
150
ns
Notes: 17. When the normal and double speed modes are switched, AK4393 should be reset by PDN pin or RSTN bit.
18. BICK rising edge must not occur at the same time as LRCK edge.
19. The AK4393 can be reset by bringing PDN “L” to “H”.
When the states of CKS2-0 or DFS change, the AK4393 should be reset by PDN pin or RSTN bit.


Similar Part No. - AKD4393

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4393 AKM-AKD4393 Datasheet
399Kb / 21P
   EVALUATION BOARD REV.C FOR AK4393
AKD4393 AKM-AKD4393 Datasheet
240Kb / 23P
   Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
More results

Similar Description - AKD4393

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4393(VM) AKM-AK4393(VM) Datasheet
774Kb / 24P
   Advanced Multi-Bit 96kHz 24-Bit 6 DAC
AK4393 AKM-AK4393_12 Datasheet
260Kb / 24P
   Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
AK4393 AKM-AK4393_03 Datasheet
240Kb / 23P
   Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
AK4395 AKM-AK4395 Datasheet
277Kb / 26P
   ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
AK4394 AKM-AK4394 Datasheet
299Kb / 26P
   ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
logo
Wolfson Microelectronic...
WM8714 WOLFSON-WM8714 Datasheet
157Kb / 17P
   24-bit, 96kHz Stereo DAC
logo
Asahi Kasei Microsystem...
AK4396 AKM-AK4396 Datasheet
423Kb / 38P
   Advanced Multi-Bit 192kHz 24-Bit ?誇 DAC
AK4386ET AKM-AK4386ET Datasheet
237Kb / 18P
   100dB 96kHz 24-Bit 2ch ?誇 DAC
AK4344 AKM-AK4344 Datasheet
553Kb / 24P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
logo
Analog Devices
AD1838A AD-AD1838A Datasheet
531Kb / 24P
   2 ADC, 6 DAC, 96KHZ 24 BIT CODEC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com