Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4382 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AKD4382
Description  112dB 192kHz 24-BIT SCH DAC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4382 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AKD4382 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4382 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4382 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4382 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4382 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4382 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4382 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4382 Datasheet HTML 13Page - Asahi Kasei Microsystems AKD4382 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
ASAHI KASEI
[AK4382]
MS0034-E-00
2000/7
- 10 -
MCLK
Sampling Speed
512fs
768fs
Normal
256fs
384fs
Double
128fs
192fs
Quad
Table 5. Sampling Speed (Auto Setting Mode)
LRCK
MCLK (MHz)
fs
128fs
192fs
256fs
384fs
512fs
768fs
Sampling Speed
32.0kHz
-
-
-
-
16.3840
24.5760
44.1kHz
-
-
-
-
22.5792
33.8688
48.0kHz
-
-
-
-
24.5760
36.8640
Normal
88.2kHz
-
-
22.5792
33.8688
-
-
96.0kHz
-
-
24.5760
36.8640
-
-
Double
176.4kHz
22.5792
33.8688
-
-
-
-
192.0kHz
24.5760
36.8640
-
-
-
-
Quad
Table 6. System Clock Example (Auto Setting Mode)
n Audio Serial Interface Format
Data is shifted in via the SDTI pin using BICK and LRCK inputs. The DIF0-2 as shown in Table 7 can select five serial
data modes. In all modes the serial data is MSB-first, 2’s compliment format and is latched on the rising edge of BICK.
Mode 2 can be used for 16/20 MSB justified formats by zeroing the unused LSBs.
Mode
DIF2
DIF1
DIF0
SDTI Format
BICK
Figure
0
0
0
0
16bit LSB Justified
³32fs
Figure 1
1
0
0
1
20bit LSB Justified
³40fs
Figure 2
2
0
1
0
24bit MSB Justified
³48fs
Figure 3
Default
3
0
1
1
24bit I
2S Compatible
³48fs
Figure 4
4
1
0
0
24bit LSB Justified
³48fs
Figure 2
Table 7. Audio Data Formats


Similar Part No. - AKD4382

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4382 AKM-AKD4382 Datasheet
409Kb / 26P
   EVALUATION BOARD REV.A FOR AK4382
AKD4382A-SB AKM-AKD4382A-SB Datasheet
482Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
More results

Similar Description - AKD4382

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C128 AMD-AM27C128 Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
logo
Advanced Linear Devices
ALD555 ALD-ALD555 Datasheet
35Kb / 4P
   112dB 192kHz 24-BIT SCH DAC
logo
Asahi Kasei Microsystem...
AK4382A AKM-AK4382A Datasheet
246Kb / 21P
   112dB 192kHz 24-Bit 2ch DAC
AK4382AVT AKM-AK4382AVT Datasheet
184Kb / 21P
   112dB 192kHz 24-Bit 2ch DS DAC
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
   24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
   24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
   24-bit, 192kHz Stereo DAC
logo
Cirrus Logic
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
   24-bit 192kHz Stereo DAC
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729_06 Datasheet
222Kb / 18P
   24-bit, 192kHz Stereo DAC
WM8726 WOLFSON-WM8726 Datasheet
228Kb / 20P
   24-bit 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com