Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-21065LKSZ-264 Datasheet(PDF) 12 Page - Analog Devices

Part # ADSP-21065LKSZ-264
Description  DSP Microcomputer
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21065LKSZ-264 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADSP-21065LKSZ-264 Datasheet HTML 8Page - Analog Devices ADSP-21065LKSZ-264 Datasheet HTML 9Page - Analog Devices ADSP-21065LKSZ-264 Datasheet HTML 10Page - Analog Devices ADSP-21065LKSZ-264 Datasheet HTML 11Page - Analog Devices ADSP-21065LKSZ-264 Datasheet HTML 12Page - Analog Devices ADSP-21065LKSZ-264 Datasheet HTML 13Page - Analog Devices ADSP-21065LKSZ-264 Datasheet HTML 14Page - Analog Devices ADSP-21065LKSZ-264 Datasheet HTML 15Page - Analog Devices ADSP-21065LKSZ-264 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
REV. C
–12–
ADSP-21065L–SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
Test
C Grade
K Grade
Parameter
Conditions
Min
Max
Min
Max
Unit
VDD
Supply Voltage
3.13
3.60
3.13
3.60
V
TCASE
Case Operating Temperature
–40
+100
0
+85
∞C
VIH
High Level Input Voltage
@ VDD = max
2.0
VDD + 0.5
2.0
VDD + 0.5
V
VIL1
Low Level Input Voltage1
@ VDD = min
–0.5
0.8
–0.5
0.8
V
VIL2
Low Level Input Voltage
2
@ VDD = min
–0.5
0.7
–0.5
0.7
V
NOTE
See Environmental Conditions for information on thermal specifications.
ELECTRICAL CHARACTERISTICS
C and K Grades
Parameter
Test Conditions
Min
Max
Unit
VOH
High Level Output Voltage
3
@ VDD = min, IOH = –2.0 mA
4
2.4
V
VOL
Low Level Output Voltage
3
@ VDD = min, IOL = 4.0 mA
4
0.4
V
IIH
High Level Input Current
5
@ VDD = max, VIN = VDD max
10
mA
IIL
Low Level Input Current
5
@ VDD = max, VIN = 0 V
10
mA
IILP
Low Level Input Current
6
@ VDD = max, VIN = 0 V
150
mA
IOZH
Three-State Leakage Current
7, 8, 9, 10
@ VDD = max, VIN = VDD max
10
mA
IOZL
Three-State Leakage Current
7
@ VDD = max, VIN = 0 V
8
mA
IOZLS
Three-State Leakage Current
8
@ VDD = max, VIN = 0 V
150
mA
IOZLA
Three-State Leakage Current
11
@ VDD = max, VIN = 1.5 V
350
mA
IOZLAR
Three-State Leakage Current
10
@ VDD = max, VIN = 0 V
4
mA
IOZLC
Three-State Leakage Current
9
@ VDD = max, VIN = 0 V
1.5
mA
CIN
Input Capacitance
12, 13
fIN = 1 MHz, TCASE = 25
∞C, VIN = 2.5 V
8
pF
NOTES
1 Applies to input and bidirectional pins: DATA
31-0, ADDR23-0, BSEL, RD, WR, SW, ACK, SBTS, IRQ2-0, FLAG11-0, HBG, CS, DMAR1, DMAR2, BR2-1, ID2-0,
RPBA,
CPA, TFS0, TFS1, RFS0, RFS1, BMS, TMS, TDI, TCK, HBR, DR0A, DR1A, DR0B, DR1B, TCLK0, TCLK1, RCLK0, RCLK1, RESET, TRST,
PWM_EVENT0, PWM_EVENT1,
RAS, CAS, SDWE, SDCKE.
2 Applies to input pin CLKIN.
3 Applies to output and bidirectional pins: DATA
31-0, ADDR23-0, MS3-0, RD, WR, SW, ACK, FLAG11-0, HBG, REDY, DMAG1, DMAG2, BR2-1, CPA, TCLK0,
TCLK1, RCLK0, RCLK1, TFS0, TFS1, RFS0, RFS1, DT0A, DT1A, DT0B, DT1B, XTAL,
BMS, TDO, EMU, BMSTR, PWM_EVENT0, PWM_EVENT1,
RAS, CAS, DQM, SDWE, SDCLK0, SDCLK1, SDCKE, SDA10.
4 See Output Drive Currents for typical drive current capabilities.
5 Applies to input pins: ACK,
SBTS, IRQ
2-0, HBR, CS, DMAR1, DMAR2, ID1-0, BSEL, CLKIN, RESET, TCK (Note that ACK is pulled up internally with 2 k
W
during reset in a multiprocessor system, when ID1-0 = 01 and another ADSP-21065L is not requesting bus mastership.)
6Applies to input pins with internal pull-ups: DR0A, DR1A, DR0B, DR1B,
TRST, TMS, TDI.
7Applies to three-statable pins: DATA
31-0, ADDR23-0, MS3-0, RD, WR, SW, ACK, FLAG11-0, REDY, HBG, DMAG1, DMAG2, BMS, TDO, RAS, CAS, DQM,
SDWE, SDCLK0, SDCLK1, SDCKE, SDA10, and EMU (Note that ACK is pulled up internally with 2 k
W during reset in a multiprocessor system, when ID1-0 =
01 and another ADSP-21065L is not requesting bus mastership).
8 Applies to three-statable pins with internal pull-ups: DT0A, DT1A, DT0B, DT1B, TCLK0, TCLK1, RCLK0, RCLK1.
9Applies to
CPA pin.
10Applies to ACK pin when pulled up.
11 Applies to ACK pin when keeper latch enabled.
12 Guaranteed but not tested.
13 Applies to all signal pins.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +4.6 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . –0.5 V to VDD + 0.5 V
Output Voltage Swing . . . . . . . . . . . . . . –0.5 V to VDD + 0.5 V
Load Capacitance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200 pF
Junction Temperature Under Bias . . . . . . . . . . . . . . . . . 130
∞C
Storage Temperature Range . . . . . . . . . . . . . –65
∞C to +150∞C
Lead Temperature (5 seconds) . . . . . . . . . . . . . . . . . . . 280
∞C
*Stresses greater than those listed above may cause permanent damage to the device.
These are stress ratings only; functional operation of the device at these or any other
conditions greater than those indicated in the operational sections of this specifica-
tion is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
ESD SENSITIVITY
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADSP-21065L features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - ADSP-21065LKSZ-264

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21065LKSZ-240 AD-ADSP-21065LKSZ-240 Datasheet
588Kb / 44P
   DSP Microcomputer
REV. C
More results

Similar Description - ADSP-21065LKSZ-264

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com