Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9861BCP-80 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9861BCP-80
Description  Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9861BCP-80 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9861BCP-80 Datasheet HTML 5Page - Analog Devices AD9861BCP-80 Datasheet HTML 6Page - Analog Devices AD9861BCP-80 Datasheet HTML 7Page - Analog Devices AD9861BCP-80 Datasheet HTML 8Page - Analog Devices AD9861BCP-80 Datasheet HTML 9Page - Analog Devices AD9861BCP-80 Datasheet HTML 10Page - Analog Devices AD9861BCP-80 Datasheet HTML 11Page - Analog Devices AD9861BCP-80 Datasheet HTML 12Page - Analog Devices AD9861BCP-80 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
AD9861
Rev. 0 | Page 9 of 52
Pin No.
Name1
Description2, 3
34
AUX_SPI_CLK
CLK for AuxSPI.
35–44
L9–L0
Lower Data Bit 9 to Lower Data Bit 0.
45
AUX3
Configurable as either AuxADC_B or AuxDAC_C.
46
RESET
Chip Reset When Low.
47
AUX_ADC_REF
Decoupling for AuxADC On-Chip Reference.
48
CLKIN
Clock Input.
52
REFB
ADC Bottom Reference.
54, 55
VIN+B, VIN−B
ADC B Differential Input.
56
VREF
ADC Band Gap Reference.
57, 58
VIN−A, VIN+A
ADC A Differential Input.
60
REFT
ADC Top Reference.
62
RxPwrDwn
Rx Analog Power-Down Control.
63
TxPwrDwn
Tx Analog Power-Down Control.
64
SPI_CS
SPI: Serial Port Chip Select. At power-up or reset, this must be high.
No SPI: Tie low to disable SPI and use mode pins. This pin must be tied low.
1 Underlined pin names and descriptions apply when the device is configured without a serial port interface, referred to as no SPI mode.
2 Pin function depends if the serial port is used to configure the AD9861 (called SPI mode) or if mode pins are used to configure the AD9861 (called No SPI mode). The
differences are indicated by the SPI and No SPI labels in the description column.
3 Some pin descriptions depend on the interface configuration, full-duplex (FD), half-duplex interleaved data (HD10), half-duplex parallel data (HD20), and a half-duplex
interface similar to the AD9860 and AD9862 data interface called clone mode (Clone). Clone mode requires a serial port interface.


Similar Part No. - AD9861BCP-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9861BCP-80 AD-AD9861BCP-80 Datasheet
1Mb / 52P
   Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
Rev. 0
More results

Similar Description - AD9861BCP-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9863 AD-AD9863 Datasheet
997Kb / 40P
   Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
REV. A
AD9863-50EBZ AD-AD9863-50EBZ Datasheet
997Kb / 40P
   Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
REV. A
AD9861 AD-AD9861 Datasheet
1Mb / 52P
   Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
Rev. 0
AD9863 AD-AD9863_15 Datasheet
997Kb / 40P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. A
AD9861 AD-AD9861_15 Datasheet
1Mb / 52P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. 0
AD9862BSTZ AD-AD9862BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV. 0
AD9860 AD-AD9860 Datasheet
617Kb / 32P
   Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV. 0
AD9878 AD-AD9878 Datasheet
749Kb / 36P
   Mixed-Signal Front End for Broadband Applications
REV. A
AD9878 AD-AD9878_15 Datasheet
755Kb / 36P
   Mixed-Signal Front End for Broadband Applications
REV. A
AD9993 AD-AD9993 Datasheet
2Mb / 56P
   Integrated Mixed-Signal Front End (MxFE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com