Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7663ASTRL Datasheet(PDF) 8 Page - Analog Devices

Part # AD7663ASTRL
Description  16-Bit, 250 kSPS CMOS ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7663ASTRL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7663ASTRL Datasheet HTML 4Page - Analog Devices AD7663ASTRL Datasheet HTML 5Page - Analog Devices AD7663ASTRL Datasheet HTML 6Page - Analog Devices AD7663ASTRL Datasheet HTML 7Page - Analog Devices AD7663ASTRL Datasheet HTML 8Page - Analog Devices AD7663ASTRL Datasheet HTML 9Page - Analog Devices AD7663ASTRL Datasheet HTML 10Page - Analog Devices AD7663ASTRL Datasheet HTML 11Page - Analog Devices AD7663ASTRL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
REV. B
AD7663
–8–
DEFINITION OF SPECIFICATIONS
Integral Nonlinearity Error (INL)
Linearity error refers to the deviation of each individual code
from a line drawn from “negative full scale” through “positive
full scale.” The point used as negative full scale occurs 1/2 LSB
before the first code transition. Positive full scale is defined as a
level 1 1/2 LSB beyond the last code transition. The deviation is
measured from the middle of each code to the true straight line.
Differential Nonlinearity Error (DNL)
In an ideal ADC, code transitions are 1 LSB apart. Differential
nonlinearity is the maximum deviation from this ideal value. It is
often specified in terms of resolution for which no missing codes
are guaranteed.
Full-Scale Error
The last transition (from 011 . . . 10 to 011 ... 11 in twos
complement coding) should occur for an analog voltage 1 1/2 LSB
below the nominal full scale (2.499886 V for the ±2.5 V range).
The full-scale error is the deviation of the actual level of the last
transition from the ideal level.
Bipolar Zero Error
The difference between the ideal midscale input voltage (0 V) and
the actual voltage producing the midscale output code.
Unipolar Zero Error
In Unipolar Mode, the first transition should occur at a level
1/2 LSB above analog ground. The unipolar zero error is the
deviation of the actual transition from that point.
Spurious-Free Dynamic Range (SFDR)
The difference, in decibels (dB), between the rms amplitude of
the input signal and the peak spurious signal.
Effective Number of Bits (ENOB)
A measurement of the resolution with a sine wave input. It is
related to S/(N+D) by the following formula:
ENOB
S N
D
dB
=+
[] - )
()
176 602
..
and is expressed in bits.
Total Harmonic Distortion (THD)
The ratio of the rms sum of the first five harmonic components to
the rms value of a full-scale input signal, expressed in decibels.
Signal-to-Noise Ratio (SNR)
The ratio of the rms value of the actual input signal to the rms
sum of all other spectral components below the Nyquist fre-
quency, excluding harmonics and dc. The value for SNR is
expressed in decibels.
Signal-to-(Noise + Distortion) Ratio (S/[N+D])
The ratio of the rms value of the actual input signal to the
rms sum of all other spectral components below the Nyquist
frequency, including harmonics but excluding dc. The value for
S/(N+D) is expressed in decibels.
Aperture Delay
A measure of the acquisition performance measured from the
falling edge of the
CNVST input to when the input signal is
held for a conversion.
Transient Response
The time required for the AD7663 to achieve its rated accuracy
after a full-scale step function is applied to its input.


Similar Part No. - AD7663ASTRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7663ASTRL AD-AD7663ASTRL Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
AD7663ASTRL AD-AD7663ASTRL Datasheet
477Kb / 25P
   16-Bit, 250 kSPS CMOS ADC
More results

Similar Description - AD7663ASTRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7663 AD-AD7663 Datasheet
477Kb / 25P
   16-Bit, 250 kSPS CMOS ADC
AD7663ASTZRL AD-AD7663ASTZRL Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
AD7663 AD-AD7663_15 Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
AD7660 AD-AD7660 Datasheet
218Kb / 20P
   16-Bit, 100 kSPS CMOS ADC
REV. 0
AD7665 AD-AD7665 Datasheet
348Kb / 24P
   16-Bit, 570 kSPS CMOS ADC
REV. 0
AD7665ACPZ AD-AD7665ACPZ Datasheet
355Kb / 23P
   16-Bit, 570 kSPS CMOS ADC
REV. C
AD7722ASZ AD-AD7722ASZ Datasheet
386Kb / 24P
   16-Bit, 195 kSPS CMOS,-ADC
REV. B
AD7665 AD-AD7665_17 Datasheet
413Kb / 24P
   16-Bit, 570 kSPS CMOS ADC
AD7664 AD-AD7664 Datasheet
392Kb / 19P
   16-Bit, 570 kSPS CMOS ADC
REV. 0
AD7665 AD-AD7665_15 Datasheet
355Kb / 23P
   16-Bit, 570 kSPS CMOS ADC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com