Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7538JN Datasheet(PDF) 7 Page - Analog Devices

Part # AD7538JN
Description  LC2MOS Microprocessor-Compatible 14-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7538JN Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7538JN Datasheet HTML 3Page - Analog Devices AD7538JN Datasheet HTML 4Page - Analog Devices AD7538JN Datasheet HTML 5Page - Analog Devices AD7538JN Datasheet HTML 6Page - Analog Devices AD7538JN Datasheet HTML 7Page - Analog Devices AD7538JN Datasheet HTML 8Page - Analog Devices AD7538JN Datasheet HTML 9Page - Analog Devices AD7538JN Datasheet HTML 10Page - Analog Devices AD7538JN Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD7538
Rev. B | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VREF 1
RFB 2
IOUT 3
AGND 4
VSS
24
VDD
23
WR
22
CS
21
DGND 5
(MSB) DB13 6
DB12 7
LDAC
20
DB0 (LSB)
19
DB1
18
DB11 8
DB2
17
DB10 9
DB3
16
DB9 10
DB4
15
DB8 11
DB5
14
DB7 12
DB6
13
AD7538
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 5. Pin Function Description
Pin No.
Mnemonic
Description
1
VREF
Voltage Reference.
2
RFB
Feedback Resistor. Used to close the loop around an external op amp.
3
IOUT
Current Output Terminal.
4
AGND
Analog Ground
5
DGND
Digital Ground.
6 to 19
DB13 to DB0
Data Inputs. Bit DB13 (MSB) to Bit DB0 (LSB).
20
LDAC
Chip Select Input. Active low.
21
CS
Asynchronous Load DAC Input. Active low.
22
WR
Write Input. Active low.
CS
LDAC
WR
Operation
0
1
0
Load input register.
1
0
X1
Load DAC register from input register.
0
0
0
Input and DAC registers are transparent.
1
1
X1
No operation.
X
X
1
1
1
No operation.
23
VDD
+12 V to +15 V Supply Input.
24
VSS
Bias pin for high temperature low leakage configuration. To implement low leakage system, the pin should be
at a negative voltage. See Figure 6 and Figure 8 for recommended circuitry.
1 X = don’t care.


Similar Part No. - AD7538JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7538JN AD-AD7538JN Datasheet
148Kb / 8P
   LC2MOS uP-Compatible 14-Bit DAC
REV. A
AD7538JN AD-AD7538JN Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538JNZ AD-AD7538JNZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
More results

Similar Description - AD7538JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7535 AD-AD7535 Datasheet
496Kb / 12P
   LC2MOS uP-COMPATIBLE 14-BIT DAC
REV. A
AD7536 AD-AD7536 Datasheet
620Kb / 12P
   LC2MOS 14-BIT uP-COMPATIBLE DAC
AD7538 AD-AD7538 Datasheet
148Kb / 8P
   LC2MOS uP-Compatible 14-Bit DAC
REV. A
AD7538 AD-AD7538_15 Datasheet
306Kb / 16P
   Microprocessor-Compatible 14-Bit DAC
REV. B
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7548 AD-AD7548 Datasheet
612Kb / 7P
   LC2MOS 8-BIT uP COMPATIBLE 12-BIT DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com