Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1005CH1H331J Datasheet(PDF) 6 Page - TDK Electronics

Part # C1005CH1H331J
Description  Multilayer Ceramic Chip Capacitors
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C1005CH1H331J Datasheet(HTML) 6 Page - TDK Electronics

Back Button C1005CH1H331J Datasheet HTML 2Page - TDK Electronics C1005CH1H331J Datasheet HTML 3Page - TDK Electronics C1005CH1H331J Datasheet HTML 4Page - TDK Electronics C1005CH1H331J Datasheet HTML 5Page - TDK Electronics C1005CH1H331J Datasheet HTML 6Page - TDK Electronics C1005CH1H331J Datasheet HTML 7Page - TDK Electronics C1005CH1H331J Datasheet HTML 8Page - TDK Electronics C1005CH1H331J Datasheet HTML 9Page - TDK Electronics C1005CH1H331J Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
(5/30)
006-03 / 20100409 / e412_c.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
C Series C1005(EIA CC0402) Type
FEATURES
• High capacitance has been achieved through precision
technologies that enable the use of multiple thinner ceramic
dielectric layers.
• A monolithic structure ensures superior mechanical strength and
reliability.
• High-accuracy automatic mounting is facilitated through the
maintenance of very precise dimensional tolerances.
• Composed of only ceramics and metals, these capacitors
provide extremely dependable performance, exhibiting virtually
no degradation even when subjected to temperature extremes.
• Low stray capacitance ensures high conformity with nominal
values, thereby simplifying the circuit design process.
• Low residual inductance assures superior frequency
characteristics.
• Because electrostatic capacity has been obtained up to the
electrolytic capacitor range, these capacitors offer long service
life and are optimally suited for power supply designs that
require high levels of reliability.
• Owing to their low ESR and excellent frequency characteristics,
these products are optimally suited for high frequency and high-
density type power supplies.
SHAPES AND DIMENSIONS
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
×W
(3) Capacitance temperature characteristics
Class 1 (Temperature compensation)
Class 2 (Temperature stable and general purpose)
(4) Rated voltage Edc
(5) Nominal capacitance
The capacitance is expressed in three digit codes and in units of
pico farads (pF).
The first and second digits identify the first and second significant
figures of the capacitance.
The third digit identifies the multiplier.
R designates a decimal point.
(6) Capacitance tolerance
(7) Packaging style
Conformity to RoHS Directive
0.1min.
1.0±0.05
Dimensions in mm
C 1005 CH 1H 100 D
(1)
(2)
(3) (4) (5) (6) (7)
1005
1.0
×0.5mm
Temperature
characteristics
Capacitance change
Temperature range
CH
0±60ppm/°C
–25 to +85°C
C0G
0±30ppm/°C
–55 to +125°C
Temperature
characteristics
Capacitance change
Temperature range
JB
±10%
–25 to +85°C
JF
+30, –80%
–25 to +85°C
X7R
±15%
–55 to +125°C
X5R
±15%
–55 to +85°C
Y5V
+22, –82%
–30 to +85°C
X6S
±22%
–55 to +105°C
0G
4V
0J
6.3V
1A
10V
1C
16V
1E
25V
1H
50V
010
1pF
100
10pF
102
1,000pF
0R5
0.5pF
Symbol
Tolerance
Applicable capacitance
range
C
±0.25pF
10pF or less
D
±0.5pF
J±5%
Over 10pF
K
±10%
M
±20%
Z
+80, –20%
T
Taping (reel)
BBulk
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - C1005CH1H331J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1005CH1H331J TDK-C1005CH1H331J Datasheet
101Kb / 15P
   General Multilayer Ceramic Chip Capacitors C Series
C1005CH1H331J050BA TDK-C1005CH1H331J050BA Datasheet
130Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005CH1H331J050BA TDK-C1005CH1H331J050BA_17 Datasheet
185Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C1005CH1H331J

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com