Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5280BRU20 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5280BRU20
Description  Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5280BRU20 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5280BRU20 Datasheet HTML 6Page - Analog Devices AD5280BRU20 Datasheet HTML 7Page - Analog Devices AD5280BRU20 Datasheet HTML 8Page - Analog Devices AD5280BRU20 Datasheet HTML 9Page - Analog Devices AD5280BRU20 Datasheet HTML 10Page - Analog Devices AD5280BRU20 Datasheet HTML 11Page - Analog Devices AD5280BRU20 Datasheet HTML 12Page - Analog Devices AD5280BRU20 Datasheet HTML 13Page - Analog Devices AD5280BRU20 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD5280/AD5282
Rev. C | Page 10 of
28
–54
FREQUENCY (Hz)
–60
0
10k
100k
1M
0
–30
–24
–12
–18
–6
–36
–48
–42
T = 25°C
FREQUENCY (MHz)
80
40
60
20
0
100
1000
10k
100k
1M
R = 20kΩ
310kHz
CODE = 80H, VA = VDD, VB = 0V
A
VDD/VSS = ±5V
VA = 50mV rms
R = 50kΩ
150kHz
R = 200kΩ
35kHz
–PSRR @ VDD/VSS = ±5V
DC ±10% p-p AC
+PSRR @ VDD/VSS = ±5V
DC ±10% p-p AC
Figure 24.
−3 dB Bandwidth
FREQUENCY (Hz)
–6dB
100
1k
10k
100k
TA = 25°C
VDD/VSS = ±5V
R = 200kΩ
R = 20kΩ
R = 50kΩ
Figure 25. Normalized Gain Flatness vs. Frequency
FREQUENCY (Hz)
500
300
400
200
100
0
10k
100k
1M
10M
TA = 25°C
VDD/VSS = ±5V
CODE = 55H
CODE = 55H
Figure 26. VLOGIC Supply Current vs. Frequency
Figure 27. PSRR vs. Frequency
A2
1.2V
852.0µs
2.04µs
Figure 28. Midscale Glitch Energy Code 0x80 to 0x7F
CH1 5.00V
CH2 5.00V
M100ns
A CH1
0V
VW
CS
2
1
+5V
–5V
T
Figure 29. Large Signal Settling Time


Similar Part No. - AD5280BRU20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5280BRU20 AD-AD5280BRU20 Datasheet
156Kb / 10P
   15V, I2C Compatible Digital Potentiometers
REV PrE 12 MAR 02
AD5280BRU200 AD-AD5280BRU200 Datasheet
156Kb / 10P
   15V, I2C Compatible Digital Potentiometers
REV PrE 12 MAR 02
More results

Similar Description - AD5280BRU20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5280 AD-AD5280_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5280BRUZ200 AD-AD5280BRUZ200 Datasheet
964Kb / 28P
   Single/Dual, 15 V/짹5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5282 AD-AD5282_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, IC-Compatible Digital Potentiometer
REV. C
AD5243 AD-AD5243 Datasheet
1,012Kb / 20P
   Dual 256-Position I2C Compatible Digital Potentiometer
REV. 0
logo
ON Semiconductor
CAT5271 ONSEMI-CAT5271 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com