Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5280BRU20 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5280BRU20
Description  Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5280BRU20 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5280BRU20 Datasheet HTML 3Page - Analog Devices AD5280BRU20 Datasheet HTML 4Page - Analog Devices AD5280BRU20 Datasheet HTML 5Page - Analog Devices AD5280BRU20 Datasheet HTML 6Page - Analog Devices AD5280BRU20 Datasheet HTML 7Page - Analog Devices AD5280BRU20 Datasheet HTML 8Page - Analog Devices AD5280BRU20 Datasheet HTML 9Page - Analog Devices AD5280BRU20 Datasheet HTML 10Page - Analog Devices AD5280BRU20 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD5280/AD5282
Rev. C | Page 7 of
28
–1.0
0
32
96
160
224
64
128
192
256
TYPICAL PERFORMANCE CHARACTERISTICS
CODE (Decimal)
1.0
0.8
0.6
0.4
0.2
–0.2
–0.6
–0.8
0
–0.4
±5V
+15V
+5V
RAB = 20kΩ
TA = 25°C
Figure 6. R-INL vs. Code vs. Supply Voltages
CODE (Decimal)
0.5
0.4
0.3
0.2
0.1
–0.1
–0.3
–0.8
0
–0.2
CODE (Decimal)
0.5
0.4
0.3
0.2
0.1
–0.1
–0.3
–0.4
0
–0.2
–0.5
0
32
96
160
224
64
128
192
256
RAB = 20kΩ
TA = –40°C
TA = +85°C
TA = +25°C
Figure 9. DNL vs. Code, VDD/VSS = ±5 V
CODE (Decimal)
1.0
0.8
0.6
0.4
0.2
–0.2
–0.6
–0.8
0
–0.4
–1.0
0
32
96
160
224
64
128
192
256
–0.5
0
32
96
160
224
64
128
192
256
±5V
+15V
+5V
RAB = 20kΩ
TA = 25°C
Figure 7. R-DNL vs. Code vs. Supply Voltages
CODE (Decimal)
–1.0
0
32
96
160
224
64
128
192
256
1.0
0.8
0.6
0.4
0.2
–0.2
–0.6
–0.8
0
–0.4
TA = +85°C
TA = –40°C
TA = +25°C
RAB = 20kΩ
Figure 8. INL vs. Code, VDD/VSS = ±5 V
±5V
+5V
RAB = 20kΩ
TA = 25°C
+15V
0.5
0.4
0.3
0.2
0.1
–0.1
–0.3
–0.4
0
–0.2
–0.5
0
32
96
160
224
64
128
192
256
Figure 10. INL vs. Code vs. Supply Voltages
CODE (Decimal)
RAB = 20kΩ
TA = 25°C
±5V
+5V
+15V
Figure 11. DNL vs. Code vs. Supply Voltages


Similar Part No. - AD5280BRU20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5280BRU20 AD-AD5280BRU20 Datasheet
156Kb / 10P
   15V, I2C Compatible Digital Potentiometers
REV PrE 12 MAR 02
AD5280BRU200 AD-AD5280BRU200 Datasheet
156Kb / 10P
   15V, I2C Compatible Digital Potentiometers
REV PrE 12 MAR 02
More results

Similar Description - AD5280BRU20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5280 AD-AD5280_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5280BRUZ200 AD-AD5280BRUZ200 Datasheet
964Kb / 28P
   Single/Dual, 15 V/짹5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5282 AD-AD5282_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, IC-Compatible Digital Potentiometer
REV. C
AD5243 AD-AD5243 Datasheet
1,012Kb / 20P
   Dual 256-Position I2C Compatible Digital Potentiometer
REV. 0
logo
ON Semiconductor
CAT5271 ONSEMI-CAT5271 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com