Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5282 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5282
Description  Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5282 Datasheet(HTML) 4 Page - Analog Devices

  AD5282 Datasheet HTML 1Page - Analog Devices AD5282 Datasheet HTML 2Page - Analog Devices AD5282 Datasheet HTML 3Page - Analog Devices AD5282 Datasheet HTML 4Page - Analog Devices AD5282 Datasheet HTML 5Page - Analog Devices AD5282 Datasheet HTML 6Page - Analog Devices AD5282 Datasheet HTML 7Page - Analog Devices AD5282 Datasheet HTML 8Page - Analog Devices AD5282 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD5280/AD5282
Rev. C | Page 4 of
28
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
Total Harmonic Distortion
THDW
VA = 1 V rms, RAB = 20 kΩ
0.014
%
VB = 0 V dc, f = 1 kHz
VW Settling Time
tS
VA = 5 V, VB = 5 V, ±1 LSB error band
5
μs
Crosstalk
CT
VA = VDD, VB = 0 V, measure VW1 with
adjacent RDAC making full-scale
code change
15
nV-s
Analog Crosstalk
CTA
Measure VW1 with VW2 = 5 V p-p @ f =
10 kHz
−62
dB
Resistor Noise Voltage
eN_WB
RWB = 20 kΩ, f = 1 kHz
18
nV/√Hz
INTERFACE TIMING CHARACTERISTICS (applies to all parts)6, 10, 11
SCL Clock Frequency
fSCL
0
400
kHz
tBUF Bus Free Time Between
Stop and Start
t1
1.3
μs
tHD:STA Hold Time (Repeated
Start)
t2
After this period, the first clock pulse
is generated
0.6
μs
tLOW Low Period of SCL Clock
t3
1.3
μs
tHIGH High Period of SCL Clock
t4
0.6
μs
tSU:STA Setup Time for Start
Condition
t5
0.6
μs
tHD:DAT Data Hold Time
t6
0
0.9
μs
tSU:DAT Data Setup Time
t7
100
ns
tF Fall Time of Both SDA and
SCL Signals
t8
300
ns
tR Rise Time of Both SDA and
SCL Signals
t9
300
ns
tSU:STO Setup Time for STOP
Condition
t10
0.6
μs
1 Typicals represent average readings at 25°C, VDD = +5 V, VSS = −5 V.
2 Resistor position nonlinearity error R-INL is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from ideal between successive tap positions. Parts are guaranteed monotonic.
3 VAB = VDD, wiper (VW) = no connect.
4 INL and DNL are measured at VW with the RDAC configured as a potentiometer divider similar to a voltage output DAC. VA = VDD and VB = 0 V. DNL specification limits
of ±1 LSB maximum are guaranteed monotonic operating conditions.
5 Resistor Terminal A, Resistor Terminal B, and Wiper Terminal W have no limitations on polarity with respect to each other.
6 Guaranteed by design and not subject to production test.
7 PDISS is calculated from (IDD × VDD). CMOS logic level inputs result in minimum power dissipation.
8 Bandwidth, noise, and settling time are dependent on the terminal resistance value chosen. The lowest R value results in the fastest settling time and highest
bandwidth. The highest R value results in the minimum overall power consumption.
9 All dynamic characteristics use VDD = 5 V.
10 See timing diagram (Figure 3) for location of measured values.
11 Standard I2C mode operation is guaranteed by design.
t1
t2
t3
t8
t8
t9
t9
t6
t4
t7
t5
t2
t10
PS
S
SCL
SDA
P
Figure 3. Detailed Timing Diagram


Similar Part No. - AD5282

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5282 AD-AD5282 Datasheet
156Kb / 10P
   15V, I2C Compatible Digital Potentiometers
REV PrE 12 MAR 02
AD5282BRU20 AD-AD5282BRU20 Datasheet
156Kb / 10P
   15V, I2C Compatible Digital Potentiometers
REV PrE 12 MAR 02
AD5282BRU200 AD-AD5282BRU200 Datasheet
156Kb / 10P
   15V, I2C Compatible Digital Potentiometers
REV PrE 12 MAR 02
AD5282BRU50 AD-AD5282BRU50 Datasheet
156Kb / 10P
   15V, I2C Compatible Digital Potentiometers
REV PrE 12 MAR 02
AD5282 AD-AD5282_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, IC-Compatible Digital Potentiometer
REV. C
More results

Similar Description - AD5282

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5280 AD-AD5280_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5280BRUZ200 AD-AD5280BRUZ200 Datasheet
964Kb / 28P
   Single/Dual, 15 V/짹5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5282 AD-AD5282_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, IC-Compatible Digital Potentiometer
REV. C
AD5243 AD-AD5243 Datasheet
1,012Kb / 20P
   Dual 256-Position I2C Compatible Digital Potentiometer
REV. 0
logo
ON Semiconductor
CAT5271 ONSEMI-CAT5271 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com