Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD835ARZ Datasheet(PDF) 8 Page - Analog Devices

Part No. AD835ARZ
Description  250 MHz, Voltage Output,4-Quadrant Multiplier
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD835ARZ Datasheet(HTML) 8 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD835
Rev. D | Page 8 of 16
+1V
–1V
GND
500mV
10ns
Figure 9. Large Signal Pulse Response at W Output, RL = 150 Ω, CL ≤ 5 pF,
X Channel = ±1.0 V, Y Channel = ±1.0 V
0
20
40
60
80
1M
10M
100M
1G
FREQUENCY (Hz)
Figure 10. CMRR vs. Frequency for X or Y Channel, RL = 150 Ω, CL ≤ 5 pF
–10
–20
–30
–40
–50
–60
300k
1M
10M
100M
1G
PSSR ON V–
PSSR ON V+
0dBm ON SUPPLY
X, Y = 1V
FREQUENCY (Hz)
Figure 11. PSRR vs. Frequency for V+ and V– Supply
10dB/DIV
10MHz
20MHz
30MHz
Figure 12. Harmonic Distortion at 10 MHz; 10 dBm Input to X or Y Channels,
RL = 150 Ω, CL = ≤ 5 pF
10dB/DIV
100MHz
50MHz
150MHz
Figure 13. Harmonic Distortion at 50 MHz, 10 dBm Input to X or Y Channel,
RL = 150 Ω, CL ≤ 5 pF
10dB/DIV
200MHz
100MHz
300MHz
Figure 14. Harmonic Distortion at 100 MHz, 10 dBm Input to X or Y Channel,
RL = 150 Ω, CL ≤ 5 pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn