Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2954AM3-3-3 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX2954AM3-3-3
Description  250mA Low Dropout Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2954AM3-3-3 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX2954AM3-3-3 Datasheet HTML 1Page - Sipex Corporation SPX2954AM3-3-3 Datasheet HTML 2Page - Sipex Corporation SPX2954AM3-3-3 Datasheet HTML 3Page - Sipex Corporation SPX2954AM3-3-3 Datasheet HTML 4Page - Sipex Corporation SPX2954AM3-3-3 Datasheet HTML 5Page - Sipex Corporation SPX2954AM3-3-3 Datasheet HTML 6Page - Sipex Corporation SPX2954AM3-3-3 Datasheet HTML 7Page - Sipex Corporation SPX2954AM3-3-3 Datasheet HTML 8Page - Sipex Corporation SPX2954AM3-3-3 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Date: 12/9/05
SPX2954, 250mA Low Dropout Voltage Regulator
© Copyright 2005 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
Power Dissipation........................................Internally Limited
Lead Temperature (soldering, 5 seconds)
................260°C
Storage Temperature Range........................-65°C to +150°C
Operating Junction Temperature Range......-40°C to +125°C
Input Supply Voltage...........................................-0.3V to +30V
Feedback Input Voltage....................................-1.5V to +30V
Shutdown Input Voltage .................................-0.3V to +30V
Error Comparator Output...................................-0.3V to +30V
ESD Rating................................................................2kV Min
SPX2954A
SPX2954
PARAMETER
CONDITIONS
MIN.
TYP.
MAX
MIN.
TYP. MAX.
UNIT
3.3 V Versions
Output Voltage
TJ=25°C
3.284
3.3
3.317
3.267
3.3
3.333
V
-25°C≤TJ≤85°C
3.267
3.3
3.333
3.251
3.3
3.350
Full Operating Temp.
3.260
3.3
3.340
3.234
3.3
3.366
Output Voltage
100µA ≤IL ≤250 mA
3.251
3.3
3.350
3.201
3.3
3.399
V
TJ ≤TJMAX
5 V Versions
Output Voltage
TJ = 25°C
4.975
5.0
5.025
4.950
5.0
5.050
V
-25°C ≤TJ ≤85°C
4.950
5.0
5.050
4.925
5.0
5.075
Full Operating Temp.
4.940
5.0
5.060
4.900
5.0
5.100
Output Voltage
100µA ≤IL ≤250 mA
4.925
5.0
5.075
4.850
5.0
5.150
V
TJ ≤TJMAX
All Voltage Options
Output Voltage
(NOTE 1)
20
100
50
150
ppm/°C
Temperature Coefficient
Line Regulation (NOTE 3)
VO+1V≤VIN≤30V |
0.03
0.10
0.04
0.20
%
(NOTE 4)
Load Regulation (NOTE 3)
100 µA≤IL≤250 mA
0.04
0.20
0.10
0.30
%
Dropout Voltage
IL = 1mA
60
100
60
100
mV
(NOTE 5)
IL = 100 mA
290
450
290
450
IL = 250 mA
310
500
310
500
Ground Current
IL = 1mA
150
170
150
170
µA
IL = 100 mA
3
6
3
6
mA
IL = 250 mA
10
14
10
14
mA
Current Limit
VOUT = 0
270
550
270
550
mA
Thermal Regulation
0.05
0.2
0.05
0.2
%/W
Output Noise,
CL = 1µF
430
430
µV rms
10Hz to 100kHz
CL = 200 µF
160
160
µV rms
CL = 3.3 µF, Bypass=
100
100
µV rms
0.01µF from Pin 7 to
Pin 1 (8 pin Versions)
8-Pin Versions only
Reference Voltage
1.220
1.235
1.250
1.210 1.235 1.260
V
Reference Voltage
Over Temp (NOTE 6)
1.190
1.270
1.185
1.285
V
Feedback Pin
40
60
40
60
nA
Bias Current
Vref Temperature
20
50
ppm/°C
Coefficient
Feedback IBIAS
0.1
0.1
nA/°C
Temperature Coefficient
ELECTRICAL CHARACTERISTICS V
IN =VO + 1V, IL=100µA, CL=1µF (
NOTE
2), T
A = 25°C, unless otherwise specified.


Similar Part No. - SPX2954AM3-3-3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2954AM3-3.3 SIPEX-SPX2954AM3-3.3 Datasheet
204Kb / 7P
   250 mA Low Drop Out Voltage Regulator
SPX2954AM3-3.3 SIPEX-SPX2954AM3-3.3 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
More results

Similar Description - SPX2954AM3-3-3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
AMS2954 ADMOS-AMS2954 Datasheet
169Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2954AM3-L-5-0 SIPEX-SPX2954AM3-L-5-0 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX2954 EXAR-SPX2954 Datasheet
582Kb / 15P
   250mA Low Dropout Voltage Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC662K FUMAN-SC662K Datasheet
966Kb / 3P
   250mA Low Dropout Voltage Regulator IC
SC6207 FUMAN-SC6207 Datasheet
1Mb / 4P
   250mA Low Dropout Voltage Regulator IC
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011 Datasheet
60Kb / 4P
   250mA CMOS Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com