Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL431ACUN Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # TL431ACUN
Description  Adjustable Precision Shunt Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

TL431ACUN Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  TL431ACUN Datasheet HTML 1Page - Analog Intergrations Corporation TL431ACUN Datasheet HTML 2Page - Analog Intergrations Corporation TL431ACUN Datasheet HTML 3Page - Analog Intergrations Corporation TL431ACUN Datasheet HTML 4Page - Analog Intergrations Corporation TL431ACUN Datasheet HTML 5Page - Analog Intergrations Corporation TL431ACUN Datasheet HTML 6Page - Analog Intergrations Corporation TL431ACUN Datasheet HTML 7Page - Analog Intergrations Corporation TL431ACUN Datasheet HTML 8Page - Analog Intergrations Corporation TL431ACUN Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AIC431/TL431A/TL431
Adjustable Precision Shunt Regulators
Analog Integrations Corporation 4F, 9, Industry E. 9th Rd, Science Based Industrial Park, Hsinchu Taiwan, ROC
www.analog.com.tw
DS-431-06
May 31, 01
TEL: 886-3-5772500
FAX: 886-3-5772510
1
n FEATURES
l
Unconditionally Stable.
l
Precision Reference Voltage.
AIC431
:2.495V
±0.5%
TL431A
:2.495V
±1.0%
TL431
:2.495V
±1.6%
l
Sink Current Capability: 200mA.
l
Minimum Cathode Current for Regulation: 250
µA.
l
Equivalent Full-Range Temperature Coefficient:
50 ppm/
°C.
l
Fast Turn-On Response.
l
Low Dynamic Output Impedance: 0.08
Ω.
l
Adjustable Output Voltage.
l
Low Output Noise.
l
Space Saving SOT-89, SOT-23, TO-92 and SO8
packages.
n TYPICAL APPLICATION CIRCUIT
VIN
AIC431
+
VOUT
R1
R2
+
VOUT=(1+R1/R2)VREF
Precision Regulator
n DESCRIPTION
The AIC431/TL431A/TL431 are 3-terminal ad-
justable precision shunt regulators with guar-
anteed temperature stability over the applica-
ble extended commercial temperature range.
The output voltage may be set at any level
greater than 2.495V (VREF) up to 30V merely
by selecting two external resistors that act as
a voltage divider network. These devices have
a typical output impedance of 0.08
Ω. Active
output circuitry provides a very sharp turn-on
characteristics, making these devices excel-
lent improved replacements for zener diodes
in many applications.
The precise
±0.5% reference voltage toler-
ance of the AIC431 makes it possible in
many applications to avoid the use of a vari-
able resistor, consequently saving cost and
eliminating drift and reliability problems asso-
ciated with it.


Similar Part No. - TL431ACUN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TL431AC PHILIPS-TL431AC Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
STMicroelectronics
TL431AC STMICROELECTRONICS-TL431AC Datasheet
152Kb / 10P
   PROGRAMMABLE VOLTAGE REFERENCE
TL431AC STMICROELECTRONICS-TL431AC Datasheet
243Kb / 13P
   Programmable Voltage Reference
TL431ACCT STMICROELECTRONICS-TL431ACCT Datasheet
939Kb / 21P
   Programmable voltage reference
logo
ON Semiconductor
TL431ACD ONSEMI-TL431ACD Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
More results

Similar Description - TL431ACUN

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com