Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2954AN-3-3 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX2954AN-3-3
Description  250mA Low Dropout Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2954AN-3-3 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX2954AN-3-3 Datasheet HTML 1Page - Sipex Corporation SPX2954AN-3-3 Datasheet HTML 2Page - Sipex Corporation SPX2954AN-3-3 Datasheet HTML 3Page - Sipex Corporation SPX2954AN-3-3 Datasheet HTML 4Page - Sipex Corporation SPX2954AN-3-3 Datasheet HTML 5Page - Sipex Corporation SPX2954AN-3-3 Datasheet HTML 6Page - Sipex Corporation SPX2954AN-3-3 Datasheet HTML 7Page - Sipex Corporation SPX2954AN-3-3 Datasheet HTML 8Page - Sipex Corporation SPX2954AN-3-3 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Date: 12/9/05
SPX2954, 250mA Low Dropout Voltage Regulator
© Copyright 2005 Sipex Corporation
4
TYPICAL PERFORMANCE CHARACTERISTICS
Shutdown Threshold Voltage
1.8
1.6
1.0
-75
TEMPERATURE (ºC)
1.4
1.2
0.8
0.6
-50
-25
0
25
50
75 100 125 150
Thermal Response
4
2
1
0
TIME (
µs)
0
-2
0
-1
10
20
30
40
50
5
1.25W
~
~
Output Noise
3.5
2.5
2.0
0.0
10 2
10 3
10 4
10 5
FREQUENCY (Hz), C BYP=0.1uF
3.0
1.5
1.0
0.5
C = 3.3
µF
L
Ripple Rejection
80
60
40
10
10 1
10 3
10 4
10 6
FREQUENCY (Hz)
I
L = 50µA
I
L = 100mA
C
L = 1µF
V
IN = 6V
V
OUT = 5V
70
50
30
20
10 2
10 5
Line Regulation
30
25
20
10
5
INPUT VOLTAGE (V)
15
10
5
0
5
0
-5
-10
10
15
20
25
30
~
~
I
L = 100µA
I
L = 1mA
T
J = 150 ºC
T
J = 125 ºC
I
L = 100µA
C
= 0.1
µF
BYP
C
L = 220µF
I
L = 100mA
C
L = 1µF
I
L=50mA
SPX2954 Block Diagram, 8 Lead 5V Version
INPUT
OUTPUT
UNREGULATED DC
SHUTDOWN
GROUND
ERROR
______
SENSE
TO CMOS OR
TTL
REFERENCE
ERROR DETECTION
COMPARATOR
ERROR
AMPLIFIER
1.23V
FROM
CMOS OR
TTL
+
+
+
+
+
+
60 mV
3
7
8
1
2
6
5
4
60kΩ
330kΩ
180kΩ
.
.
1µF
_
_
FEEDBACK
5V TAP
5V


Similar Part No. - SPX2954AN-3-3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2954AN-3.3 SIPEX-SPX2954AN-3.3 Datasheet
204Kb / 7P
   250 mA Low Drop Out Voltage Regulator
SPX2954AN-3.3 SIPEX-SPX2954AN-3.3 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
More results

Similar Description - SPX2954AN-3-3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
AMS2954 ADMOS-AMS2954 Datasheet
169Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2954AM3-L-5-0 SIPEX-SPX2954AM3-L-5-0 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX2954 EXAR-SPX2954 Datasheet
582Kb / 15P
   250mA Low Dropout Voltage Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC662K FUMAN-SC662K Datasheet
966Kb / 3P
   250mA Low Dropout Voltage Regulator IC
SC6207 FUMAN-SC6207 Datasheet
1Mb / 4P
   250mA Low Dropout Voltage Regulator IC
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011 Datasheet
60Kb / 4P
   250mA CMOS Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com