Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD538ACHIPS Datasheet(PDF) 6 Page - Analog Devices

Part # AD538ACHIPS
Description  Real-Time Analog Computational Unit (ACU)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD538ACHIPS Datasheet(HTML) 6 Page - Analog Devices

Back Button AD538ACHIPS Datasheet HTML 2Page - Analog Devices AD538ACHIPS Datasheet HTML 3Page - Analog Devices AD538ACHIPS Datasheet HTML 4Page - Analog Devices AD538ACHIPS Datasheet HTML 5Page - Analog Devices AD538ACHIPS Datasheet HTML 6Page - Analog Devices AD538ACHIPS Datasheet HTML 7Page - Analog Devices AD538ACHIPS Datasheet HTML 8Page - Analog Devices AD538ACHIPS Datasheet HTML 9Page - Analog Devices AD538ACHIPS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AD538
Rev. E | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
±18 V
Internal Power Dissipation
250 mW
Output Short Circuit-to-Ground
Indefinite
Input Voltages V
X, VY, VZ
(+V
S − 1 V), −1 V
Input Currents I
X, IY, IZ, IO
1 mA
Operating Temperature Range
−25°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature, Storage
60 sec, +300°C
Thermal Resistance
θ
JC
35°C/W
θ
JA
120°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD538ACHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD538ACHIPS AD-AD538ACHIPS Datasheet
167Kb / 11P
   Real-Time Analog Computational Unit ACU
REV. C
More results

Similar Description - AD538ACHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD538 AD-AD538 Datasheet
167Kb / 11P
   Real-Time Analog Computational Unit ACU
REV. C
AD538 AD-AD538_15 Datasheet
547Kb / 17P
   Real-Time Analog Computational Unit
Rev. E
logo
Dallas Semiconductor
DS12887 DALLAS-DS12887 Datasheet
584Kb / 19P
   Real Time Clock
DS12B887 DALLAS-DS12B887 Datasheet
102Kb / 16P
   Real Time Clock
logo
List of Unclassifed Man...
VT82885 ETC-VT82885 Datasheet
72Kb / 16P
   Real Time Clock
logo
OKI electronic componet...
MSM6782-01 OKI-MSM6782-01 Datasheet
88Kb / 17P
   REAL TIME CLOCK
logo
Golledge Electronics Lt...
RV4162C7 GOLLEDGE-RV4162C7 Datasheet
135Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2_08 Datasheet
55Kb / 1P
   Real Time Clock
logo
Epson ToYoCom
RTC-8593SA EPSONTOYOCOM-RTC-8593SA Datasheet
377Kb / 2P
   Real time clock
RTC-64613 EPSONTOYOCOM-RTC-64613 Datasheet
440Kb / 2P
   Real time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com