Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD538BDZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD538BDZ
Description  Real-Time Analog Computational Unit (ACU)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD538BDZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD538BDZ Datasheet HTML 3Page - Analog Devices AD538BDZ Datasheet HTML 4Page - Analog Devices AD538BDZ Datasheet HTML 5Page - Analog Devices AD538BDZ Datasheet HTML 6Page - Analog Devices AD538BDZ Datasheet HTML 7Page - Analog Devices AD538BDZ Datasheet HTML 8Page - Analog Devices AD538BDZ Datasheet HTML 9Page - Analog Devices AD538BDZ Datasheet HTML 10Page - Analog Devices AD538BDZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AD538
Rev. E | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
IZ 1
VZ 2
B
3
+10V
4
A
18
D
17
IX
16
VX
15
+2V
5
SIGNAL GND
14
+VS 6
PWR GND
13
–VS 7
C
12
VO 8
IY
11
I
9
VY
10
AD538
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 3.
Pin No.
Mnemonic
Description
1
I
Z
Current Input for the Z Multiplicand.
2
V
Z
Voltage Input for the Z Multiplicand.
3
B
Output of the Log Ratio Differential Amplifier. This amplifier subtracts the log of the Z input from the log of the X
input, or performs the equivalent logarithmic equivalent of long division.
4
+10V
+10 V Reference Voltage Output.
5
+2V
+2 V Reference Voltage Output.
6
+V
S
Positive Supply Rail.
7
–V
S
Negative Rail.
8
V
O
Output Voltage.
9
I
Current Input to the Output Amplifier.
10
V
Y
Voltage Input to the Y Multiplicand.
11
I
Y
Current Input to the Y Multiplicand.
12
C
Current Input to the Base of the Antilog Log-to-Linear Converter.
13
PWR GND
High level Power Return of the Chip.
14
SIGNAL GND
Low Level Ground Return of the Device.
15
V
X
Voltage Input of the X Multiplicand.
16
I
X
Current Input of the X Input Multiplicand.
17
D
Use for Log Ratio Function.
18
A
Use for Log Ratio Function.


Similar Part No. - AD538BDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD538BD AD-AD538BD Datasheet
167Kb / 11P
   Real-Time Analog Computational Unit ACU
REV. C
More results

Similar Description - AD538BDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD538 AD-AD538 Datasheet
167Kb / 11P
   Real-Time Analog Computational Unit ACU
REV. C
AD538 AD-AD538_15 Datasheet
547Kb / 17P
   Real-Time Analog Computational Unit
Rev. E
logo
Dallas Semiconductor
DS12887 DALLAS-DS12887 Datasheet
584Kb / 19P
   Real Time Clock
DS12B887 DALLAS-DS12B887 Datasheet
102Kb / 16P
   Real Time Clock
logo
List of Unclassifed Man...
VT82885 ETC-VT82885 Datasheet
72Kb / 16P
   Real Time Clock
logo
OKI electronic componet...
MSM6782-01 OKI-MSM6782-01 Datasheet
88Kb / 17P
   REAL TIME CLOCK
logo
Golledge Electronics Lt...
RV4162C7 GOLLEDGE-RV4162C7 Datasheet
135Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2_08 Datasheet
55Kb / 1P
   Real Time Clock
logo
Epson ToYoCom
RTC-8593SA EPSONTOYOCOM-RTC-8593SA Datasheet
377Kb / 2P
   Real time clock
RTC-64613 EPSONTOYOCOM-RTC-64613 Datasheet
440Kb / 2P
   Real time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com