Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6132HCU Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP6132HCU
Description  High Voltage, 300KHz Synchronous PWM Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6132HCU Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP6132HCU Datasheet HTML 2Page - Sipex Corporation SP6132HCU Datasheet HTML 3Page - Sipex Corporation SP6132HCU Datasheet HTML 4Page - Sipex Corporation SP6132HCU Datasheet HTML 5Page - Sipex Corporation SP6132HCU Datasheet HTML 6Page - Sipex Corporation SP6132HCU Datasheet HTML 7Page - Sipex Corporation SP6132HCU Datasheet HTML 8Page - Sipex Corporation SP6132HCU Datasheet HTML 9Page - Sipex Corporation SP6132HCU Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Date:2/14/06
SP6132H High Voltage, Synchronous PWM Controller
© Copyright 2006 Sipex Corporation
thermal improvement can be achieved in the maxi-
mum power dissipation through the proper design
of copper mounting pads on the circuit board. For
example, in an SO-8 package, placing two 0.04
square inches of copper pad directly under the
package,withoutoccupyingadditionalboardspace,
can increase the maximum power from approxi-
mately 1 to 1.2W. For DPAK package, enlarging
the tap mounting pad to 1 square inch reduces the
RΘJA from 96°C/W to 40°C/W.
APPLICATIONS INFORMATION: Continued
Schottky Diode Selection
When paralleled with the bottom MOSFET, an
optional Schottky diode can improve efficiency
and reduce noise. Without this Schottky diode,
the body diode of the bottom MOSFET con-
ducts the current during the non-overlap time
when both MOSFETs are turned off. Unfortu-
nately, the body diode has high forward voltage
and reverse recovery problems. The reverse
recovery of the body diode causes additional
switching noises when the diode turns off. The
Schottky diode alleviates these noise sources
and additionally improves efficiency thanks to
its low forward voltage. The reverse voltage
across the diode is equal to input voltage, and the
diode must be able to handle the peak current
equal to the maximum load current.
The power dissipation of the Schottky diode is
determined by:
PDIODE = 2VFIOUTTNOLFS
where
TNOL = non-overlap time between GH and GL.
VF = forward voltage of the Schottky diode.
Loop Compensation Design
The open loop gain of the whole system can be
divided into the gain of the error amplifier,
PWM modulator, buck converter output stage,
and feedback resistor divider. In order to cross
over at the selected frequency FCO, the gain of
the error amplifier must compensate for the
attenuation caused by the rest of the loop at this
frequency.
(SRz2Cz2+1)(SR1Cz3+1)
(SRESRCOUT+ 1)
[S^2LC
OUT+S(RESR+RDC) COUT+1]
VIN
SR1Cz2(SRz3Cz3+1)(SRz2Cp1+1)
VRAMP_PP
VOUT
(Volts)
+
_
VREF
(Volts)
Notes: R
ESR = Output Capacitor Equivalent Series Resistance.
R
DC = Output Inductor DC Resistance.
V
RAMP_PP = SP6132 Internal RAMP Amplitude Peak to Peak Voltage.
Condition: Cz2 >> Cp1 & R1 >> Rz3
Output Load Resistance >> R
ESR & RDC
R2
VREF
(R1 + R2)
or
VOUT
VFBK
(Volts)
Type III Voltage Loop
Compensation
G
AMP (s) Gain Block
PWM Stage
G
PWM Gain
Block
Output Stage
G
OUT (s) Gain
Block
Voltage Feedback
G
FBK Gain Block
SP6132H Voltage Mode Control Loop with Loop Dynamic


Similar Part No. - SP6132HCU

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6132HCU EXAR-SP6132HCU Datasheet
290Kb / 14P
   High Voltage, 300KHz Synchronous PWM Controller
SP6132HCU/TR EXAR-SP6132HCU/TR Datasheet
290Kb / 14P
   High Voltage, 300KHz Synchronous PWM Controller
More results

Similar Description - SP6132HCU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6132H SIPEX-SP6132H Datasheet
264Kb / 14P
   High Voltage, 300KHz Synchronous PWM Controller
logo
Exar Corporation
SP6132H EXAR-SP6132H Datasheet
290Kb / 14P
   High Voltage, 300KHz Synchronous PWM Controller
logo
Microsemi Corporation
NX2124 MICROSEMI-NX2124 Datasheet
517Kb / 17P
   300kHz SYNCHRONOUS PWM CONTROLLER
NX2154 MICROSEMI-NX2154 Datasheet
556Kb / 17P
   300kHz SYNCHRONOUS PWM CONTROLLER
NX2114 MICROSEMI-NX2114 Datasheet
810Kb / 20P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
logo
Sipex Corporation
SP6132 SIPEX-SP6132 Datasheet
314Kb / 14P
   Wide Input, 300KHz Synchronous PWM Controller
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Microsemi Corporation
NX2113 MICROSEMI-NX2113 Datasheet
724Kb / 19P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
logo
International Rectifier
IR3651SPBF IRF-IR3651SPBF Datasheet
1Mb / 19P
   HIGH VOLTAGE SYNCHRONOUS PWM BUCK CONTROLLER
logo
Sipex Corporation
SP6134H SIPEX-SP6134H Datasheet
141Kb / 14P
   High Voltage, 600 KHz Synchronous PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com