Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK2305 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK2305
Description  Dual PCM CODEC for ISDN TERMINAL ADAPTER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK2305 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK2305 Datasheet HTML 1Page - Asahi Kasei Microsystems AK2305 Datasheet HTML 2Page - Asahi Kasei Microsystems AK2305 Datasheet HTML 3Page - Asahi Kasei Microsystems AK2305 Datasheet HTML 4Page - Asahi Kasei Microsystems AK2305 Datasheet HTML 5Page - Asahi Kasei Microsystems AK2305 Datasheet HTML 6Page - Asahi Kasei Microsystems AK2305 Datasheet HTML 7Page - Asahi Kasei Microsystems AK2305 Datasheet HTML 8Page - Asahi Kasei Microsystems AK2305 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
ASAHI KASEI
[AK2305]
C0029-E-02
3
1999/8
BLOCK DIAGRAM
SMF0
SMF1
AAF0
VR0T
VR0R
CODEC
CH0
PCM I/F
AAF1
VR1R
CODEC
CH1
DTMF
Receiver0
DTO00-03
STD0
DTIN0
VFX0
VRX0
VRX1
TONEGEN0
DTO10-13
STD1
DTIN1
PLL
BCLK
DX0
DR0
DX1
DR1
AVDD
AVSS
DVDD
DVSS
SCLK
Serial
I/F
DATA
CS
LPC
FS0
FS1
GSX0
VFR0
GSR0
VFX1
GSX1
VFR1
GSR1
4
TNOUT
PD
TNOE0
MUTE0
MUTE1
BGREF
AMPT0
AMPR0
AMPT1
AMPR1
S1
TNOE1
DTOE
TONEGEN1
DTMF
Receiver1
4
AUX
Internal
Register
S2
S4
S5
S8
S9
S7
VREF
S6
S3
4
4
TST2
TST1
47
48
1
2
3
14
13
12
11
10
9
4
46
15
6
7
31
30
29
33
26
27
28
32
25
22
21
8
18
17
37-40
41-44
24
23
20
35
34
36
19
45
16
5
VRTN
VR1T


Similar Part No. - AK2305

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK230-2-R ASSMANN-AK230-2-R Datasheet
113Kb / 1P
   Extension Cable for 9 Pin InterfacE
logo
Asahi Kasei Microsystem...
AK2300 AKM-AK2300 Datasheet
224Kb / 19P
   3.3V Single channel PCM CODEC LSI
AK2301 AKM-AK2301 Datasheet
354Kb / 18P
   3.3V ?룔꺍?겹꺂?곥깵?띲꺂竊곤샬竊?궠?쇈깈?껁궚 竊э설竊
AK2301A AKM-AK2301A Datasheet
158Kb / 20P
   3.3V Single channel PCM CODEC LSI
AK2301BX AKM-AK2301BX Datasheet
372Kb / 23P
   3.3V Linear PCM CODEC LSI with PLL & Voltage Detector
More results

Similar Description - AK2305

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2306 AKM-AK2306 Datasheet
469Kb / 38P
   Dual PCM CODEC for ISDN/VoIP TERMINAL ADAPTER
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
logo
Siemens Semiconductor G...
PSB2110 SIEMENS-PSB2110 Datasheet
5Mb / 183P
   ISDN TERMINAL ADAPTER CIRCUIT
logo
Texas Instruments
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
[Old version datasheet]   PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
[Old version datasheet]   PCM CODEC
logo
Macronix International
MX93002 MCNIX-MX93002 Datasheet
373Kb / 35P
   PCM CODEC
logo
National Semiconductor ...
TP3076 NSC-TP3076 Datasheet
222Kb / 18P
   COMBO II Programmable PCM CODEC/Filter for ISDN and Digital Phone Applications
logo
Texas Instruments
TLV320AIC1106 TI-TLV320AIC1106 Datasheet
220Kb / 17P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI-TLV320AIC1106_15 Datasheet
537Kb / 19P
[Old version datasheet]   PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com