Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HWS30-24 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HWS30-24
Description  Single Output Industrial Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HWS30-24 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HWS30-24 Datasheet HTML 1Page - List of Unclassifed Manufacturers HWS30-24 Datasheet HTML 2Page - List of Unclassifed Manufacturers HWS30-24 Datasheet HTML 3Page - List of Unclassifed Manufacturers HWS30-24 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
H
HW
WS
S S
SE
ER
RIIE
ES
S
1
Specifications
• Lifetime Warranty
• UL508 approved
• SEMI F47 Compliant (high line AC)
• Universal Input (85 - 265VAC)
• High Efficiency
• RoHS Compliant Design
Key Market Segments & Applications
Factory Automation
Process Control, NC-Machining,
Automotive, Packaging Equipment,
Materials Handling,
Chemical Processing, Robots
Test & Measurement
Burn-in & Test, Automated
Automated Service
Test, Instrumentation,
Measurement, Detection
HWS Features and Benefits
Features
Benefits
Lifetime Warranty
• High Efficiency
• Wide Range AC Input
• Lower Cost of Ownership
• Easier System Cooling
• Supports Global Use
HWS Series
Single Output Industrial
Power Supplies
MODELS
ITEMS
HWS15
HWS30
HWS50
HWS100
HWS150
Input Voltage range
85 - 265VAC (47 - 63Hz) or 120 - 370VDC
Input Current (Typ) (1)
A
0.4 / 0.2
0.8 / 0.4
0.7 / 0.35
1.3 / 0.65
1.9 / 0.95
Inrush Current 100/200VAC
A
14 / 28
Power Factor
Meets EN61000-3-2
Temperature Coefficient
<0.02%/oC
Overcurrent Protection
-
>104%
Overvoltage Protection
V
Yes (See page 2)
Hold Up Time (Typ)
ms
20
Leakage Current (max)
mA
<0.5mA (Typ 0.3mA at 100VAC, 0.5mA at 230VAC)
Remote Sense
No
Yes
Indicator
Green LED = ON
Operating Temp. (no cover)
-10C to +70C, derate linearly to 20% load from 50C to 70C
Storage Temperature
-30 to +85C
Humidity (non condensing)
Operating: 30 - 90%RH, Non operating 10 - 95%RH
Cooling
Convection
Withstand Voltage
Input to Ground 2kVAC, Input to Output 3kVAC, Output to Ground 500VAC for 1 min.
Isolation Resistance
>100M at 25C & 70%RH, Output to Ground 500VDC
Vibration (non operating)
10 - 55Hz (1 minute sweep), 19.6m/s2 constant X, Y, Z 1 hour
Shock
< 196.1m/s2
Safety Agency Approvals
-UL60950-1, CSA60950-1, EN60950-1, EN50178, Built to meet UL508 CE Mark
Line Dip
Complies with SEMI F47 (200VAC line only)
Conducted & Radiated
EMI
EN55011 / EN55022-B, FCC-B, VCCI-B
Immunity
IEC61000-4-2(Level 2,3), -3(Level 3), -4(Level 4), -5(Level 3,4), -6(Level 3), -8(Level4, -11
Weight (Typ)
g
180
220
280
450
500
Size (WxHxD)
mm
26.5x82x80
26.5x82x95
26.5x82x120
28x82x160
37x82x160
Warranty
Lifetime Warranty (See Lambda’s terms & conditions)
Notes:
(1) 100/200VAC
See website for HWS/ME medical EN/UL60601-1 approved models
and HWS/HD heavy duty / harsh environment models with -40 degree C startup
INNOVATION
SOLUTIONS
SUPPORT
RELIABILITY


Similar Part No. - HWS30-24

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HWS30-24A TDK-HWS30-24A Datasheet
1,007Kb / 2P
   Single Output Industrial Power Supplies
More results

Similar Description - HWS30-24

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
   Single Output Industrial Power Supplies
JWS5028-A TDK-JWS5028-A Datasheet
183Kb / 2P
   Single Output Industrial Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
   Single Output Industrial Power Supplies
JFS0500 TDK-JFS0500 Datasheet
213Kb / 2P
   Single Output Industrial Power Supplies
HWS15A-150A TDK-HWS15A-150A Datasheet
2Mb / 6P
   Single Output Industrial Power Supplies
HWS6003 TDK-HWS6003 Datasheet
64Kb / 2P
   Single Output Industrial Power Supplies
logo
RSG Electronic Componen...
HWS300-1500 RSG-HWS300-1500 Datasheet
355Kb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
HWS1500-24-HD TDK-HWS1500-24-HD Datasheet
369Kb / 2P
   Single Output Industrial Power Supplies
logo
XP Power Limited
LCL XPPOWER-LCL Datasheet
1Mb / 12P
   SIngle Output Industrial Supplies
logo
TDK Electronics
HWS15A TDK-HWS15A Datasheet
97Kb / 2P
   50-150W Single Output Industrial Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com