Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F2680 Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC18F2680
Description  PIC18F2585/2680/4585/4680 Rev. A1 Silicon Errata
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC18F2680 Datasheet HTML 3Page - Microchip Technology PIC18F2680 Datasheet HTML 4Page - Microchip Technology PIC18F2680 Datasheet HTML 5Page - Microchip Technology PIC18F2680 Datasheet HTML 6Page - Microchip Technology PIC18F2680 Datasheet HTML 7Page - Microchip Technology PIC18F2680 Datasheet HTML 8Page - Microchip Technology PIC18F2680 Datasheet HTML 9Page - Microchip Technology PIC18F2680 Datasheet HTML 10Page - Microchip Technology PIC18F2680 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© 2007 Microchip Technology Inc.
DS80202G-page 7
PIC18F2585/2680/4585/4680
20. Module: EUSART
When performing back-to-back transmission in
9-bit mode (TX9D bit in the TXSTA register is
set), an ongoing transmission’s timing can be
corrupted if the TX9D bit (for the next transmis-
sion) is not written immediately following the
setting of TXIF. This is because any write to the
TXSTA register results in a reset of the Baud
Rate Generator which will effect any ongoing
transmission.
Work around
Load TX9D just after TXIF is set, either by polling
TXIF or by writing TX9D at the beginning of the
Interrupt Service Routine, or only write to TX9D
when a
transmission is not
in progress
(TRMT = 1).
Date Codes that pertain to this issue:
All engineering and production devices.
21. Module: Timer1/Timer3
When Timer1/Timer3 is operating in 16-bit mode
and the prescale setting is not 1:1, a write to the
TMR1H/TMR3H Buffer registers may lengthen the
duration of the period between the increments of
the timer for the period in which TMR1H/TMR3H
was written. It does not change the actual prescale
value.
Work around
Do not write to TMR1H/TMR3H while Timer1/
Timer3 is running, or else write to TMR1L/TMR3L
immediately following a write to TMR1H/TMR3H.
Do not write to TMR1H/TMR3H and then wait for
another event before also updating TMR1L/TMR3L.
Date Codes that pertain to this issue:
All engineering and production devices.
22. Module: EUSART
The EUSART auto-baud feature may periodically
measure the incoming baud rate incorrectly. The
rate of incorrect baud rate measurements will
depend on the frequency of the incoming
synchronization byte and the system clock
frequency.
Work around
None.
Date Codes that pertain to this issue:
All engineering and production devices.
23. Module: EUSART
In rare situations, one or more extra zero bytes
have been observed in a packet transmitted by the
module operating in Asynchronous mode. The
actual data is not lost or corrupted, only unwanted
(extra) zero bytes are observed in the packet.
This situation has only been observed when the
contents of the transmit buffer TXREG are trans-
ferred to the TSR during the transmission of a Stop
bit. For this to occur, three things must happen in
the same instruction cycle:
• TXREG is written to,
• the baud rate counter overflows (at the end of
the bit period), and
• a Stop bit is being transmitted (shifted out of
TSR).
Work around
If possible, do not use the module’s double buffer
capability. Instead, load the TXREG register when
the TRMT bit (TXSTA<1>) is set, indicating the
TSR is empty.
If double-buffering is used and back-to-back
transmission is performed, then load TXREG
immediately after TXIF is set or wait 1-bit time after
TXIF is set. Both solutions prevent writing TXREG
while a Stop bit is transmitted. Note that TXIF is set
at the beginning of the Stop bit transmission.
If transmission is intermittent, then do the
following:
• Wait for the TRMT bit to be set before loading
TXREG.
• Alternatively, use a free timer resource to time
the baud period. Set up the timer to overflow at
the end of the Stop bit, then start the timer
when you load the TXREG. Do not load the
TXREG when timer is about to overflow.
Date Codes that pertain to this issue:
All engineering and production devices.


Similar Part No. - PIC18F2680

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2680 MICROCHIP-PIC18F2680 Datasheet
9Mb / 484P
   Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2004
PIC18F2680 MICROCHIP-PIC18F2680 Datasheet
8Mb / 482P
   Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2007
PIC18F2680 MICROCHIP-PIC18F2680 Datasheet
5Mb / 482P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F2680 MICROCHIP-PIC18F2680 Datasheet
5Mb / 482P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F2680-I-SO MICROCHIP-PIC18F2680-I-SO Datasheet
8Mb / 482P
   Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
12/08/06
More results

Similar Description - PIC18F2680

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F4680-I MICROCHIP-PIC18F4680-I Datasheet
8Mb / 482P
   PIC18F2585/2680/4585/4680 Data Sheet
12/08/06
PIC16C74A-JW MICROCHIP-PIC16C74A-JW Datasheet
94Kb / 8P
   PIC16C74A Rev. A Silicon Errata Sheet
01/30/01
PIC10F222-IP MICROCHIP-PIC10F222-IP Datasheet
179Kb / 6P
   PIC10F220/222 Rev. A Silicon Errata
02/16/06
PIC24FJ128GA010 MICROCHIP-PIC24FJ128GA010 Datasheet
357Kb / 10P
   PIC24FJ128GA010 Family Rev. A4 Silicon Errata
2007
PIC16CR83 MICROCHIP-PIC16CR83 Datasheet
64Kb / 4P
   PIC16CR83 Rev. A Silicon Errata Sheet
11/15/99
PIC16C662 MICROCHIP-PIC16C662 Datasheet
65Kb / 4P
   PIC16C662 Rev. A Silicon Errata Sheet
1998 - 1999
PIC18F8720 MICROCHIP-PIC18F8720 Datasheet
289Kb / 12P
   Rev. A4 Silicon/Data Sheet Errata
2005
PIC16C642 MICROCHIP-PIC16C642 Datasheet
63Kb / 5P
   PIC16C642 Rev. A Silicon Errata Sheet
1998 - 2002
logo
Silicon Laboratories
SI4320-J1-FTR SILABS-SI4320-J1-FTR Datasheet
368Kb / 15P
   Si4x3x Errata (rev. B)
logo
Microchip Technology
PIC16C73A MICROCHIP-PIC16C73A Datasheet
68Kb / 4P
   Errata Sheet for Rev. B PIC16C73A Silicon
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com