Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603C0G1E090D Datasheet(PDF) 4 Page - TDK Electronics

Part # C0603C0G1E090D
Description  Multilayer Ceramic Chip Capacitors
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C0603C0G1E090D Datasheet(HTML) 4 Page - TDK Electronics

  C0603C0G1E090D Datasheet HTML 1Page - TDK Electronics C0603C0G1E090D Datasheet HTML 2Page - TDK Electronics C0603C0G1E090D Datasheet HTML 3Page - TDK Electronics C0603C0G1E090D Datasheet HTML 4Page - TDK Electronics C0603C0G1E090D Datasheet HTML 5Page - TDK Electronics C0603C0G1E090D Datasheet HTML 6Page - TDK Electronics C0603C0G1E090D Datasheet HTML 7Page - TDK Electronics C0603C0G1E090D Datasheet HTML 8Page - TDK Electronics C0603C0G1E090D Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
(3/30)
006-03 / 20100409 / e412_c.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
CAPACITANCE RANGES: CLASS 1 (TEMPERATURE COMPENSATION)
TEMPERATURE CHARACTERISTICS: CH(0±60ppm/°C), C0G(0±30ppm/°C)
RATED VOLTAGE Edc: 25V
CAPACITANCE RANGES: CLASS 2
TEMPERATURE CHARACTERISTICS: JB(±10%), X5R/X7R(±15%)
RATED VOLTAGE Edc: 25V
RATED VOLTAGE Edc: 16V
TEMPERATURE CHARACTERISTICS: JB(±10%), X5R(±15%)
RATED VOLTAGE Edc: 10V
Capacitance
(pF)
Tolerance
Thickness T
(mm)
Part No.
Temperature characteristics: CH
Temperature characteristics: C0G
0.5
±0.25pF
0.30±0.03
C0603CH1E0R5C
C0603C0G1E0R5C
0.75
±0.25pF
0.30±0.03
C0603CH1ER75C
C0603C0G1ER75C
1
±0.25pF
0.30±0.03
C0603CH1E010C
C0603C0G1E010C
1.5
±0.25pF
0.30±0.03
C0603CH1E1R5C
C0603C0G1E1R5C
2
±0.25pF
0.30±0.03
C0603CH1E020C
C0603C0G1E020C
3
±0.25pF
0.30±0.03
C0603CH1E030C
C0603C0G1E030C
4
±0.25pF
0.30±0.03
C0603CH1E040C
C0603C0G1E040C
5
±0.25pF
0.30±0.03
C0603CH1E050C
C0603C0G1E050C
6
±0.5pF
0.30±0.03
C0603CH1E060D
C0603C0G1E060D
7
±0.5pF
0.30±0.03
C0603CH1E070D
C0603C0G1E070D
8
±0.5pF
0.30±0.03
C0603CH1E080D
C0603C0G1E080D
9
±0.5pF
0.30±0.03
C0603CH1E090D
C0603C0G1E090D
10
±0.5pF
0.30±0.03
C0603CH1E100D
C0603C0G1E100D
12
±5%
0.30±0.03
C0603CH1E120J
C0603C0G1E120J
15
±5%
0.30±0.03
C0603CH1E150J
C0603C0G1E150J
18
±5%
0.30±0.03
C0603CH1E180J
C0603C0G1E180J
22
±5%
0.30±0.03
C0603CH1E220J
C0603C0G1E220J
27
±5%
0.30±0.03
C0603CH1E270J
C0603C0G1E270J
33
±5%
0.30±0.03
C0603CH1E330J
C0603C0G1E330J
39
±5%
0.30±0.03
C0603CH1E390J
C0603C0G1E390J
47
±5%
0.30±0.03
C0603CH1E470J
C0603C0G1E470J
56
±5%
0.30±0.03
C0603CH1E560J
C0603C0G1E560J
68
±5%
0.30±0.03
C0603CH1E680J
C0603C0G1E680J
82
±5%
0.30±0.03
C0603CH1E820J
C0603C0G1E820J
100
±5%
0.30±0.03
C0603CH1E101J
C0603C0G1E101J
Capacitance
(pF)
Tolerance
Thickness T
(mm)
Part No.
Temperature characteristics: JB
Temperature characteristics: X5R Temperature characteristics: X7R
100
±10%
0.30±0.03
C0603JB1E101K
C0603X5R1E101K
C0603X7R1E101K
150
±10%
0.30±0.03
C0603JB1E151K
C0603X5R1E151K
C0603X7R1E151K
220
±10%
0.30±0.03
C0603JB1E221K
C0603X5R1E221K
C0603X7R1E221K
330
±10%
0.30±0.03
C0603JB1E331K
C0603X5R1E331K
C0603X7R1E331K
470
±10%
0.30±0.03
C0603JB1E471K
C0603X5R1E471K
C0603X7R1E471K
680
±10%
0.30±0.03
C0603JB1E681K
C0603X5R1E681K
C0603X7R1E681K
1,000
±10%
0.30±0.03
C0603JB1E102K
C0603X5R1E102K
C0603X7R1E102K
1,500
±10%
0.30±0.03
C0603JB1E152K
C0603X5R1E152K
C0603X7R1E152K
2,200
±10%
0.30±0.03
C0603JB1E222K
C0603X5R1E222K
C0603X7R1E222K
3,300
±10%
0.30±0.03
C0603JB1E332K
C0603X5R1E332K
C0603X7R1E332K
Capacitance
(pF)
Tolerance
Thickness T
(mm)
Part No.
Temperature characteristics: JB
Temperature characteristics: X5R Temperature characteristics: X7R
4,700
±10%
0.30±0.03
C0603JB1C472K
C0603X5R1C472K
C0603X7R1C472K
Capacitance
(pF)
Tolerance
Thickness T
(mm)
Part No.
Temperature characteristics: JB
Temperature characteristics: X5R
6,800
±10%
0.30±0.03
C0603JB1A682K
C0603X5R1A682K
10,000
±10%
0.30±0.03
C0603JB1A103K
C0603X5R1A103K


Similar Part No. - C0603C0G1E090D

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0603C0G1E090D TDK-C0603C0G1E090D Datasheet
70Kb / 7P
   Ceramic Capacitors For General Use SMD
C0603C0G1E090D TDK-C0603C0G1E090D Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C0603C0G1E090D TDK-C0603C0G1E090D Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C0603C0G1E090D TDK-C0603C0G1E090D Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C0603C0G1E090D030BA TDK-C0603C0G1E090D030BA Datasheet
130Kb / 1P
   Commercial Grade ( General (Up to 50V) )
More results

Similar Description - C0603C0G1E090D

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com