Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTP20N20E Datasheet(PDF) 6 Page - Motorola, Inc

Part # MTP20N20E
Description  TMOS POWER FET 20 AMPERES 200 VOLTS RDS(on) = 0.16 OHM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP20N20E Datasheet(HTML) 6 Page - Motorola, Inc

  MTP20N20E Datasheet HTML 1Page - Motorola, Inc MTP20N20E Datasheet HTML 2Page - Motorola, Inc MTP20N20E Datasheet HTML 3Page - Motorola, Inc MTP20N20E Datasheet HTML 4Page - Motorola, Inc MTP20N20E Datasheet HTML 5Page - Motorola, Inc MTP20N20E Datasheet HTML 6Page - Motorola, Inc MTP20N20E Datasheet HTML 7Page - Motorola, Inc MTP20N20E Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MTP20N20E
6
Motorola TMOS Power MOSFET Transistor Device Data
SAFE OPERATING AREA
TJ, STARTING JUNCTION TEMPERATURE (°C)
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
0.1
1.0
100
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
0.1
100
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
0.01
0
25
50
75
100
125
200
ID = 20 A
1.0
10
150
Figure 13. Thermal Response
R
θJC(t) = r(t) RθJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
Figure 14. Diode Reverse Recovery Waveform
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
D = 0.5
100
500
400
300
600
1000
t, TIME (ms)
1.0E–05
1.0E–04
1.0E–02
0.1
1.0
0.01
1.0E–03
1.0E–01
1.0E+00
10
VGS = 20 V
SINGLE PULSE
TC = 25°C
1.0E+01
10
µs
100
µs
1 ms
10 ms
dc


Similar Part No. - MTP20N20E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTP20N20E ONSEMI-MTP20N20E Datasheet
248Kb / 8P
   N?묬hannel Power MOSFET
February, 2005 ??Rev. XXX
logo
Inchange Semiconductor ...
MTP20N20E ISC-MTP20N20E Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MTP20N20E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTSF1P02HD MOTOROLA-MTSF1P02HD Datasheet
342Kb / 12P
   SINGLE TMOS POWER FET 1.8 AMPERES 20 VOLTS RDS(on) = 0.16 OHM
MTP12N10E MOTOROLA-MTP12N10E Datasheet
239Kb / 6P
   TMOS POWER FET 12 AMPERES 100 VOLTS RDS(on) = 0.16 OHM
MTW24N40E MOTOROLA-MTW24N40E Datasheet
174Kb / 8P
   TMOS POWER FET 24 AMPERES 400 VOLTS RDS(on) = 0.16 OHM
MTD6N20E MOTOROLA-MTD6N20E Datasheet
269Kb / 10P
   TMOS POWER FET 6.0 AMPERES 200 VOLTS RDS(on) = 0.7 OHM
MTD4N20E MOTOROLA-MTD4N20E Datasheet
268Kb / 10P
   TMOS POWER FET 4.0 AMPERES 200 VOLTS RDS(on) = 1.2 OHM
MTV32N20E MOTOROLA-MTV32N20E Datasheet
264Kb / 10P
   TMOS POWER FET 32 AMPERES 200 VOLTS RDS(on) = 0.075 OHM
MTW32N20E MOTOROLA-MTW32N20E Datasheet
205Kb / 8P
   TMOS POWER FET 32 AMPERES 200 VOLTS RDS(on) = 0.075 OHM
MTY55N20E MOTOROLA-MTY55N20E Datasheet
231Kb / 8P
   TMOS POWER FET 55 AMPERES 200 VOLTS RDS(on) = 0.028 OHM
MTE125N20E MOTOROLA-MTE125N20E Datasheet
228Kb / 8P
   TMOS POWER FET 125 AMPERES 200 VOLTS RDS(on) = 0.015 OHM
MTP6P20E MOTOROLA-MTP6P20E Datasheet
216Kb / 8P
   TMOS POWER FET 6.0 AMPERES 200 VOLTS RDS(on) = 1.0 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com