Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2K-C25MY2 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E2K-C25MY2
Description  Adjustable Long-distance Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2K-C25MY2 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E2K-C25MY2 Datasheet HTML 7Page - Omron Electronics LLC E2K-C25MY2 Datasheet HTML 8Page - Omron Electronics LLC E2K-C25MY2 Datasheet HTML 9Page - Omron Electronics LLC E2K-C25MY2 Datasheet HTML 10Page - Omron Electronics LLC E2K-C25MY2 Datasheet HTML 11Page - Omron Electronics LLC E2K-C25MY2 Datasheet HTML 12Page - Omron Electronics LLC E2K-C25MY2 Datasheet HTML 13Page - Omron Electronics LLC E2K-C25MY2 Datasheet HTML 14Page - Omron Electronics LLC E2K-C25MY2 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Proximity Sensors Technical Guide
The following conditions must be considered to understand the conditions of the application and location as well as the relation to control
equipment.
●Model Selection
* mT (millitesla) is a unit for expressing magnetic flux density. One tesla is the equivalent of 10,000 gauss.
Precautions for Correct Use
Item
Points of consideration
Sensing
object and
operating
condition of
Proximity
Sensor
Electrical
conditions
Environ-
mental
conditions
Mounting
conditions
Influence of
external
electromag-
netic fields
• The influence within a DC magnetic field is 20 mT* max. Do not use the Sensor at a level higher than 20 mT.
• Sudden changes in the DC magnetic field may cause malfunction. Do not use the Sensor for applications that involve turning a
DC electromagnet ON and OFF.
• Do not place a transceiver near the Sensor or its wiring. Doing so may cause malfunction.
Other con-
siderations
Cost feasibility: Price/delivery time
Life: Power-ON time/frequency of use
Check the relation between the sensing object
and the Proximity Sensor.
Sensing object
Proximity Sensor
Sensing
distance
Surrounding
metals
Specific condi-
tions of object
Direction of ob-
ject movement
Peripheral metal
Sensing distance
Material, size,
shape, existence
of plating, etc.
Transit interval,
speed, existence
of vibration, etc.
Material, distance
to Sensor, orien-
tation, etc.
Fluctuation in tran-
sit point, allowable
error, etc.
Sensing (set) distance, shape of Sensor (rectangular, cylindrical, through-
beam, grooved), influence of peripheral metal (Shielded Sensors, Non-
shielded Sensors), response speed (response frequency), influence of
temperature, influence of voltage, etc.
Verify the electrical conditions of the control system
to be used and the electrical performance of the
Proximity Sensor.
Load
Output
DC (voltage fluctuation, current ca-
pacity value)
AC (voltage fluctuation, frequency, etc.)
Need for S3D2 Controller
Power
supply
Selecting the power
supply type
DC
DC + S3D2 Controller
AC
{
Resistive load - Non-contact control system
Inductive load - Relay, solenoid, etc.
• Steady-state current, inrush current
• Operating, reset voltage (current)
Lamp load
• Steady-state current, inrush current
Open/close frequency
Load
Selecting the power
supply type
DC
DC + S3D2 Controller
AC
Control output
Maximum current
(voltage)
Leakage current
Residual load voltage
{
The environmental tolerance of the Proximity Sensor
is better than that of other types of Sensors. However,
investigate carefully before using a Proximity Sensor
under harsh temperatures or in special atmospheres.
• Water Resistance
Do not use the Sensor in water, rain, or outdoors.
• Ambient Conditions
To maintain reliability of operation, do not use the
Sensor outside the specified temperature range or
outdoors. Even though the Proximity Sensor has a
water-resistant structure, it must be covered to pre-
vent direct contact with water or water-soluble cutting
oil. Do not use the Sensor in atmospheres with chem-
ical vapors, in particular, strong alkalis or acids (nitric
acid, chromic acid, or hot concentrated sulfuric acid).
• Explosive Atmospheres
Do not use the Sensor in atmospheres where
there is a danger of explosion. Use an Explosion-
proof Sensor.
Temperature
and humidity
Highest or lowest
values, existence
of direct sunlight,
etc.
Temperature influence,
high-temperature use,
low temperature use,
need for shade, etc.
Atmosphere
Water, oil, iron
powder, or other
special chemicals
Need for water resis-
tance or oil resistance,
need for explosion-
proof structure
Vibration and
shock
Size, duration
Need for strength,
mounting method
When deciding the mounting method, take into consideration not
only restrictions due to mechanical devices, but also ease of main-
tenance and inspection, and interference between Sensors.
Wiring method,
existence of in-
ductance surges
Connection
Wires
Wire type, length, oil-resistant
cable, shielded cable, robot
cable, etc.
Conduits, ducts, pre-wired,
terminal wiring, ease of main-
tenance and inspection
Mounting procedure
Installation location
Existence of mounting
brackets, direct mounting,
secured with bolts or screws
Ease of maintenance and
inspection, mounting space
http://www.ia.omron.com/
C-2
(c)Copyright OMRON Corporation 2007 All Rights Reserved.


Similar Part No. - E2K-C25MY2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2K-C25MY2 OMRON-E2K-C25MY2 Datasheet
122Kb / 6P
   Long-distance capacitive proximity sensor
E2K-C25MY2 OMRON-E2K-C25MY2 Datasheet
279Kb / 8P
   Adjustable Capacitive Prox
E2K-C25MY2 OMRON-E2K-C25MY2 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
E2K-C25MY22M OMRON-E2K-C25MY22M Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
More results

Similar Description - E2K-C25MY2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2KC25ME18 OMRON-E2KC25ME18 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
E2K-C25MF1 OMRON-E2K-C25MF1 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
logo
Sharp Corporation
GP2Y0A02 SHARP-GP2Y0A02 Datasheet
64Kb / 4P
   LONG DISTANCE MEASURING SENSOR
logo
Omron Electronics LLC
E2K-C25ME1 OMRON-E2K-C25ME1 Datasheet
389Kb / 6P
   Long-distance Capacitive Proximity Sensor
E2K-C OMRON-E2K-C Datasheet
122Kb / 6P
   Long-distance capacitive proximity sensor
logo
List of Unclassifed Man...
PRD18-7DN ETC2-PRD18-7DN Datasheet
188Kb / 5P
   Long sensing distance proximity sensor
logo
Omron Electronics LLC
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-MR19-US OMRON-E3G-MR19-US Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-ML79-US OMRON-E3G-ML79-US Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3S-C OMRON-E3S-C Datasheet
541Kb / 10P
   Oil-resistive, long-distance photoelectric sensor (metal case)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com