Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

177898-1 Datasheet(PDF) 100 Page - Tyco Electronics

Part # 177898-1
Description  AMP Soft Shell Pin and Socket Connectors
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

177898-1 Datasheet(HTML) 100 Page - Tyco Electronics

Back Button 177898-1 Datasheet HTML 96Page - Tyco Electronics 177898-1 Datasheet HTML 97Page - Tyco Electronics 177898-1 Datasheet HTML 98Page - Tyco Electronics 177898-1 Datasheet HTML 99Page - Tyco Electronics 177898-1 Datasheet HTML 100Page - Tyco Electronics 177898-1 Datasheet HTML 101Page - Tyco Electronics 177898-1 Datasheet HTML 102Page - Tyco Electronics 177898-1 Datasheet HTML 103Page - Tyco Electronics 177898-1 Datasheet HTML 104Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 134 page
background image
100
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Mini-Universal MATE-N-LOK 2 Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Performance
Characteristics (Continued)
Maximum Current—Maximum
current rating of Mini-Universal
MATE-N-LOK 2 connectors is limited by
the maximum operating temperature of
the housings which is 105°C (gold) or
85°C (tin) including the temperature rise
of the contacts which is a maximum of
30°C. There are several variables which
have a direct effect on this maximum
current-carrying capability for a given
connector and must be considered for
each application. These variables are:
Wire Size—Larger diameter wire will
carry more current since it has less
internal resistance to current flow and
thus generates less heat. Longer wire
lengths also enhance current-carrying
capabilities since the wire conducts heat
away from the connector.
Connector Size—In general, the more
circuits in a connector, the less current
can be carried.
Ambient Temperature—The higher
the ambient temperature, the less current
can be carried in any given connector.
Printed Wiring Board Conductor
Size—The finished trace conductor
width and thickness should be maxi-
mized to allow for the greatest current-
carrying capacity and heat dissipation.
Contacts
Pin diameter .039 [0.99]
Material
Brass
Stock Thickness .010 [0.25]
These contacts can be used in either
Mini-Universal MATE-N-LOK 2 Plug or
Cap housings only.
Related Product Data
Product Specifications
108-1693 Mini-Universal MATE-N-LOK 2
Connectors
108-1694 Mini-Universal MATE-N-LOK 2
Headers
Application Specification
114-1111 Mini-Universal MATE-N-LOK 2
Connectors
Performance Characteristics—
pages 99-100
Housings — pages 101-102
Technical Documents— pages 99
and 205-206
Current Rating Verification for 30°C Maximum Temperature Rise 100% Energized
Pin
Socket
Contact Part Numbers
HDM
Hand
Wire Size
Ins. Dia.
Finish
Pin
Socket
Applicator
Tool
Range
Range
Strip
Loose
Strip
Loose
Part No.
Part No.
AWG [mm2]
Form
Piece
Form
Piece
30 -26
.035 -.050
Pre-tin
794216-1
794224-1
794217-1
794225-1
567418-12
567418-22
90717-2
[.05 -.12]
.889 -1.27
Duplex1
1-794216-0
1-794224-0
1-794217-0 1-794225-0
567418-32
26 -22
.047 -.069
Pre-tin
794218-1
794226-1
794219-1
794227-1
567066-33
567066-43
91529-1
[.12 -.3]
1.19 -1.75
Duplex1
1-794218-0
1-794226-0
1-794219-0 1-794227-0
567066-53
22 -18
.059 -.094
Pre-tin
794220-1
794228-1
794221-1
794229-1
680854-12
680854-22
91522-1
[.3 -.8]
1.50 -2.39
Duplex1
1-794220-0
1-794228-0
1-794221-0 1-794229-0
680854-32
20-16
.079 -.126
Pre-tin
794222-1
794230-1
794223-1
794231-1
680582-22
[.5-1.2]
2.01-3.20
Duplex1
1-794222-0
1-794230-0
1-794223-0 1-794231-0
680582-32
91594-1
1
Duplex Finish — Plated with .000030 [.000762] min. gold in mating area and .000100 [.00254] min. tin in
crimping area over .000050 [.00127] min. nickel underplate on entire contact.
2
HDM Applicator part number ending in -1 is used on AMPOMATOR CLS Machine with T or G Terminators, -2 is used
on AMP-O-LECTRIC Model K Machine, -3 is used on AMP-O-ELECTRIC Model G Machine.
3
HDM Applicator part number ending in -3 is used on AMPOMATOR CLS Machine with T or G Terminators, -4 is used
on AMP-O-LECTRIC Model K Machine, -5 is used on AMP-O-LECTRIC Model G Machine.
See pages 207-210 for further information.
Note: All part numbers are RoHS Compliant.
Not to be used with Mini-Universal MATE-N-LOK Connectors
.775
[19.69]
.775
[19.69]
10.5
Amps
max.
6.75
Amps
max.
0
5
10
15
105
100
90
80
70
60
50
40
-35
-45
-55
110
75
30
30
25
20
15
10
5
0
Temperature Rise (Degrees C)
Current is limited above 75° C so
as not to exceed 105° C (maximum
operating temperature) once the
t–rise is added to the ambient
18 AWG
24 AWG
Ambient Temperature (Degrees C)
7.5
Amps
max.
5
Amps
max.
0
5
10
15
105
100
90
80
70
60
50
40
-35
-45
-55
110
75
30
30
25
20
15
10
5
0
Temperature Rise (Degrees C)
Current is limited above 75° C so
as not to exceed 105° C (maximum
operating temperature) once the
t–rise is added to the ambient
18 AWG
24 AWG
Ambient Temperature (Degrees C)
6 Circuit Connector (Wire-to-Wire)
2 Circuit Connector (Wire-to-Wire)


Similar Part No. - 177898-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1778-(P909)L MOLEX1-1778-(P909)L Datasheet
116Kb / 2P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket PC Tail Terminal, Series 1778, Male, with Tin (Sn) Plated Brass Contact, Bag
1778-L MOLEX1-1778-L Datasheet
113Kb / 2P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket PC Tail Terminal, Series 1778, Male, with Selective Gold (Au) Plated Brass Contact, Bag
1778-PL MOLEX1-1778-PL Datasheet
116Kb / 2P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket PC Tail Terminal, Series 1778, Male, with Tin (Sn) Plated Brass Contact, Bag
logo
PHOENIX CONTACT
1778001 PHOENIX-1778001 Datasheet
150Kb / 5P
   DFK-MSTBA 2,5/ 4-GF-5,08
1778001 PHOENIX-1778001 Datasheet
156Kb / 5P
   MSTB 2,5/ 4-GF-5,08
More results

Similar Description - 177898-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-770178-1 MACOM-1-770178-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-794068-1 MACOM-1-794068-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-1586038-4 MACOM-1-1586038-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
917845-1 MACOM-917845-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
4016-1 MACOM-4016-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
172163-1 MACOM-172163-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
794077-2 MACOM-794077-2 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-770166-0 MACOM-1-770166-0 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1586037-4 MACOM-1586037-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1586038-8 MACOM-1586038-8 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com