Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

177898-1 Datasheet(PDF) 90 Page - Tyco Electronics

Part # 177898-1
Description  AMP Soft Shell Pin and Socket Connectors
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

177898-1 Datasheet(HTML) 90 Page - Tyco Electronics

Back Button 177898-1 Datasheet HTML 86Page - Tyco Electronics 177898-1 Datasheet HTML 87Page - Tyco Electronics 177898-1 Datasheet HTML 88Page - Tyco Electronics 177898-1 Datasheet HTML 89Page - Tyco Electronics 177898-1 Datasheet HTML 90Page - Tyco Electronics 177898-1 Datasheet HTML 91Page - Tyco Electronics 177898-1 Datasheet HTML 92Page - Tyco Electronics 177898-1 Datasheet HTML 93Page - Tyco Electronics 177898-1 Datasheet HTML 94Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 134 page
background image
90
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Mini-Universal MATE-N-LOK Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Vertical PC Board
Pin Headers
.163 [4.14] Centerline spacing
Material
Housing — Nylon, white
Flammability Rating— UL94V-0
Contacts — Brass
Solder tail diameter .039 [1.00]
Related Product Data
Product Specifications
108-1542 Mini-Universal MATE-N-LOK
Connectors
108-1543 Mini-Universal MATE-N-LOK
Headers
108-5151 Mini-Universal MATE-N-LOK
Connectors (UL94V-2)
108-5138 Mini-Universal MATE-N-LOK
Connectors (UL94V-0)
Performance Characteristics—
pages 83-84
Recommended PC Board Hole
Layouts— page 93
Technical Documents— pages 83
and 205-206
Mating Connectors
Mini-Universal MATE-N-LOK
Plug Housings — pages 87-89
Mini-Universal MATE-N-LOK 2
Plug Housings — pages 101-102
2 and 3 Circuit, In-Line
9, 12 and 15 Circuit, Matrix
4, 6, 8, 10 and 12 Circuit, Dual Row
.220
[5.58]
.531
[13.49]
.030
[0.76]
.387
[9.83]
.175
[4.44]
.175
[4.44]
.030
[.76]
.531
[13.49]
.175
[4.44]
.030
[.76]
.531
[13.49]
A
A
A
.550
[13.97]
Mates with Plug Housing
Number of
Style
A
Pin
Vertical Pin Header Part Numbers
Part Number
Circuits
Dim.
Finish
With
Without
(Using Socket Contact)
Drain Holes
Drain Holes
Mini-Universal Mini-Universal
MATE-N-LOK
MATE-N-LOK 2
2
In-Line
.387
Tin1
1-770166-0
1-770872-0
172165-1
794184-1
9.83
Duplex2
1-770166-1
1-770872-1
3
In-Line
.550
Tin1
1-770170-0
1-770873-0
172166-1
794186-1
13.97
Duplex2
1-770170-1
1-770873-1
4
Dual Row
.387
Tin1
1-770174-0
1-770874-0
172167-1
794188-1
9.83
Duplex2
1-770174-1
1-770874-1
6
Dual Row
.550
Tin1
1-770178-0
1-770875-0
172168-1
794190-1
13.97
Duplex2
1-770178-1
1-770875-1
8
Dual Row
.713
Tin1
1-794065-0
1-794073-0
770579-1
794192-1
18.11
Duplex2
1-794065-1
1-794073-1
9
Matrix
.551
Tin1
1-770182-0
1-770876-0
172169-1
794194-1
14.00
Duplex2
1-770182-1
1-770876-1
10
Dual Row
.877
Tin1
1-770743-0
1-770858-0
770580-1
794196-1
22.28
Duplex2
1-770743-1
1-770858-1
Dual Row
1.039
Tin1
1-794066-0
1-770621-0
770581-1
794198-1
12
26.39
Duplex2
1-794066-1
1-770621-1
Matrix
.713
Tin1
1-770186-0
1-794040-0
172170-1
794200-1
18.11
Duplex2
1-770186-1
1-794040-1
14
Dual Row
1.202
Tin1
1-794067-0
1-794074-0
770582-1
794202-1
30.53
Duplex2
1-794067-1
1-794074-1
15
Matrix
.877
Tin1
1-770190-0
1-770859-0
172171-1
794204-1
22.28
Duplex2
1-770190-1
1-770859-1
16
Dual Row
1.365
Tin1
1-794068-0
1-794075-0
770583-1
794206-1
34.67
Duplex2
1-794068-1
1-794075-1
18
Dual Row
1.528
Tin1
1-794069-0
1-794076-0
770584-1
794208-1
38.81
Duplex2
1-794069-1
1-794076-1
20
Dual Row
1.691
Tin1
1-794070-0
1-794077-0
770585-1
794210-1
42.95
Duplex2
1-794070-1
1-794077-1
22
Dual Row
1.854
Tin1
1-794071-0
1-794078-0
770586-1
794212-1
47.09
Duplex2
1-794071-1
1-794078-1
24
Dual Row
2.017
Tin1
1-794072-0
1-794079-0
770587-1
794214-1
51.23
Duplex2
1-794072-1
1-794079-1
1
Tin Finish—Plated with .000150 [.00381] min. tin over .000050 [.00127] min. nickel underplate on entire contact.
2
Duplex Finish—Plated with .000030 [.000762] min. gold in mating area and matte tin on solder tail end over
.000050 [.00127] min. nickel underplate on entire contact.
Note: All part numbers are RoHS Compliant.
.387
[9.83]
A
.531
[13.49]
.030
[.762]
.175
[4.44]
14, 16, 18, 20, 22 and 24 Circuit, Dual Row
.175
[4.44]
.030
[.76]
.531
[13.49]


Similar Part No. - 177898-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1778-(P909)L MOLEX1-1778-(P909)L Datasheet
116Kb / 2P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket PC Tail Terminal, Series 1778, Male, with Tin (Sn) Plated Brass Contact, Bag
1778-L MOLEX1-1778-L Datasheet
113Kb / 2P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket PC Tail Terminal, Series 1778, Male, with Selective Gold (Au) Plated Brass Contact, Bag
1778-PL MOLEX1-1778-PL Datasheet
116Kb / 2P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket PC Tail Terminal, Series 1778, Male, with Tin (Sn) Plated Brass Contact, Bag
logo
PHOENIX CONTACT
1778001 PHOENIX-1778001 Datasheet
150Kb / 5P
   DFK-MSTBA 2,5/ 4-GF-5,08
1778001 PHOENIX-1778001 Datasheet
156Kb / 5P
   MSTB 2,5/ 4-GF-5,08
More results

Similar Description - 177898-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-770178-1 MACOM-1-770178-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-794068-1 MACOM-1-794068-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-1586038-4 MACOM-1-1586038-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
917845-1 MACOM-917845-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
4016-1 MACOM-4016-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
172163-1 MACOM-172163-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
794077-2 MACOM-794077-2 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-770166-0 MACOM-1-770166-0 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1586037-4 MACOM-1586037-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1586038-8 MACOM-1586038-8 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com