Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

177898-1 Datasheet(PDF) 88 Page - Tyco Electronics

Part # 177898-1
Description  AMP Soft Shell Pin and Socket Connectors
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

177898-1 Datasheet(HTML) 88 Page - Tyco Electronics

Back Button 177898-1 Datasheet HTML 84Page - Tyco Electronics 177898-1 Datasheet HTML 85Page - Tyco Electronics 177898-1 Datasheet HTML 86Page - Tyco Electronics 177898-1 Datasheet HTML 87Page - Tyco Electronics 177898-1 Datasheet HTML 88Page - Tyco Electronics 177898-1 Datasheet HTML 89Page - Tyco Electronics 177898-1 Datasheet HTML 90Page - Tyco Electronics 177898-1 Datasheet HTML 91Page - Tyco Electronics 177898-1 Datasheet HTML 92Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 134 page
background image
88
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Mini-Universal MATE-N-LOK Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
A
.163
[4.14]
.598
[15.19]
.933
[23.70]
.163
[4.14]
Typ.
Housings
.163 [4.14] Centerline spacing
Related Product Data
Product Specifications
108-1542 Mini-Universal MATE-N-LOK
Connectors
108-1543 Mini-Universal MATE-N-LOK
Headers
108-5151 Mini-Universal MATE-N-LOK
Connectors (UL94V-2)
108-5138 Mini-Universal MATE-N-LOK
Connectors (UL94V-0)
Performance Characteristics—
pages 83-84
Contacts — page 86
Keying Plug — page 86
Test Probe Contact — page 86
Panel Cutout Recommendations—
page 89
Technical Documents— pages 83
and 205-206
Mating Headers — pages 90-92
9, 12 and 15 Circuit,
Free-Hanging or Panel Mount, Matrix
Cap
Plug
Number
Housing Part Numbers1
of
A
UL94V-0 Nylon, White Color
UL94V-2 Nylon, Natural Color
Circuits
Dim.
Plug
Cap
Plug
Cap
9
.551
172169-1
172161-1
172340-1
172332-1
13.99
12
.716
172170-1
172162-1
172341-1
172333-1
18.19
15
.882
172171-1
172163-1
172342-1
172334-1
22.40
1
Housing part numbers shown in chart are also available in other colors: Red, Green, Blue, Black. To order connectors in
these colors use the appropriate dash numbers as follows: Red 1-XXXXXX-2, Green 1-XXXXXX-5, Blue 1-XXXXXX-6,
Black 1-XXXXXX-9
Note: All part numbers are RoHS Compliant.
.630
[16.0]
.933
[23.69]
.933
[23.69]
.551
[13.99]
.551
[13.99]
.630
[16.00]
.163
[4.14]
.163
[4.14]
A
A
Number
A
Part Number
of
Dim.
UL94V-0 Nylon, White Color
Circuits
Plug
8
.714
18.14
770579-1
10
.877
22.28
770580-1
12
1.040
26.42
770581-1
14
1.203
30.56
770582-1
16
1.366
34.70
770583-1
18
1.529
38.84
770584-1
20
1.692
42.98
770585-1
22
1.855
47.12
770586-1
24
2.018
51.26
770587-1
Note: All part numbers are RoHS Compliant.
8 thru 24 Circuit,
Free-Hanging, Dual Row
Plug


Similar Part No. - 177898-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1778-(P909)L MOLEX1-1778-(P909)L Datasheet
116Kb / 2P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket PC Tail Terminal, Series 1778, Male, with Tin (Sn) Plated Brass Contact, Bag
1778-L MOLEX1-1778-L Datasheet
113Kb / 2P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket PC Tail Terminal, Series 1778, Male, with Selective Gold (Au) Plated Brass Contact, Bag
1778-PL MOLEX1-1778-PL Datasheet
116Kb / 2P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket PC Tail Terminal, Series 1778, Male, with Tin (Sn) Plated Brass Contact, Bag
logo
PHOENIX CONTACT
1778001 PHOENIX-1778001 Datasheet
150Kb / 5P
   DFK-MSTBA 2,5/ 4-GF-5,08
1778001 PHOENIX-1778001 Datasheet
156Kb / 5P
   MSTB 2,5/ 4-GF-5,08
More results

Similar Description - 177898-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-770178-1 MACOM-1-770178-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-794068-1 MACOM-1-794068-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-1586038-4 MACOM-1-1586038-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
917845-1 MACOM-917845-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
4016-1 MACOM-4016-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
172163-1 MACOM-172163-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
794077-2 MACOM-794077-2 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-770166-0 MACOM-1-770166-0 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1586037-4 MACOM-1586037-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1586038-8 MACOM-1586038-8 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com