Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53513RVET Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53513RVET
Description  1.5 to 18 V Input, 8-A Single Synchronous Step-Down SWIFT Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53513RVET Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS53513RVET Datasheet HTML 7Page - Texas Instruments TPS53513RVET Datasheet HTML 8Page - Texas Instruments TPS53513RVET Datasheet HTML 9Page - Texas Instruments TPS53513RVET Datasheet HTML 10Page - Texas Instruments TPS53513RVET Datasheet HTML 11Page - Texas Instruments TPS53513RVET Datasheet HTML 12Page - Texas Instruments TPS53513RVET Datasheet HTML 13Page - Texas Instruments TPS53513RVET Datasheet HTML 14Page - Texas Instruments TPS53513RVET Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
V I N = 1 2 V
V O U T = 1 . 2 V
M o d e = A u t o - s k i p
F s w = 1 M H z
I O U T = 6 A
V I N = 1 2 V
V O U T = 1 . 2 V
M o d e = F C C M
F s w = 1 M H z
I O U T = 6 A
V I N = 1 2 V
V O U T = 1 . 2 V
M o d e = A u t o - s k i p
F s w = 1 M H z
I O U T = 0 . 1 A
V I N = 1 2 V
V O U T = 1 . 2 V
M o d e = F C C M
F s w = 1 M H z
I O U T = 0 . 1 A
V I N = 1 2 V
V O U T = 1 . 2 V
M o d e = A u t o - s k i p
F s w = 1 M H z
I O U T = 0 A
V I N = 1 2 V
V O U T = 1 . 2 V
M o d e = F C C M
F s w = 1 M H z
I O U T = 0 A
TPS53513
www.ti.com
SLUSBP9A – SEPTEMBER 2013 – REVISED DECEMBER 2013
TYPICAL CHARACTERISTICS (continued)
Figure 13. Auto-Skip Steady-State Operation
Figure 14. FCCM Steady-State Operation
Figure 15. Auto-Skip Steady-State Operation
Figure 16. FCCM Steady-State Operation
Figure 17. Auto-Skip Steady-State Operation
Figure 18. FCCM Steady-State Operation
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - TPS53513RVET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53513EVM-587 TI-TPS53513EVM-587 Datasheet
566Kb / 21P
[Old version datasheet]   High Performance 8-A Single Synchronous Step-Down Converter
More results

Similar Description - TPS53513RVET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53515 TI1-TPS53515 Datasheet
1Mb / 33P
[Old version datasheet]   1.5 to 18 V (4.5 to 25 V bias) Input, 12-A Single Synchronous Step-Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS53515 TI-TPS53515_15 Datasheet
5Mb / 39P
[Old version datasheet]   TPS53515 1.5-V to 18-V (4.5-V to 25-V Bias) Input, 12-A Single Synchronous Step-Down SWIFT??Converter
TPS54824 TI1-TPS54824 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 17-V Input, Current Mode, 8-A Synchronous SWIFT Step-Down Converter
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54428 TI1-TPS54428 Datasheet
844Kb / 22P
[Old version datasheet]   4.5V to 18 V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS50601VTDC2 TI-TPS50601VTDC2 Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com