Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85410 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL85410
Description  Wide VIN 1A Synchronous Buck Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL85410 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL85410 Datasheet HTML 2Page - Intersil Corporation ISL85410 Datasheet HTML 3Page - Intersil Corporation ISL85410 Datasheet HTML 4Page - Intersil Corporation ISL85410 Datasheet HTML 5Page - Intersil Corporation ISL85410 Datasheet HTML 6Page - Intersil Corporation ISL85410 Datasheet HTML 7Page - Intersil Corporation ISL85410 Datasheet HTML 8Page - Intersil Corporation ISL85410 Datasheet HTML 9Page - Intersil Corporation ISL85410 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ISL85410
6
FN8375.2
November 22, 2013
Absolute Maximum Ratings
Thermal Information
VIN to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +42V
PHASE to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VIN+0.3V (DC)
PHASE to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2V to 43V (20ns)
EN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +42V
BOOT to PHASE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +5.5V
COMP, FS, PG, SYNC, SS, VCC to GND . . . . . . . . . . . . . . . . . . -0.3V to +5.9V
FB to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +2.95V
ESD Rating
Human Body Model (Tested per JESD22-A114) . . . . . . . . . . . . . . . . . 2kV
Charged Device Model (Tested per JESD22-C101E). . . . . . . . . . . . .1.5kV
Latch Up (Tested per JESD-78A; Class 2, Level A) . . . . . . . . . . . . 100mA
Thermal Resistance
θJA (°C/W) θJC (°C/W)
DFN Package (Notes 4, 5) . . . . . . . . . . . . . .
42
4.5
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . .+150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Operating Junction Temperature Range . . . . . . . . . . . . . .-40°C to +125°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 36V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379 for details.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications TA = -40°C to +125°C, VIN = 3V to 36V, unless otherwise noted. Typical values are at TA = +25°C. Boldface
limits apply over the junction temperature range, -40°C to +125°C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS
SUPPLY VOLTAGE
VIN Voltage Range
VIN
336
V
VIN Quiescent Supply Current
IQ
VFB = 0.7V, SYNC = 0V, FS = VCC
80
µA
VIN Shutdown Supply Current
ISD
EN = 0V, VIN=36V (Note 6)
2
4
µA
VCC Voltage
VCC
VIN = 6V, IOUT = 0 to 10mA
4.5
5.1
5.7
V
POWER-ON RESET
VCC POR Threshold
Rising Edge
2.75
2.95
V
Falling Edge
2.35
2.6
V
OSCILLATOR
Nominal Switching Frequency
FS
FS = VCC
430
500
570
kHz
Resistor from FS to GND = 340kΩ
240
300
360
kHz
Resistor from FS to GND = 32.4kΩ
2000
kHz
Minimum Off-Time
tOFF
VIN = 3V
150
ns
Minimum On-Time
tON
(Note 9)
90
ns
FS Voltage
VFS
FS = 100kΩ
0.39
0.4
0.41
V
Synchronization Frequency
SYNC
300
2000
kHz
SYNC Pulse Width
100
ns
ERROR AMPLIFIER
Error Amplifier Transconductance Gain
gm
External Compensation
165
230
295
µA/V
Internal Compensation
50
µA/V
FB Leakage Current
VFB = 0.6V
1
150
nA
Current Sense Amplifier Gain
RT
0.46
0.5
0.54
V/A
FB Voltage
TA = -40°C to +85°C
0.590
0.599
0.606
V
TA = -40°C to +125°C
0.590
0.599
0.607
V


Similar Part No. - ISL85410

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85410 RENESAS-ISL85410 Datasheet
1Mb / 21P
   Wide VIN 1A Synchronous Buck Regulator
ISL85410 RENESAS-ISL85410 Datasheet
1Mb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
logo
Intersil Corporation
ISL854102 INTERSIL-ISL854102 Datasheet
743Kb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL854102 RENESAS-ISL854102 Datasheet
1Mb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
ISL854102FRZ RENESAS-ISL854102FRZ Datasheet
1Mb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
More results

Similar Description - ISL85410

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85410 RENESAS-ISL85410 Datasheet
1Mb / 21P
   Wide VIN 1A Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
ISL85412 INTERSIL-ISL85412 Datasheet
994Kb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
ISL854102 RENESAS-ISL854102 Datasheet
1Mb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
ISL85412 RENESAS-ISL85412 Datasheet
1Mb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
ISL85418 RENESAS-ISL85418 Datasheet
1Mb / 21P
   Wide VIN 800mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL854102 INTERSIL-ISL854102 Datasheet
743Kb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85413 RENESAS-ISL85413 Datasheet
1Mb / 20P
   Wide VIN 300mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415_13 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com