Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4029 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N4029
Description  Small Signal Switching Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4029 Datasheet(HTML) 4 Page - ON Semiconductor

  2N4029_13 Datasheet HTML 1Page - ON Semiconductor 2N4029_13 Datasheet HTML 2Page - ON Semiconductor 2N4029_13 Datasheet HTML 3Page - ON Semiconductor 2N4029_13 Datasheet HTML 4Page - ON Semiconductor 2N4029_13 Datasheet HTML 5Page - ON Semiconductor 2N4029_13 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N4029, 2N4033
http://onsemi.com
4
VBC, BASE−COLLECTOR VOLTAGE (V)
25
−20
−18
−10
0
Figure 7. Output Capacitance
20
15
10
5
0
−16 −14 −12
−8
−6
−4
−2
TJ = 25°C
fTEST = 10 kHz
IC, COLLECTOR CURRENT (mA)
1
10
100
Figure 8. Current Gain Bandwidth Product
350
300
250
200
150
100
50
0
TJ = 25°C
VCE = −5 V
35
30


Similar Part No. - 2N4029_13

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N4029 MICROSEMI-2N4029_1 Datasheet
290Kb / 6P
   PNP SILICON SWITCHING TRANSISTOR
More results

Similar Description - 2N4029_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
JANTX2N4033 ONSEMI-JANTX2N4033 Datasheet
105Kb / 4P
   Small Signal Switching Transistor
March, 2013 ??Rev. P0
JAN2N2222A ONSEMI-JAN2N2222A Datasheet
90Kb / 3P
   Small Signal Switching Transistor
August, 2012 ??Rev. 1
2N2219 ONSEMI-2N2219 Datasheet
103Kb / 4P
   Small Signal Switching Transistor
August, 2012 ??Rev. 1
logo
New Jersey Semi-Conduct...
2N2905A NJSEMI-2N2905A Datasheet
206Kb / 3P
   Small Signal Switching Transistor
logo
Central Semiconductor C...
CMKT3946 CENTRAL-CMKT3946_15 Datasheet
387Kb / 2P
   COMPLEMENTARY SMALL SIGNAL SWITCHING TRANSISTOR
logo
Sensitron
SHD446010 SENSITRON-SHD446010 Datasheet
37Kb / 2P
   SMALL SIGNAL TRANSISTOR
SHD444104 SENSITRON-SHD444104 Datasheet
155Kb / 2P
   SMALL SIGNAL TRANSISTOR
logo
Isahaya Electronics Cor...
ISA1989AU1 ISAHAYA-ISA1989AU1 Datasheet
139Kb / 3P
   SMALL-SIGNAL TRANSISTOR
ISA1530AC1 ISAHAYA-ISA1530AC1 Datasheet
115Kb / 3P
   SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
2SC5214 KEXIN-2SC5214 Datasheet
51Kb / 1P
   Small Signal Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com