Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRJE3370060150 Datasheet(PDF) 6 Page - AVX Corporation

Part # TRJE3370060150
Description  Professional Tantalum Chip Capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TRJE3370060150 Datasheet(HTML) 6 Page - AVX Corporation

  TRJE3370060150 Datasheet HTML 1Page - AVX Corporation TRJE3370060150 Datasheet HTML 2Page - AVX Corporation TRJE3370060150 Datasheet HTML 3Page - AVX Corporation TRJE3370060150 Datasheet HTML 4Page - AVX Corporation TRJE3370060150 Datasheet HTML 5Page - AVX Corporation TRJE3370060150 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SEPTEMBER 2013
I 91
TRJ Series
Professional Tantalum Chip Capacitor
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz RMS Current (mA)
100kHz RMS Voltage (mV)
AVX
Case Capacitance
Voltage
(μA)
%
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
TRJA224*035#6000
A
0.22
35
0.30
4
6000
1
112
101
45
671
604
268
TRJA334*035#RJ
A
0.33
35
0.30
4
11280
1
82
73
33
920
828
368
TRJA334*035#6000
A
0.33
35
0.30
4
6000
1
112
101
45
671
604
268
TRJA474*035#RJ
A
0.47
35
0.30
4
9530
1
89
80
35
845
761
338
TRJA474*035#4000
A
0.47
35
0.30
4
4000
1
137
123
55
548
493
219
TRJA684*035#RJ
A
0.68
35
0.30
4
7980
1
97
87
39
774
696
309
TRJA684*035#6000
A
0.68
35
0.30
4
6000
1
112
101
45
671
604
268
TRJA105*035#RJ
A
1
35
0.30
4
6630
1
106
96
43
705
635
282
TRJA105*035#3000
A
1
35
0.30
4
3000
1
158
142
63
474
427
190
TRJB105*035#RJ
B
1
35
0.30
4
3400
1
158
142
63
538
484
215
TRJB105*035#2000
B
1
35
0.30
4
2000
1
206
186
82
412
371
165
TRJA155*035#RJ
A
1.5
35
0.39
6
3100
1
166
149
66
513
462
205
TRJA155*035#2000
A
1.5
35
0.39
6
2000
1
206
186
82
412
371
165
TRJB155*035#RJ
B
1.5
35
0.39
6
5460
1
125
112
50
681
613
272
TRJB155*035#2500
B
1.5
35
0.39
6
2500
1
184
166
74
461
415
184
TRJB225*035#RJ
B
2.2
35
0.58
6
4550
1
137
123
55
622
560
249
TRJB225*035#2000
B
2.2
35
0.58
6
2000
1
206
186
82
412
371
165
TRJB335*035#RJ
B
3.3
35
0.87
6
3740
1
151
136
60
564
507
226
TRJB335*035#1000
B
3.3
35
0.87
6
1000
1
292
262
117
292
262
117
TRJC335*035#RJ
C
3.3
35
0.87
6
1840
1
245
220
98
450
405
180
TRJC335*035#0800
C
3.3
35
0.87
6
800
1
371
334
148
297
267
119
TRJD335*035#RJ
D
3.3
35
0.87
6
2000
1
274
246
110
548
493
219
TRJB475*035#RJ
B
4.7
35
1.20
6
2200
1
224
201
89
492
443
197
TRJB475*035#1500
B
4.7
35
1.20
6
1500
1
271
244
108
406
366
162
TRJC475*035#RJ
C
4.7
35
1.2
6
1410
1
279
251
112
394
354
158
TRJC475*035#0600
C
4.7
35
1.2
6
600
1
428
385
171
257
231
103
TRJD475*035#RJ
D
4.7
35
1.2
6
1500
1
316
285
126
474
427
190
TRJC685*035#RJ
C
6.8
35
1.8
6
1070
1
321
289
128
343
309
137
TRJC685*035#0600
C
6.8
35
1.8
6
600
1
428
385
171
257
231
103
TRJD685*035#RJ
D
6.8
35
1.8
6
1300
1
340
306
136
442
397
177
TRJC106*035#RJ
C
10
35
2.6
6
800
1
371
334
148
297
267
119
TRJC106*035#0600
C
10
35
2.6
6
600
1
428
385
171
257
231
103
TRJD106*035#RJ
D
10
35
2.6
6
800
1
433
390
173
346
312
139
TRJD106*035#0250
D
10
35
2.6
6
250
1
775
697
310
194
174
77
TRJD106*035#0400
D
10
35
2.6
6
400
1
612
551
245
245
220
98
TRJD156*035#RJ
D
15
35
3.9
6
720
1
456
411
183
329
296
131
TRJD156*035#0225
D
15
35
3.9
6
225
1
816
735
327
184
165
73
TRJD226*035#RJ
D
22
35
5.8
6
650
1
480
432
192
312
281
125
TRJD226*035#0200
D
22
35
5.8
6
200
1
866
779
346
173
156
69
TRJD226*035#0400
D
22
35
5.8
6
400
1
612
551
245
245
220
98
TRJE336*035#RJ
E
33
35
8.7
6
590
11)
529
476
212
312
281
125
TRJE336*035#0150
E
33
35
8.7
6
150
11)
1049
944
420
157
142
63
TRJE336*035#0250
E
33
35
8.7
6
250
11)
812
731
325
203
183
81
TRJU476*035RRJV
U
47
35
12.3
10
400
3
642
578
257
257
231
103
TRJU476*035R0200V
U
47
35
12.3
10
200
3
908
817
363
182
163
73
50 Volt @ 85ºC (33 Volt @ 125ºC)
TRJA224*050#RJ
A
0.22
50
0.3
4
7500
1
100
90
40
750
675
300
TRJA224*050#7000
A
0.22
50
0.3
4
7000
1
104
93
41
725
652
290
TRJA334*050#RJ
A
0.33
50
0.3
4
7000
1
104
93
41
725
652
290
TRJB474*050#RJ
B
0.47
50
0.3
4
5000
1
130
117
52
652
587
261
TRJB684*050#RJ
B
0.68
50
0.3
4
4000
1
146
131
58
583
525
233
TRJB684*050#2000
B
0.68
50
0.3
4
2000
1
206
186
82
412
371
165
TRJB105*050#RJ
B
1
50
0.4
4
3400
1
158
142
63
538
484
215
TRJB105*050#2000
B
1
50
0.4
4
2000
1
206
186
82
412
371
165
TRJC105*050#RJ
C
1
50
0.4
4
3000
1
191
172
77
574
517
230
TRJC155*050#RJ
C
1.5
50
0.6
6
2500
1
210
189
84
524
472
210
TRJC155*050#1500
C
1.5
50
0.6
6
1500
1
271
244
108
406
366
162
TRJC225*050#RJ
C
2.2
50
0.8
6
1700
1
254
229
102
432
389
173
TRJC225*050#1000
C
2.2
50
0.8
6
1000
1
332
298
133
332
298
133
TRJD225*050#RJ
D
2.2
50
0.8
4.5
2000
1
274
246
110
548
493
219
TRJD225*050#1200
D
2.2
50
0.8
4.5
1200
1
354
318
141
424
382
170
TRJC335*050#RJ
C
3.3
50
1.2
6
1400
1
280
252
112
392
353
157
TRJC335*050#1000
C
3.3
50
1.2
6
1000
1
332
298
133
332
298
133
TRJD335*050#RJ
D
3.3
50
1.20
4.5
1100
1
369
332
148
406
366
162
TRJD335*050#0800
D
3.3
50
1.20
4.5
800
1
433
390
173
346
312
139
TRJD475*050#RJ
D
4.7
50
1.80
4.5
900
1
408
367
163
367
331
147
TRJD475*050#0600
D
4.7
50
1.80
4.5
600
1
500
450
200
300
270
120
TRJD685*050#RJ
D
6.8
50
2.60
4.5
700
1
463
417
185
324
292
130
TRJE106*050#RJ
E
10
50
3.80
4.5
700
11)
486
437
194
340
306
136
TRJE106*050#0300
E
10
50
3.80
4.5
300
1
1)
742
667
297
222
200
89
TRJE106*050#0400
E
10
50
3.80
4.5
400
11)
642
578
257
257
231
103
11) Dry pack option (see How to order) recommended for reduction of stress during
soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are
measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR move-
ment to 1.25 times catalogue limit post mounting.
For typical weight and composition see page 150.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance
part in the same case size, to the same reliability standards.


Similar Part No. - TRJE3370060150

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
TRJ-20-6A TALEMA-TRJ-20-6A Datasheet
121Kb / 1P
   Pulse Transformers for RF
TRJ-20-6C TALEMA-TRJ-20-6C Datasheet
121Kb / 1P
   Pulse Transformers for RF
TRJ-40-6A TALEMA-TRJ-40-6A Datasheet
121Kb / 1P
   Pulse Transformers for RF
TRJ-40-6C TALEMA-TRJ-40-6C Datasheet
121Kb / 1P
   Pulse Transformers for RF
TRJ-40-6D TALEMA-TRJ-40-6D Datasheet
121Kb / 1P
   Pulse Transformers for RF
More results

Similar Description - TRJE3370060150

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TRJC476K016R0350 AVX-TRJC476K016R0350 Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD685K050RRJ AVX-TRJD685K050RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD686M016RRJ AVX-TRJD686M016RRJ Datasheet
138Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB105K035RRJ AVX-TRJB105K035RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB106K016RRJ AVX-TRJB106K016RRJ Datasheet
132Kb / 6P
   Professional Tantalum Chip Capacitor
logo
Kemet Corporation
T499 KEMET-T499 Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
logo
Central Technologies
CTTCC CT-CTTCC Datasheet
258Kb / 2P
   Chip Tantalum Capacitor
logo
Suntan Capacitors
TS20 SUNTAN-TS20_17 Datasheet
168Kb / 1P
   CHIP TANTALUM CAPACITOR - SMD
logo
Abracon Corporation
ATCC-211A-010 ABRACON-ATCC-211A-010 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211B-025 ABRACON-ATCC-211B-025 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com