Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMB02070Z0000FB200 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MMB02070Z0000FB200
Description  MMU 0102, MMA 0204, MMB 0207 - Professional
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMB02070Z0000FB200 Datasheet(HTML) 2 Page - Vishay Siliconix

  MMB02070Z0000FB200 Datasheet HTML 1Page - Vishay Siliconix MMB02070Z0000FB200 Datasheet HTML 2Page - Vishay Siliconix MMB02070Z0000FB200 Datasheet HTML 3Page - Vishay Siliconix MMB02070Z0000FB200 Datasheet HTML 4Page - Vishay Siliconix MMB02070Z0000FB200 Datasheet HTML 5Page - Vishay Siliconix MMB02070Z0000FB200 Datasheet HTML 6Page - Vishay Siliconix MMB02070Z0000FB200 Datasheet HTML 7Page - Vishay Siliconix MMB02070Z0000FB200 Datasheet HTML 8Page - Vishay Siliconix MMB02070Z0000FB200 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Document Number: 28713
For technical questions, contact: melf@vishay.com
www.vishay.com
Revision: 05-Mar-12
15
MMU 0102, MMA 0204, MMB 0207 - Professional
Professional MELF Resistors
Vishay Beyschlag
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS
Note
• Color code marking is applied according to IEC 60062 (3) in four bands (E24 series) or 5 bands (E96 or E192 series). Each color band appears
as a single solid line, voids are permissible if at least 2/3 of the band is visible from each radial angle of view. The last color band for tolerance
is approximately 50 % wider than the other bands. An interrupted yellow band between the 4th and 5th full band indicates TC25.
PATTERN STYLES FOR MELF RESISTORS
Note
• The given solder pad dimensions reflect the considerations for board design and assembly as outlined e.g. in standards IEC 61188-5-x, or in
publication IPC-7351. They do not guarantee any supposed thermal properties, however, they will be found adequate for most general
applications.
DIMENSIONS AND MASS
TYPE
L
(mm)
D
(mm)
L1 min.
(mm)
D1
(mm)
K
(mm)
MASS
(mg)
MMU 0102
2.2 + 0/- 0.1
1.1 + 0/- 0.1
1.2
D + 0/- 0.1
0.4 ± 0.05
8
MMA 0204
3.6 + 0/- 0.2
1.4 + 0/- 0.1
1.8
D + 0/- 0.15
0.8 ± 0.1
22
MMB 0207
5.8 + 0/- 0.15
2.2 + 0/- 0.2
3.2
D + 0/- 0.2
1.15 ± 0.1
80
RECOMMENDED SOLDER PAD DIMENSIONS
TYPE
WAVE SOLDERING
REFLOW SOLDERING
G
(mm)
Y
(mm)
X
(mm)
Z
(mm)
G
(mm)
Y
(mm)
X
(mm)
Z
(mm)
MMU 0102
0.7
1.2
1.5
3.1
1.1
0.8
1.3
2.7
MMA 0204
1.5
1.5
1.8
4.5
1.7
1.2
1.6
4.1
MMB 0207
2.8
2.1
2.6
7.0
3.2
1.7
2.4
6.6
L
1
K
D
1
D
L
G
X
Y
Z


Similar Part No. - MMB02070Z0000FB200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMB02070Z0000ZB200 VISHAY-MMB02070Z0000ZB200 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMB02070Z0000ZB200 VISHAY-MMB02070Z0000ZB200 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
More results

Similar Description - MMB02070Z0000FB200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B0207C-F ETC2-B0207C-F Datasheet
948Kb / 16P
   MBA 0204; MBB 0207; MBE 0414 Professional leaded resistors
logo
FCI connector
HT-0102 FCI-CONNECTOR-HT-0102 Datasheet
225Kb / 10P
   HT-0102 Hand Tool Manual
logo
Pyramid Semiconductor C...
PACE1753 PYRAMID-PACE1753 Datasheet
187Kb / 21P
   SINGLE CHIP, 40MHz CMOS MMU/COMBO
logo
List of Unclassifed Man...
71030 ETC2-71030 Datasheet
3Mb / 1P
   Professional Tools for Professional Results
WC610620PFLAP ETC1-WC610620PFLAP Datasheet
69Kb / 1P
   Professional Handcrimpwerkzeug Professional hand crimp tool
logo
PHOENIX CONTACT
3069707 PHOENIX-3069707 Datasheet
81Kb / 5P
   Off switch - RS20-US-S0201-0102-014H-001
logo
OSRAM GmbH
GDPSLR31.13 OSRAM-GDPSLR31.13 Datasheet
1Mb / 21P
   Professional downlights
logo
PHOENIX CONTACT
3069722 PHOENIX-3069722 Datasheet
81Kb / 5P
   Changeover switch - RS20-US-S0720-0102-014H-001
3069706 PHOENIX-3069706 Datasheet
80Kb / 5P
   Off switch - RS20-US-S0200-0102-014H-001
3069719 PHOENIX-3069719 Datasheet
81Kb / 5P
   Changeover switch - RS20-US-S0575-0102-014H-001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com