Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRG04 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # CRG04
Description  General-Purpose Rectifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CRG04 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  CRG04 Datasheet HTML 1Page - Toshiba Semiconductor CRG04 Datasheet HTML 2Page - Toshiba Semiconductor CRG04 Datasheet HTML 3Page - Toshiba Semiconductor CRG04 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CRG04
2008-02-01
2
Marking
Abbreviation Code
Part No.
G4
CRG04
Standard Soldering Pad
Handling Precaution
The absolute maximum ratings are rated values and must not be exceeded during operation, even for an instant. The
following are the general derating methods that we recommend when you design a circuit with a device.
VRRM: We recommend that the worst case voltage, including surge voltage, be no greater than 80% of the maximum
rating of VRRM for a DC circuit and be no greater than 50% of that of VRRM for an AC circuit.
VRRM has a temperature coefficient of 0.1%/℃. Take this temperature coefficient into account designing a device
at low temperature.
IF(AV): We recommend that the worst case current be no greater than 80% of the maximum rating of IF(AV). Carry out
adequate heat design. If you can’t design a circuit with excellent heat radiation, set the margin by using an
allowable Ta max-IF (AV) curve.
This rating specifies the non-repetitive peak current in one cycle of a 50-Hz sine wave, condition angle 180. Therefore,
this is only applied for an abnormal operation, which seldom occurs during the lifespan of the device.
We recommend that a device be used at Tj below 120℃ under the worst load and heat radiation conditions.
Thermal resistance between junction and ambient fluctuates depending on the device’s mounting condition. When using
a device, design a circuit board and a soldering land size to match the appropriate thermal resistance value.
Please refer to the Rectifiers databook for further information.
2.8
1.2
1.2
Unit: mm


Similar Part No. - CRG04

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CRG0402F100K MACOM-CRG0402F100K Datasheet
131Kb / 3P
   Type CRG Series
CRG0402F100K MACOM-CRG0402F100K Datasheet
131Kb / 3P
   Thick Film Chip Resistors
CRG0402F100K MACOM-CRG0402F100K Datasheet
131Kb / 3P
   Thick Film Chip Resistors
CRG0402F100K MACOM-CRG0402F100K Datasheet
131Kb / 3P
   Type CRG Series
CRG0402F1K MACOM-CRG0402F1K Datasheet
131Kb / 3P
   Type CRG Series
More results

Similar Description - CRG04

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1S1885A TOSHIBA-1S1885A Datasheet
131Kb / 2P
   RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
1S1829 TOSHIBA-1S1829 Datasheet
116Kb / 2P
   RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
1S1830 TOSHIBA-1S1830 Datasheet
134Kb / 2P
   RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
1S2460 TOSHIBA-1S2460 Datasheet
93Kb / 2P
   GENERAL PURPOSE RECTIFIER APPLICATIONS.
CMG03 TOSHIBA-CMG03 Datasheet
155Kb / 4P
   General Purpose Rectifier Applications
CRG03 TOSHIBA-CRG03 Datasheet
165Kb / 4P
   General Purpose Rectifier Applications
U2JC44 TOSHIBA-U2JC44 Datasheet
154Kb / 3P
   GENERAL PURPOSE RECTIFIER APPLICATIONS
1R5JZ41 TOSHIBA-1R5JZ41 Datasheet
135Kb / 2P
   RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
logo
Guangdong Kexin Industr...
1N4001WS KEXIN-1N4001WS Datasheet
63Kb / 2P
   General Purpose Rectifier Applications
logo
Toshiba Semiconductor
CRG09 TOSHIBA-CRG09 Datasheet
188Kb / 6P
   General Purpose Rectifier Applications
U10LC48 TOSHIBA-U10LC48_07 Datasheet
206Kb / 4P
   General Purpose Rectifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com