Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRJC336004RJ Datasheet(PDF) 3 Page - AVX Corporation

Part # TRJC336004RJ
Description  Professional Tantalum Chip Capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TRJC336004RJ Datasheet(HTML) 3 Page - AVX Corporation

  TRJC336004RJ Datasheet HTML 1Page - AVX Corporation TRJC336004RJ Datasheet HTML 2Page - AVX Corporation TRJC336004RJ Datasheet HTML 3Page - AVX Corporation TRJC336004RJ Datasheet HTML 4Page - AVX Corporation TRJC336004RJ Datasheet HTML 5Page - AVX Corporation TRJC336004RJ Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
88
I SEPTEMBER 2013
TRJ Series
Professional Tantalum Chip Capacitor
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz RMS Current (mA)
100kHz RMS Voltage (mV)
AVX
Case
Capacitance
Voltage
(μA)
%
Max. (mΩ)
MSL
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
4 Volt @ 85ºC (2.7 Volt @ 125ºC)
TRJB156*004#RJ
B
15
4
0.45
6
3000
1
168
151
67
505
454
202
TRJC336*004#RJ
C
33
4
1.0
6
2000
1
235
211
94
469
422
188
6.3 Volt @ 85ºC (4 Volt @ 125ºC)
TRJA106*006#RJ
A
10
6.3
0.45
6
2200
1
185
166
74
406
366
162
TRJA106*006#1500
A
10
6.3
0.45
6
1500
1
224
201
89
335
302
134
TRJB106*006#RJ
B
10
6.3
0.45
6
3000
1
168
151
67
505
454
202
TRJA156*006#RJ
A
15
6.3
0.68
6
2030
1
192
173
77
390
351
156
TRJA156*006#1500
A
15
6.3
0.68
6
1500
1
224
201
89
335
302
134
TRJB156*006#RJ
B
15
6.3
0.68
6
2030
1
205
184
82
415
374
166
TRJB156*006#0700
B
15
6.3
0.68
6
700
1
348
314
139
244
220
98
TRJA226*006#RJ
A
22
6.3
0.99
6
1700
1
210
189
84
357
321
143
TRJA226*006#0900
A
22
6.3
0.99
6
900
1
289
260
115
260
234
104
TRJB226*006#RJ
B
22
6.3
0.99
6
1880
1
213
191
85
400
360
160
TRJB226*006#0600
B
22
6.3
0.99
6
600
1
376
339
151
226
203
90
TRJC226*006#RJ
C
22
6.3
0.99
6
2000
1
235
211
94
469
422
188
TRJB336*006#RJ
B
33
6.3
1.5
6
1740
1
221
199
88
385
346
154
TRJB336*006#0600
B
33
6.3
1.5
6
600
1
376
339
151
226
203
90
TRJC336*006#RJ
C
33
6.3
1.5
6
1800
1
247
222
99
445
400
178
TRJB476*006#RJ
B
47
6.3
2.1
6
1620
1
229
206
92
371
334
148
TRJB476*006#0500
B
47
6.3
2.1
6
500
1
412
371
165
206
186
82
TRJC476*006#RJ
C
47
6.3
2.1
6
540
1
451
406
181
244
219
97
TRJC476*006#0250
C
47
6.3
2.1
6
250
1
663
597
265
166
149
66
TRJC686*006#RJ
C
68
6.3
3.1
6
490
1
474
426
190
232
209
93
TRJC686*006#0200
C
68
6.3
3.1
6
200
1
742
667
297
148
133
59
TRJC107*006#RJ
C
100
6.3
4.5
6
440
1
500
450
200
220
198
88
TRJC107*006#0300
C
100
6.3
4.5
6
300
1
606
545
242
182
163
73
TRJC157*006#RJ
C
150
6.3
6.8
8
500
1
469
422
188
235
211
94
TRJC157*006#0300
C
150
6.3
6.8
8
300
1
606
545
242
182
163
73
TRJD157*006#RJ
D
150
6.3
6.8
6
400
1
612
551
245
245
220
98
TRJD157*006#0150
D
150
6.3
6.8
6
150
1
1000
900
400
150
135
60
TRJD227*006#RJ
D
220
6.3
9.9
8
360
1
645
581
258
232
209
93
TRJD227*006#0150
D
220
6.3
9.9
8
150
1
1000
900
400
150
135
60
TRJD337*006#RJ
D
330
6.3
14
8
400
1
612
551
245
245
220
98
TRJE337*006#RJ
E
330
6.3
14
8
330
1
1)
707
636
283
233
210
93
TRJE337*006#0150
E
330
6.3
14
8
150
1
1)
1049
944
420
157
142
63
TRJE477*006#RJ
E
470
6.3
21
8
250
1
1)
812
731
325
203
183
81
TRJE477*006#0200
E
470
6.3
21
8
200
1
1)
908
817
363
182
163
73
10 Volt @ 85ºC (7 Volt @ 125ºC)
TRJA155*010#RJ
A
1.5
10
0.30
6
7000
1
104
93
41
725
652
290
TRJA225*010#RJ
A
2.2
10
0.30
6
7000
1
104
93
41
725
652
290
TRJA475*010#RJ
A
4.7
10
0.35
6
2900
1
161
145
64
466
420
187
TRJA475*010#2000
A
4.7
10
0.35
6
2000
1
194
174
77
387
349
155
TRJA685*010#RJ
A
6.8
10
0.51
6
2650
1
168
151
67
446
401
178
TRJA685*010#1800
A
6.8
10
0.51
6
1800
1
204
184
82
367
331
147
TRJB685*010#RJ
B
6.8
10
0.51
6
3000
1
168
151
67
505
454
202
TRJA106*010#RJ
A
10
10
0.75
6
2200
1
185
166
74
406
366
162
TRJA106*010#1800
A
10
10
0.75
6
1800
1
204
184
82
367
331
147
TRJB106*010#RJ
B
10
10
0.75
6
2200
1
197
177
79
432
389
173
TRJB106*010#0800
B
10
10
0.75
6
800
1
326
293
130
261
235
104
TRJA156*010#RJ
A
15
10
1.10
6
1800
1
204
184
82
367
331
147
TRJA156*010#1000
A
15
10
1.10
6
1000
1
274
246
110
274
246
110
TRJB156*010#RJ
B
15
10
1.1
6
2030
1
205
184
82
415
374
166
TRJB156*010#0600
B
15
10
1.1
6
600
1
376
339
151
226
203
90
TRJC156*010#RJ
C
15
10
1.1
6
2000
1
235
211
94
469
422
188
TRJB226*010#RJ
B
22
10
1.7
6
1880
1
213
191
85
400
360
160
TRJB226*010#0700
B
22
10
1.7
6
700
1
348
314
139
244
220
98
TRJB336*010#RJ
B
33
10
2.5
6
1000
1
292
262
117
292
262
117
TRJB336*010#0650
B
33
10
2.5
6
650
1
362
325
145
235
212
94
TRJC336*010#RJ
C
33
10
2.5
6
590
1
432
389
173
255
229
102
TRJC336*010#0300
C
33
10
2.5
6
300
1
606
545
242
182
163
73
TRJD336*010#RJ
D
33
10
2.5
6
1100
1
369
332
148
406
366
162
TRJC476*010#RJ
C
47
10
3.5
6
540
1
451
406
181
244
219
97
TRJC476*010#0300
C
47
10
3.5
6
300
1
606
545
242
182
163
73
TRJD476*010#RJ
D
47
10
3.5
6
400
1
612
551
245
245
220
98
TRJC686*010#RJ
C
68
10
5.1
6
490
1
474
426
190
232
209
93
TRJC686*010#0300
C
68
10
5.1
6
300
1
606
545
242
182
163
73
TRJC107*010#RJ
C
100
10
7.5
8
500
1
469
422
188
235
211
94
TRJC107*010#0200
C
100
10
7.5
8
200
1
742
667
297
148
133
59
TRJD107*010#RJ
D
100
10
7.5
6
440
1
584
525
234
257
231
103
TRJD107*010#0100
D
100
10
7.5
6
100
1
1225
1102
490
122
110
49
TRJD107*010#0150
D
100
10
7.5
6
150
1
1000
900
400
150
135
60
11) Dry pack option (see How to order) recommended for reduction of stress during
soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are
measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR move-
ment to 1.25 times catalogue limit post mounting.
For typical weight and composition see page 150.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance
part in the same case size, to the same reliability standards.


Similar Part No. - TRJC336004RJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TRJC476K016R0350 AVX-TRJC476K016R0350 Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
More results

Similar Description - TRJC336004RJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TRJC476K016R0350 AVX-TRJC476K016R0350 Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD685K050RRJ AVX-TRJD685K050RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD686M016RRJ AVX-TRJD686M016RRJ Datasheet
138Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB105K035RRJ AVX-TRJB105K035RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB106K016RRJ AVX-TRJB106K016RRJ Datasheet
132Kb / 6P
   Professional Tantalum Chip Capacitor
logo
Kemet Corporation
T499 KEMET-T499 Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
logo
Central Technologies
CTTCC CT-CTTCC Datasheet
258Kb / 2P
   Chip Tantalum Capacitor
logo
Suntan Capacitors
TS20 SUNTAN-TS20_17 Datasheet
168Kb / 1P
   CHIP TANTALUM CAPACITOR - SMD
logo
Abracon Corporation
ATCC-211A-010 ABRACON-ATCC-211A-010 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211B-025 ABRACON-ATCC-211B-025 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com