Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC45SL3AD561JY Datasheet(PDF) 4 Page - TDK Electronics

Part # CC45SL3AD561JY
Description  Mid-high Voltage Ceramic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CC45SL3AD561JY Datasheet(HTML) 4 Page - TDK Electronics

  CC45SL3AD561JY Datasheet HTML 1Page - TDK Electronics CC45SL3AD561JY Datasheet HTML 2Page - TDK Electronics CC45SL3AD561JY Datasheet HTML 3Page - TDK Electronics CC45SL3AD561JY Datasheet HTML 4Page - TDK Electronics CC45SL3AD561JY Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
(3/4)
003-02 / 20110711 / e4c3_cc45.fm
• All specifications are subject to change without notice.
CAPACITANCE AND DIMENSIONS
TEMPERATURE CHARACTERISTICS: SL(+350 to –1000ppm/°C)
RATED VOLTAGE Edc: 6kV
: Lead shape symbol
LIST OF STANDARD LEAD SHAPES
The lead type is indicated by the letter which is the 15th character of the product name.
Dimensions in mm
• We recommend using a vertical kink type.
• For bulk products, we recommend a short lead type with the symbol N.
Part No.
Capacitance
(pF)
Dimensions(mm)
Taping
dimensions
Halogen-free product
Current product
D max.
T max.
F
d
CC45SL3JD030CY
NA
CC45SL3JD030CY
N
3
7.5
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3JD050DY
NA
CC45SL3JD050DY
N
5
7.5
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3JD080DY
NA
CC45SL3JD080DY
N
8
7.5
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3JD100JY
NA
CC45SL3JD100JY
N
10
7.5
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3JD120JY
NA
CC45SL3JD120JY
N
12
7.5
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3JD150JY
NA
CC45SL3JD150JY
N
15
7.5
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3JD180JY
NA
CC45SL3JD180JY
N
18
7.5
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3JD220JY
NA
CC45SL3JD220JY
N
22
7.5
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3JD270JY
NA
CC45SL3JD270JY
N
27
7.5
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3JD330JY
NA
CC45SL3JD330JY
N
33
7.5
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3JD390JY
NA
CC45SL3JD390JY
N
39
8.0
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3JD470JY
NA
CC45SL3JD470JY
N
47
8.5
6.0
7.5±1.5
0.6±0.05
V2
Long lead
Short lead
Taping
Vertical kink
Symbol G
Symbol N
Symbol V
Straight
Symbol A
Symbol H
Symbol P
Example) TDK Product Name: CC45SL3AD101JYNNA
N: Lead type (Vertical kink, Short)
D
T
F
d
D
T
F
d
D
T
D
T
F
d
D
T
F
d
D
T
• For more information about products with other capacitance or other data, please contact us.


Similar Part No. - CC45SL3AD561JY

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CC45SL3AD560JYGNA TDK-CC45SL3AD560JYGNA Datasheet
103Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CC45SL3AD560JYNNA TDK-CC45SL3AD560JYNNA Datasheet
103Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CC45SL3AD560JYVNA TDK-CC45SL3AD560JYVNA Datasheet
103Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
More results

Similar Description - CC45SL3AD561JY

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CK45-R3DD102K-NR TDK-CK45-R3DD102K-NR Datasheet
84Kb / 4P
   Mid-high Voltage Ceramic Capacitors
CK45-B3AD101KYNN TDK-CK45-B3AD101KYNN Datasheet
38Kb / 2P
   Mid-high Voltage Ceramic Capacitors
C3216C0G2J101J TDK-C3216C0G2J101J Datasheet
221Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
C2012JB2E102K TDK-C2012JB2E102K Datasheet
250Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
logo
YAGEO Corporation
CC1206JRNPOABN221 YAGEO-CC1206JRNPOABN221 Datasheet
899Kb / 23P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS Mid-voltage
logo
TDK Electronics
C2012X7R2A104K TDK-C2012X7R2A104K Datasheet
114Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
C3225C0G2J682J200AA TDK-C3225C0G2J682J200AA Datasheet
124Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
CK45-B3AD101KYNA TDK-CK45-B3AD101KYNA Datasheet
85Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead General use
CD12-E2GA222MYNSA TDK-CD12-E2GA222MYNSA Datasheet
73Kb / 3P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS11-E2GA222MYNSA TDK-CS11-E2GA222MYNSA Datasheet
93Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com