Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPF10K50EFC484-1 Datasheet(PDF) 85 Page - Altera Corporation

Part # EPF10K50EFC484-1
Description  Embedded Programmable Logic Device
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K50EFC484-1 Datasheet(HTML) 85 Page - Altera Corporation

Back Button EPF10K50EFC484-1 Datasheet HTML 81Page - Altera Corporation EPF10K50EFC484-1 Datasheet HTML 82Page - Altera Corporation EPF10K50EFC484-1 Datasheet HTML 83Page - Altera Corporation EPF10K50EFC484-1 Datasheet HTML 84Page - Altera Corporation EPF10K50EFC484-1 Datasheet HTML 85Page - Altera Corporation EPF10K50EFC484-1 Datasheet HTML 86Page - Altera Corporation EPF10K50EFC484-1 Datasheet HTML 87Page - Altera Corporation EPF10K50EFC484-1 Datasheet HTML 88Page - Altera Corporation EPF10K50EFC484-1 Datasheet HTML 89Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 100 page
background image
Altera Corporation
85
FLEX 10KE Embedded Programmable Logic Devices Data Sheet
Notes to tables:
(1)
All timing parameters are described in Tables 24 through 30 in this data sheet.
(2)
These parameters are specified by characterization.
Tables 66 through 79 show EPF10K50S and EPF10K200S device external
timing parameters.
Table 64. EPF10K200E External Timing Parameters
Notes (1), (2)
Symbol
-1 Speed Grade
-2 Speed Grade
-3 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tDRR
10.0
12.0
16.0
ns
tINSU
2.8
3.4
4.4
ns
tINH
0.0
0.0
0.0
ns
tOUTCO
2.0
4.5
2.0
5.3
2.0
7.8
ns
tPCISU
3.0
6.2
-
ns
tPCIH
0.0
0.0
-
ns
tPCICO
2.0
6.0
2.0
8.9
-
-
ns
Table 65. EPF10K200E External Bidirectional Timing Parameters
Notes (1), (2)
Symbol
-1 Speed Grade
-2 Speed Grade
-3 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tINSUBIDIR
3.0
4.0
5.5
ns
tINHBIDIR
0.0
0.0
0.0
ns
tOUTCOBIDIR
2.0
4.5
2.0
5.3
2.0
7.8
ns
tXZBIDIR
8.1
9.5
13.0
ns
tZXBIDIR
8.1
9.5
13.0
ns
Table 66. EPF10K50S Device LE Timing Microparameters (Part 1 of 2)
Note (1)
Symbol
-1 Speed Grade
-2 Speed Grade
-3 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tLUT
0.6
0.8
1.1
ns
tCLUT
0.5
0.6
0.8
ns
tRLUT
0.6
0.7
0.9
ns
tPACKED
0.2
0.3
0.4
ns
tEN
0.6
0.7
0.9
ns
tCICO
0.1
0.1
0.1
ns
tCGEN
0.4
0.5
0.6
ns


Similar Part No. - EPF10K50EFC484-1

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K50E ALTERA-EPF10K50E Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K50E ALTERA-EPF10K50E Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K50EQC240-1N ALTERA-EPF10K50EQC240-1N Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K50EQC240-3 ALTERA-EPF10K50EQC240-3 Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
More results

Similar Description - EPF10K50EFC484-1

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K50EQC240-1N ALTERA-EPF10K50EQC240-1N Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K30E ALTERA-EPF10K30E Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
FLEX10KE ALTERA-FLEX10KE Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K100B ALTERA-EPF10K100B Datasheet
60Kb / 1P
   Embedded Programmable Logic Device
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com