Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPF10K50EFC484-1 Datasheet(PDF) 58 Page - Altera Corporation

Part # EPF10K50EFC484-1
Description  Embedded Programmable Logic Device
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K50EFC484-1 Datasheet(HTML) 58 Page - Altera Corporation

Back Button EPF10K50EFC484-1 Datasheet HTML 54Page - Altera Corporation EPF10K50EFC484-1 Datasheet HTML 55Page - Altera Corporation EPF10K50EFC484-1 Datasheet HTML 56Page - Altera Corporation EPF10K50EFC484-1 Datasheet HTML 57Page - Altera Corporation EPF10K50EFC484-1 Datasheet HTML 58Page - Altera Corporation EPF10K50EFC484-1 Datasheet HTML 59Page - Altera Corporation EPF10K50EFC484-1 Datasheet HTML 60Page - Altera Corporation EPF10K50EFC484-1 Datasheet HTML 61Page - Altera Corporation EPF10K50EFC484-1 Datasheet HTML 62Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 100 page
background image
58
Altera Corporation
FLEX 10KE Embedded Programmable Logic Devices Data Sheet
Table 26. EAB Timing Microparameters
Note (1)
Symbol
Parameter
Conditions
tEABDATA1
Data or address delay to EAB for combinatorial input
tEABDATA2
Data or address delay to EAB for registered input
tEABWE1
Write enable delay to EAB for combinatorial input
tEABWE2
Write enable delay to EAB for registered input
tEABRE1
Read enable delay to EAB for combinatorial input
tEABRE2
Read enable delay to EAB for registered input
tEABCLK
EAB register clock delay
tEABCO
EAB register clock-to-output delay
tEABBYPASS
Bypass register delay
tEABSU
EAB register setup time before clock
tEABH
EAB register hold time after clock
tEABCLR
EAB register asynchronous clear time to output delay
tAA
Address access delay (including the read enable to output delay)
tWP
Write pulse width
tRP
Read pulse width
tWDSU
Data setup time before falling edge of write pulse
(5)
tWDH
Data hold time after falling edge of write pulse
(5)
tWASU
Address setup time before rising edge of write pulse
(5)
tWAH
Address hold time after falling edge of write pulse
(5)
tRASU
Address setup time with respect to the falling edge of the read enable
tRAH
Address hold time with respect to the falling edge of the read enable
tWO
Write enable to data output valid delay
tDD
Data-in to data-out valid delay
tEABOUT
Data-out delay
tEABCH
Clock high time
tEABCL
Clock low time


Similar Part No. - EPF10K50EFC484-1

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K50E ALTERA-EPF10K50E Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K50E ALTERA-EPF10K50E Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K50EQC240-1N ALTERA-EPF10K50EQC240-1N Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K50EQC240-3 ALTERA-EPF10K50EQC240-3 Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
More results

Similar Description - EPF10K50EFC484-1

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K50EQC240-1N ALTERA-EPF10K50EQC240-1N Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K30E ALTERA-EPF10K30E Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
FLEX10KE ALTERA-FLEX10KE Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K100B ALTERA-EPF10K100B Datasheet
60Kb / 1P
   Embedded Programmable Logic Device
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com