Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC45SL3JD150JYNN Datasheet(PDF) 3 Page - TDK Electronics

Part # CC45SL3JD150JYNN
Description  Mid-high Voltage Ceramic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CC45SL3JD150JYNN Datasheet(HTML) 3 Page - TDK Electronics

  CC45SL3JD150JYNN Datasheet HTML 1Page - TDK Electronics CC45SL3JD150JYNN Datasheet HTML 2Page - TDK Electronics CC45SL3JD150JYNN Datasheet HTML 3Page - TDK Electronics CC45SL3JD150JYNN Datasheet HTML 4Page - TDK Electronics CC45SL3JD150JYNN Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
(2/4)
003-02 / 20110711 / e4c3_cc45.fm
• All specifications are subject to change without notice.
CAPACITANCE AND DIMENSIONS
TEMPERATURE CHARACTERISTICS: SL(+350 to –1000ppm/°C)
RATED VOLTAGE Edc: 2kV
: Lead shape symbol
RATED VOLTAGE Edc: 3kV
: Lead shape symbol
Part No.
Capacitance
(pF)
Dimensions(mm)
Taping
dimensions
Halogen-free product
Current product
D max.
T max.
F
d
CC45SL3DD100JY
NA
CC45SL3DD100JY
N
10
5.5
5.0
5.0±1.5
0.6±0.05
V1
CC45SL3DD120JY
NA
CC45SL3DD120JY
N
12
5.5
5.0
5.0±1.5
0.6±0.05
V1
CC45SL3DD150JY
NA
CC45SL3DD150JY
N
15
5.5
5.0
5.0±1.5
0.6±0.05
V1
CC45SL3DD180JY
NA
CC45SL3DD180JY
N
18
5.5
5.0
5.0±1.5
0.6±0.05
V1
CC45SL3DD220JY
NA
CC45SL3DD220JY
N
22
5.5
5.0
5.0±1.5
0.6±0.05
V1
CC45SL3DD270JY
NA
CC45SL3DD270JY
N
27
5.5
5.0
5.0±1.5
0.6±0.05
V1
CC45SL3DD330JY
NA
CC45SL3DD330JY
N
33
5.5
5.0
5.0±1.5
0.6±0.05
V1
CC45SL3DD390JY
NA
CC45SL3DD390JY
N
39
5.5
5.0
5.0±1.5
0.6±0.05
V1
CC45SL3DD470JY
NA
CC45SL3DD470JY
N
47
5.5
5.0
5.0±1.5
0.6±0.05
V1
CC45SL3DD560JY
NA
CC45SL3DD560JY
N
56
6.0
5.0
5.0±1.5
0.6±0.05
V1
CC45SL3DD680JY
NA
CC45SL3DD680JY
N
68
6.5
5.0
5.0±1.5
0.6±0.05
V1
CC45SL3DD820JY
NA
CC45SL3DD820JY
N
82
7.0
5.0
5.0±1.5
0.6±0.05
V1
CC45SL3DD101JY
NA
CC45SL3DD101JY
N
100
7.5
5.0
5.0±1.5
0.6±0.05
V1
CC45SL3DD121JY
NA
CC45SL3DD121JY
N
120
8.0
5.0
5.0±1.5
0.6±0.05
V1
CC45SL3DD151JY
NA
CC45SL3DD151JY
N
150
8.5
5.0
5.0±1.5
0.6±0.05
V1
CC45SL3DD181JY
NA
CC45SL3DD181JY
N
180
9.0
5.0
5.0±1.5
0.6±0.05
V1
CC45SL3DD221JY
NA
CC45SL3DD221JY
N
220
10.0
5.0
5.0±1.5
0.6±0.05
V1
CC45SL3DD271JY
NA
CC45SL3DD271JY
N
270
11.0
5.0
7.5±1.5
0.6±0.05
V2
CC45SL3DD331JY
NA
CC45SL3DD331JY
N
330
11.5
5.0
7.5±1.5
0.6±0.05
V2
CC45SL3DD391JY
NA
CC45SL3DD391JY
N
390
12.5
5.0
7.5±1.5
0.6±0.05
V2
CC45SL3DD471JY
NA
CC45SL3DD471JY
N
470
13.5
5.0
7.5±1.5
0.6±0.05
V2
CC45SL3DD561JY
NA
CC45SL3DD561JY
N
560
14.5
5.0
7.5±1.5
0.6±0.05
V3
CC45SL3DD681JY
NA
CC45SL3DD681JY
N
680
16.0
5.0
10.0±2
0.6±0.05
Part No.
Capacitance
(pF)
Dimensions(mm)
Taping
dimensions
Halogen-free product
Current product
D max.
T max.
F
d
CC45SL3FD100JY
NA
CC45SL3FD100JY
N
10
5.5
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3FD120JY
NA
CC45SL3FD120JY
N
12
5.5
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3FD150JY
NA
CC45SL3FD150JY
N
15
5.5
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3FD180JY
NA
CC45SL3FD180JY
N
18
5.5
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3FD220JY
NA
CC45SL3FD220JY
N
22
5.5
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3FD270JY
NA
CC45SL3FD270JY
N
27
5.5
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3FD330JY
NA
CC45SL3FD330JY
N
33
6.0
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3FD390JY
NA
CC45SL3FD390JY
N
39
6.0
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3FD470JY
NA
CC45SL3FD470JY
N
47
6.5
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3FD560JY
NA
CC45SL3FD560JY
N
56
7.0
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3FD680JY
NA
CC45SL3FD680JY
N
68
7.5
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3FD820JY
NA
CC45SL3FD820JY
N
82
8.0
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3FD101JY
NA
CC45SL3FD101JY
N
100
8.5
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3FD121JY
NA
CC45SL3FD121JY
N
120
9.5
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3FD151JY
NA
CC45SL3FD151JY
N
150
10.0
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3FD181JY
NA
CC45SL3FD181JY
N
180
11.0
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3FD221JY
NA
CC45SL3FD221JY
N
220
12.0
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3FD271JY
NA
CC45SL3FD271JY
N
270
13.0
6.0
7.5±1.5
0.6±0.05
V2
CC45SL3FD331JY
NA
CC45SL3FD331JY
N
330
14.0
6.0
7.5±1.5
0.6±0.05
V3
CC45SL3FD391JY
NA
CC45SL3FD391JY
N
390
15.0
6.0
7.5±1.5
0.6±0.05
CC45SL3FD471JY
NA
CC45SL3FD471JY
N
470
16.0
6.0
10.0±2
0.6±0.05


Similar Part No. - CC45SL3JD150JYNN

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CC45SL3JD101CYGNA TDK-CC45SL3JD101CYGNA Datasheet
157Kb / 9P
   High Voltage Ceramic Capacitors
CC45SL3JD101CYNNA TDK-CC45SL3JD101CYNNA Datasheet
157Kb / 9P
   High Voltage Ceramic Capacitors
CC45SL3JD101CYVNA TDK-CC45SL3JD101CYVNA Datasheet
157Kb / 9P
   High Voltage Ceramic Capacitors
CC45SL3JD101DYGNA TDK-CC45SL3JD101DYGNA Datasheet
157Kb / 9P
   High Voltage Ceramic Capacitors
CC45SL3JD101DYNNA TDK-CC45SL3JD101DYNNA Datasheet
157Kb / 9P
   High Voltage Ceramic Capacitors
More results

Similar Description - CC45SL3JD150JYNN

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CK45-R3DD102K-NR TDK-CK45-R3DD102K-NR Datasheet
84Kb / 4P
   Mid-high Voltage Ceramic Capacitors
CK45-B3AD101KYNN TDK-CK45-B3AD101KYNN Datasheet
38Kb / 2P
   Mid-high Voltage Ceramic Capacitors
C3216C0G2J101J TDK-C3216C0G2J101J Datasheet
221Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
C2012JB2E102K TDK-C2012JB2E102K Datasheet
250Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
logo
YAGEO Corporation
CC1206JRNPOABN221 YAGEO-CC1206JRNPOABN221 Datasheet
899Kb / 23P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS Mid-voltage
logo
TDK Electronics
C2012X7R2A104K TDK-C2012X7R2A104K Datasheet
114Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
C3225C0G2J682J200AA TDK-C3225C0G2J682J200AA Datasheet
124Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
CK45-B3AD101KYNA TDK-CK45-B3AD101KYNA Datasheet
85Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead General use
CD12-E2GA222MYNSA TDK-CD12-E2GA222MYNSA Datasheet
73Kb / 3P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS11-E2GA222MYNSA TDK-CS11-E2GA222MYNSA Datasheet
93Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com