Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

95SQ015 Datasheet(PDF) 2 Page - International Rectifier

Part No. 95SQ015
Description  SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

95SQ015 Datasheet(HTML) 2 Page - International Rectifier

  95SQ015 Datasheet HTML 1Page - International Rectifier 95SQ015 Datasheet HTML 2Page - International Rectifier 95SQ015 Datasheet HTML 3Page - International Rectifier 95SQ015 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
95SQ015
PD-2.273 rev. A 12/97
2
www.irf.com
Part number
95SQ015
V
R
Max. DC Reverse Voltage (V)
15
V
RWM
Max. Working PeakReverse Voltage (V)
25
Voltage Ratings
I
F(AV)
Max.AverageForwardCurrent
9
A
50% duty cycle @ T
C
= 55° C, rectangular wave form
* See Fig. 5
I
FSM
Max.PeakOneCycleNon-Repetitive
2900
5µs Sine or 3µs Rect. pulse
SurgeCurrent *SeeFig.7
400
10ms Sine or 6ms Rect. pulse
E
AS
Non-RepetitiveAvalancheEnergy
4.50
mJ
T
J
= 25 °C, I
AS
= 1 Amps, L = 9 mH
I
AR
RepetitiveAvalancheCurrent
1
A
Currentdecayinglinearlytozeroin1µsec
Frequency limited by T
J
max. V
A
= 3 x V
R
typical
Parameters
95SQ
Units
Conditions
Absolute Maximum Ratings
A
Following any rated
load condition and
with rated V
RRM
applied
V
FM
Max. Forward Voltage Drop
(1)
0.31
V
@ 9A
* See Fig. 1
0.37
V
@ 18A
0.25
V
@ 9A
0.31
V
@ 18A
I
RM
Max. Reverse Leakage Current (1)
7
mA
T
J
= 25 °C
* See Fig. 2
348
mA
T
J
= 100 °C
310
mA
T
J
= 100 °C
V
R
= 12V
190
mA
T
J
= 100 °C
V
R
= 5V
C
T
Max. Junction Capacitance
1300
pF
V
R
= 5V
DC
, (test signal range 100Khz to 1Mhz) 25 °C
L
S
Typical Series Inductance
10.0
nH
Measured lead to lead 5mm from body
dv/dt Max. Voltage Rate of Change
10,000
V/ µs
(Rated V
R
)
T
J
= 25 °C
T
J
= 75 °C
V
R
= rated V
R
Parameters
95SQ
Units
Conditions
Electrical Specifications
(1) Pulse Width < 300µs, Duty Cycle < 2%
T
J
Max.JunctionTemperatureRange
-55to100
°C
T
stg
Max.StorageTemperatureRange
-55to100
°C
R
thJL
Max.ThermalResistanceJunction
8.0
°C/W
DCoperation
* See Fig. 4
toLead
1/8inchleadleangth
R
thJA
TypicalThermalResistance,
44
°C/W
Junction to Air
wt
ApproximateWeight
1.4(0.049) g(oz.)
Case Style
DO - 204AR
JEDEC
Thermal-Mechanical Specifications
Parameters
95SQ
Units
Conditions


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn