Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTP1N80E Datasheet(PDF) 2 Page - Motorola, Inc

Part # MTP1N80E
Description  TMOS POWER FET 1.0 AMPERES 800 VOLTS RDS(on) = 12 OHMS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP1N80E Datasheet(HTML) 2 Page - Motorola, Inc

  MTP1N80E Datasheet HTML 1Page - Motorola, Inc MTP1N80E Datasheet HTML 2Page - Motorola, Inc MTP1N80E Datasheet HTML 3Page - Motorola, Inc MTP1N80E Datasheet HTML 4Page - Motorola, Inc MTP1N80E Datasheet HTML 5Page - Motorola, Inc MTP1N80E Datasheet HTML 6Page - Motorola, Inc MTP1N80E Datasheet HTML 7Page - Motorola, Inc MTP1N80E Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MTP1N80E
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 0.25 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
800
0.981
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 800 Vdc, VGS = 0 Vdc)
(VDS = 800 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
10
100
µAdc
Gate–Body Leakage Current (VGS = ± 20 Vdc, VDS = 0 Vdc)
IGSS
100
nAdc
ON CHARACTERISTICS (1)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
Temperature Coefficient (Negative)
VGS(th)
2.0
3.3
6.3
4.0
Vdc
mV/
°C
Static Drain–to–Source On–Resistance (VGS = 10 Vdc, ID = 0.5 Adc)
RDS(on)
10.3
12
Ohm
Drain–to–Source On–Voltage
(VGS = 10 Vdc, ID = 1.0 Adc)
(VGS = 10 Vdc, ID = 0.5 Adc, TJ = 125°C)
VDS(on)
11
14.4
12.6
Vdc
Forward Transconductance (VDS = 15 Vdc, ID = 0.5 Adc)
gFS
0.4
1.4
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
297
420
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
29
40
Reverse Transfer Capacitance
f = 1.0 MHz)
Crss
6.0
10
SWITCHING CHARACTERISTICS (2)
Turn–On Delay Time
(VDD = 400 Vdc, ID = 1.0 Adc,
VGS = 10 Vdc,
RG = 9.1 Ω)
td(on)
9.0
20
ns
Rise Time
(VDD = 400 Vdc, ID = 1.0 Adc,
VGS = 10 Vdc,
RG = 9.1 Ω)
tr
10
20
Turn–Off Delay Time
VGS = 10 Vdc,
RG = 9.1 Ω)
td(off)
20
40
Fall Time
G = 9.1 Ω)
tf
27
50
Gate Charge
(VDS = 400 Vdc, ID = 1.0 Adc,
VGS = 10 Vdc)
QT
9.6
14
nC
(VDS = 400 Vdc, ID = 1.0 Adc,
VGS = 10 Vdc)
Q1
2.1
(VDS = 400 Vdc, ID = 1.0 Adc,
VGS = 10 Vdc)
Q2
4.2
Q3
4.7
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage (1)
(IS = 1.0 Adc, VGS = 0 Vdc)
(IS = 1.0 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
0.82
0.7
1.2
Vdc
Reverse Recovery Time
(IS = 1.0 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
trr
317
ns
(IS = 1.0 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
ta
56
(IS = 1.0 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
tb
261
Reverse Recovery Stored Charge
QRR
0.98
µC
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from contact screw on tab to center of die)
(Measured from the drain lead 0.25
″ from package to center of die)
LD
3.5
4.5
nH
Internal Source Inductance
(Measured from the source lead 0.25
″ from package to source bond pad)
LS
7.5
nH
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.


Similar Part No. - MTP1N80E

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MTP1N80E ISC-MTP1N80E Datasheet
301Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MTP1N80E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD1N80E MOTOROLA-MTD1N80E Datasheet
269Kb / 10P
   TMOS POWER FET 1.0 AMPERES 800 VOLTS RDS(on) = 12 OHM
MTW7N80E MOTOROLA-MTW7N80E Datasheet
220Kb / 8P
   TMOS POWER FET 7.0 AMPERES 800 VOLTS RDS(on) = 1.0 OHM
MTP4N80E MOTOROLA-MTP4N80E Datasheet
159Kb / 8P
   TMOS POWER FET 4.0 AMPERES 800 VOLTS RDS(on) = 3.0 OHM
MTY16N80E MOTOROLA-MTY16N80E Datasheet
239Kb / 8P
   TMOS POWER FET 16 AMPERES 800 VOLTS RDS(on) = 0.50 OHM
MTP1N60E MOTOROLA-MTP1N60E Datasheet
232Kb / 8P
   TMOS POWER FET 1.0 AMPERES 600 VOLTS RDS(on) = 8.0 OHM
MTP5N40E MOTOROLA-MTP5N40E Datasheet
258Kb / 8P
   TMOS POWER FET 5.0 AMPERES 400 VOLTS RDS(on) = 1.0 OHM
MTP10N40E MOTOROLA-MTP10N40E Datasheet
249Kb / 8P
   TMOS POWER FET 10 AMPERES 400 VOLTS RDS(on) = 0.55 OHMS
MTP2N60E MOTOROLA-MTP2N60E Datasheet
219Kb / 8P
   TMOS POWER FET 2.0 AMPERES 600 VOLTS RDS(on) = 3.8 OHMS
MTP7N20E MOTOROLA-MTP7N20E Datasheet
223Kb / 8P
   TMOS POWER FET 7.0 AMPERES 200 VOLTS RDS(on) = 0.70 OHMS
MTP1N50E MOTOROLA-MTP1N50E Datasheet
159Kb / 8P
   TMOS POWER FET 1.0 AMPERES 500 VOLTS RDS(on) = 5.0 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com