Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1714 Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1714
Description  Negative Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1714 Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1714 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1714 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1714 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1714 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1714 Datasheet HTML 5Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AIC1714
3
BLOCK DIAGRAM
+
VOUT
VIN
GND
-
+
-
VREF
TYPICAL PERFORMANCE CHARACTERISTICS
0
-2-4-6
-8
-10
-12
-14
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
Output Voltage vs. Supply Voltage
(Load Current=300
µA)
Supply Voltage (V)
Ta=25
°C
-4
-6
-8
-10
-12
4
5
6
7
8
9
10
Supply Voltage (V)
AIC1713-33
Output Voltage vs. Supply Voltage
(No Load)
Ta=25
°C
-40
-20
0
20
40
60
80
100
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
Supply Current vs Temperature
Temperature (
°C)
AIC1714-33
V
IN= -6V
I
OUT=0
-40
-20
0
2040
6080
100
-3.26
-3.27
-3.28
-3.29
-3.30
Output Voltage vs Temperature
Temperature (
°C)
V
IN= -6V
I
OUT=300µA


Similar Part No. - AIC1714

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1701 AIC-AIC1701 Datasheet
669Kb / 15P
   150mA, 3關A Ultra Low Quiescent Current LDO Voltage Regulator
AIC1702 AIC-AIC1702 Datasheet
686Kb / 15P
   Load Regulation, typical - 2mV
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
AIC1720-30 AIC-AIC1720-30 Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
AIC1720-30CS AIC-AIC1720-30CS Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
More results

Similar Description - AIC1714

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT74XX HOLTEK-HT74XX Datasheet
90Kb / 7P
   Negative Voltage Regulator
logo
Silicon Standard Corp.
SS6714 SSC-SS6714 Datasheet
94Kb / 5P
   Negative Voltage Regulator
logo
Seiko Instruments Inc
S-802 SII-S-802 Datasheet
552Kb / 10P
   NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79L12 SECOS-S79L12 Datasheet
386Kb / 2P
   Negative Voltage Regulator
logo
E-Tech Electronics LTD
GM79LXX ETL-GM79LXX Datasheet
330Kb / 5P
   NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SM79L09 SECOS-SM79L09 Datasheet
343Kb / 2P
   Negative Voltage Regulator
logo
GTM CORPORATION
GSC79LXX GTM-GSC79LXX Datasheet
345Kb / 5P
   NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79L24 SECOS-S79L24_15 Datasheet
643Kb / 2P
   Negative Voltage Regulator
S79LXX SECOS-S79LXX_15 Datasheet
720Kb / 5P
   Negative Voltage Regulator
S79L24 SECOS-S79L24 Datasheet
643Kb / 2P
   Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com