Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1313-Y Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SA1313-Y
Description  Audio Frequency Low Power Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1313-Y Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SA1313-Y Datasheet HTML 1Page - Toshiba Semiconductor 2SA1313-Y Datasheet HTML 2Page - Toshiba Semiconductor 2SA1313-Y Datasheet HTML 3Page - Toshiba Semiconductor 2SA1313-Y Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SA1313
2007-11-01
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SA1313
Audio Frequency Low Power Amplifier Applications
Driver Stage Amplifier Applications
Switching Applications
• Excellent hFE linearity: hFE (2) = 25 (min)
at VCE = −6 V, IC = −400 mA
• High voltage: VCEO = −50 V (min)
• Complementary to 2SC3325
• Small package
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−50
V
Collector-emitter voltage
VCEO
−50
V
Emitter-base voltage
VEBO
−5
V
Collector current
IC
−500
mA
Base current
IB
−50
mA
Collector power dissipation
PC
200
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Marking
Unit: mm
JEDEC
TO-236MOD
JEITA
SC-59
TOSHIBA
2-3F1A
Weight: 0.012 g (typ.)


Similar Part No. - 2SA1313-Y

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1313-Y KEXIN-2SA1313-Y Datasheet
1Mb / 2P
   PNP Transistors
logo
Toshiba Semiconductor
2SA1313-YTE85LF TOSHIBA-2SA1313-YTE85LF Datasheet
198Kb / 4P
   Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
More results

Similar Description - 2SA1313-Y

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3325-Y TOSHIBA-2SC3325-Y Datasheet
144Kb / 4P
   Audio Frequency Low Power Amplifier Applications
2SC2859Y TOSHIBA-2SC2859Y Datasheet
141Kb / 3P
   Audio Frequency Low Power Amplifier Applications
2SD2012 TOSHIBA-2SD2012_09 Datasheet
133Kb / 5P
   Audio Frequency Power Amplifier Applications
2SB1667 TOSHIBA-2SB1667_09 Datasheet
178Kb / 5P
   Audio Frequency Power Amplifier Applications
logo
Continental Device Indi...
CSD880 CDIL-CSD880 Datasheet
185Kb / 3P
   Audio Frequency Power Amplifier Applications
logo
Toshiba Semiconductor
2SD1353 TOSHIBA-2SD1353 Datasheet
177Kb / 2P
   AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS.
2SD2012FM TOSHIBA-2SD2012FM Datasheet
133Kb / 5P
   Audio Frequency Power Amplifier Applications
2SJ338 TOSHIBA-2SJ338_07 Datasheet
125Kb / 3P
   Audio-Frequency Power Amplifier Applications
2SA1358 TOSHIBA-2SA1358_07 Datasheet
120Kb / 4P
   Audio Frequency Power Amplifier Applications
2SD1354 TOSHIBA-2SD1354 Datasheet
189Kb / 2P
   AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com