Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1877845-9 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 2-1877845-9
Description  CPC-Medical Connector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1877845-9 Datasheet(HTML) 5 Page - Tyco Electronics

  2-1877845-9 Datasheet HTML 1Page - Tyco Electronics 2-1877845-9 Datasheet HTML 2Page - Tyco Electronics 2-1877845-9 Datasheet HTML 3Page - Tyco Electronics 2-1877845-9 Datasheet HTML 4Page - Tyco Electronics 2-1877845-9 Datasheet HTML 5Page - Tyco Electronics 2-1877845-9 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Circular Plastic Connector Medical
5
Contacts
Keying
Color
Standard
MEDLOC II
5P
Black............. 1877849-1 ............ 1811797-1
5P
80°
Black............. 1877849-2 ........... 1811797-2
5P
Gray............... 1877849-3 ........... 1811797-3
5P
80°
Gray............... 1877849-4........... 1811797-4
6P
Black............. 1877850-1 ............ 1811897-1
6P
80°
Black............. 1877850-2 ........... 1811897-2
6P
Gray............... 1877850-3 ........... 1811897-3
6P
80°
Gray............... 1877850-4........... 1811897-4
7P
Black............. 1877851-1.............. 1811798-1
7P
80°
Black............. 1877851-2............. 1811798-2
7P
Gray............... 1877851-3............. 1811798-3
7P
80°
Gray............... 1877851-4 ............ 1811798-4
10P
Black............. 1877852-1............. 1811799-1
10P
80°
Black............. 1877852-2............ 1811799-2
10P
Gray............... 1877852-3............ 1811799-3
10P
80°
Gray............... 1877852-4 ........... 1811799-4
Panel Mount - Receptacles
Contacts
Keying
Color
Part number
5P
Gray ............... 1877066-1
5P
Black.............. 1877066-2
5P
80°
Gray ............... 1877066-3
5P
80°
Black.............. 1877066-4
6P
Gray ............... 1877067-1
6P
Black.............. 1877067-2
6P
80°
Gray ............... 1877067-3
6P
80°
Black.............. 1877067-4
7P
Gray ............... 1877068-1
7P
Black.............. 1877068-2
7P
80°
Gray ............... 1877068-3
7P
80°
Black.............. 1877068-4
10P
Gray ............... 1877069-1
10P
Black.............. 1877069-2
10P
80°
Gray ............... 1877069-3
10P
80°
Black.............. 1877069-4
Front Nut
Back Nut
Wrench
RED....................... 1811448-1
RED ....................... 1877841-1
GRAY..................... 195457-1
WHITE ................. 1811448-2
WHITE.................. 1877841-2
YELLOW ............. 1811448-3
YELLOW.............. 1877841-3
GREEN................. 1811448-4
GREEN ................. 1877841-4
BLUE .................... 1811448-5
BLUE..................... 1877841-5
Cable Plugs - Overmold Flex Relief - Cable OD Ø6.4mm Max


Similar Part No. - 2-1877845-9

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2-1877285-2 TEC-2-1877285-2 Datasheet
164Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2-1877285-3 TEC-2-1877285-3 Datasheet
164Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2-1877285-4 TEC-2-1877285-4 Datasheet
164Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2-1877285-5 TEC-2-1877285-5 Datasheet
164Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2-1877285-6 TEC-2-1877285-6 Datasheet
164Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 2-1877845-9

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-207490 TEC-C-207490 Datasheet
69Kb / 1P
   CABLE GRIP, INTERNAL SIZE 11, CPC
C-207387 TEC-C-207387 Datasheet
60Kb / 1P
   CABLE GRIP, INTERNAL, SIZE 17, CPC
C-213902 TEC-C-213902 Datasheet
64Kb / 1P
   CABLE CLAMP KIT, LARGE, UNASSEMBLED, SIZE 17, CPC
C-207489 TEC-C-207489 Datasheet
81Kb / 1P
   CABLE BOOT, FLEXIBLE, SIZE ll, CPC
C-206430 TEC-C-206430 Datasheet
96Kb / 1P
   RECEPTACLE HOUSING, REVERSE SEX, SHELL SIZE 11, CPC
C-206061 TEC-C-206061 Datasheet
81Kb / 1P
   RECEPTACLE HOUSING, STANDARD SEX, SHELL SIZE 11, CPC
C-206705 TEC-C-206705 Datasheet
90Kb / 1P
   RECEPTACLE HOUSING, STANDARD SEX, SHELL SIZE 13, CPC
C-206043 TEC-C-206043 Datasheet
104Kb / 1P
   RECEPTACLE ASSEMBLY, REVERSE SEX, SERIES 1, 17-14 CPC
C-213826 TEC-C-213826 Datasheet
431Kb / 1P
   RECEPTACLE ASSEMBLY, POSTED, REVERSE SEX, SERIES 1, 17-9, CPC
logo
Tyco Electronics
206062 MACOM-206062 Datasheet
89Kb / 1P
   CABLE CLAMP KIT, STANDARD, SHELL SIZE 11, CPC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com