Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8468WBKSZ-RL Datasheet(PDF) 10 Page - Analog Devices

Part # AD8468WBKSZ-RL
Description  Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8468WBKSZ-RL Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8468WBKSZ-RL Datasheet HTML 4Page - Analog Devices AD8468WBKSZ-RL Datasheet HTML 5Page - Analog Devices AD8468WBKSZ-RL Datasheet HTML 6Page - Analog Devices AD8468WBKSZ-RL Datasheet HTML 7Page - Analog Devices AD8468WBKSZ-RL Datasheet HTML 8Page - Analog Devices AD8468WBKSZ-RL Datasheet HTML 9Page - Analog Devices AD8468WBKSZ-RL Datasheet HTML 10Page - Analog Devices AD8468WBKSZ-RL Datasheet HTML 11Page - Analog Devices AD8468WBKSZ-RL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD8468
Rev. 0 | Page 10 of 12
OUTLINE DIMENSIONS
1.30 BSC
COMPLIANT TO JEDEC STANDARDS MO-203-AB
1.00
0.90
0.70
0.46
0.36
0.26
2.20
2.00
1.80
2.40
2.10
1.80
1.35
1.25
1.15
0.10 MAX
1.10
0.80
0.40
0.10
0.22
0.08
3
12
4
6
5
0.65 BSC
COPLANARITY
0.10
SEATING
PLANE
0.30
0.15
Figure 14. 6-Lead Thin Shrink Small Outline Transistor Package (SC70)
(KS-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature
Range
Package Description
Package Option
Branding
AD8468WBKSZ-R7
−40°C to +125°C
6-Lead Thin Shrink Small Outline Transistor Package (SC70)
KS-6
Y3F
AD8468WBKSZ-RL
−40°C to +125°C
6-Lead Thin Shrink Small Outline Transistor Package (SC70)
KS-6
Y3F
1 Z = RoHS Compliant Part.
AUTOMOTIVE PRODUCTS
The AD8468WBKSZ models are available with controlled manufacturing to support the quality and reliability requirements of
automotive applications. Note that these automotive models may have specifications that differ from the commercial models; therefore,
designers should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for
use in automotive applications. Contact your local Analog Devices account representative for specific product ordering information and
to obtain the specific Automotive Reliability reports for these models.


Similar Part No. - AD8468WBKSZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8468WBKSZ-RL AD-AD8468WBKSZ-RL Datasheet
233Kb / 12P
   Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
AD8468WBKSZ-RL AD-AD8468WBKSZ-RL Datasheet
273Kb / 12P
   Rail-to-Rail, Fast, Low Power Single-Supply TTL/CMOS Comparator
More results

Similar Description - AD8468WBKSZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8468 AD-AD8468 Datasheet
233Kb / 12P
   Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
ADCMP608 AD-ADCMP608_07 Datasheet
258Kb / 12P
   Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
ADCMP608BKSZ-REEL7 AD-ADCMP608BKSZ-REEL7 Datasheet
259Kb / 12P
   Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
ADCMP609 AD-ADCMP609 Datasheet
289Kb / 12P
   Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
ADCMP603 AD-ADCMP603 Datasheet
309Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
ADCMP608 AD-ADCMP608 Datasheet
246Kb / 16P
   Rail-to-Rail, Fast, Low Power, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
Rev. PrA
ADCMP600 AD-ADCMP600 Datasheet
322Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
REV. 0
AD8465 AD-AD8465 Datasheet
322Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparator
REV. 0
AD8468 AD-AD8468_15 Datasheet
273Kb / 12P
   Rail-to-Rail, Fast, Low Power Single-Supply TTL/CMOS Comparator
ADCMP608 AD-ADCMP608_15 Datasheet
238Kb / 10P
   Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com