Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX9266XI-TRG Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APX9266XI-TRG
Description  Single-Phase Full-Wave Motor Driver for Silent Fan Motor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9266XI-TRG Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APX9266XI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APX9266XI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APX9266XI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APX9266XI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APX9266XI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APX9266XI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APX9266XI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APX9266XI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APX9266XI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Mar., 2008
APX9266
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
Single Phase Full Wave Fan Driver
Silent Driver
Low Supply Current
Low Standby Current (PWM=0), Supply current
less than 200
µA
Speed controllable by PWM input signal
Built-in Quick Start Function
Lock Protection and Auto Restart Function
Built-in FG Output
Built-in Hall Bias Circuit
Built-in Thermal Protection Circuit
Lead Free and Green Devices Available
(RoHS Compliant)
The APX9266 is a single-phase full-wave motor driver for
DC fan motor, and its speed can be controlled by PWM
input signal. The output signal of this IC is the amplified
hall input signal. It is suitable for both game machine and
CPU cooler that need silent drivers. The device has lock
protection function and the lock-restart timing can be
tunable by CT capacitor. The device is also with thermal
shutdown function. In normal operation, the supply cur-
rent is less than 3mA, but in PWM=0 standby mode, it is
just around 130
µA. Moreover, this feature will shut-
down HB, Amplifier, and FG. The APX9266 is available
in MSOP-10 package.
Features
General Description
Applications
Motor Drivers For Silent Fan Motors
Ordering and Marking Information
Pin Configuration
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VCC
VCC Pin Supply Voltage
7
V
IOUT
Output Pin Output Current
1
A
VOUT
Output Pin Output Voltage
7
V
IHB
HB Pin Output Current
25
mA
CT 2
IN+ 3
8 VCC
HB 4
6 FG
9 OUT1
7 PWM
OUT2 1
IN- 5
10 GND
MSOP-10
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020C for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
APX9266
Package Code
X : MSOP-10
Operating Ambient Temperature Range
I : -40 to 105 C
Handling Code
TR : Tape & Reel
Assembly Material
L : Lead Free Device
G : Halogen and Lead Free Device
Handling Code
Temperature Range
Package Code
°
XXXXX - Date Code
APX9266 X :
A9266
XXX
XX
Assembly Material


Similar Part No. - APX9266XI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9262P ANPEC-APX9262P Datasheet
194Kb / 15P
   Direct PWM Variable Speed Fan Motor Driver
APX9262PNI-TRG ANPEC-APX9262PNI-TRG Datasheet
194Kb / 15P
   Direct PWM Variable Speed Fan Motor Driver
APX9267 ANPEC-APX9267 Datasheet
280Kb / 12P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9267XI-TRG ANPEC-APX9267XI-TRG Datasheet
280Kb / 12P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9267XI-TRL ANPEC-APX9267XI-TRL Datasheet
280Kb / 12P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
More results

Similar Description - APX9266XI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9267 ANPEC-APX9267 Datasheet
280Kb / 12P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9275 ANPEC-APX9275 Datasheet
245Kb / 16P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9277 ANPEC-APX9277 Datasheet
214Kb / 15P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
logo
Diodes Incorporated
AM9789 DIODES-AM9789 Datasheet
622Kb / 18P
   Single Phase Full-wave Motor Driver for Silent Fan Motor
logo
Anpec Electronics Corop...
APX9275A ANPEC-APX9275A Datasheet
245Kb / 16P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9258 ANPEC-APX9258 Datasheet
947Kb / 18P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9268 ANPEC-APX9268 Datasheet
245Kb / 13P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9268A ANPEC-APX9268A Datasheet
1Mb / 14P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
logo
Rohm
BH6789FVM ROHM-BH6789FVM Datasheet
222Kb / 5P
   Single-Phase Full-Wave Motor Driver for Fan Motor
BA6908F ROHM-BA6908F_1 Datasheet
232Kb / 5P
   Single-Phase Full-Wave Motor Driver for Fan Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com