Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APR310150BI-TRL Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APR310150BI-TRL
Description  Micropower Microprocessor Reset Circuit with Manual Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APR310150BI-TRL Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APR310150BI-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APR310150BI-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APR310150BI-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APR310150BI-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APR310150BI-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APR310150BI-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APR310150BI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APR310150BI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APR310150BI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.3 - Feb., 2004
APR3101/2/3
www.anpec.com.tw
4
Part Number
Part Description
APR3101
Reset Output Push Pull Active Low with Delay
APR3102
Reset Output Push Pull Active High with Delay
APR3103
Reset Output Open Drain Active Low with Delay
APR3101/2/3
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
1.2
6
V
ICC
Supply Current
VCC=1.5V~6V
1.5
4
µA
T A=-40 to 85°C
3
5
T A=25°C
±1.5%
VTH
Reset Threshold
T A=-40 to 85°C
±2%
VHYST
Hysteresis Range
20
mV
TRTP
Reset Timeout Period
150
250
350
ms
VOL
Reset Output Low
ISINK=1.2mA
0.5
V
VOH
Reset Output High
ISOURCE=0.6mA
0.8*VCC
TD
VCC to Reset Delay
VCC=VTH to (VTH-100mV)
25
µS
ILE
Reset Output Leakage
0.5
µA
TMPW
MR Minimum Pulse Width
10
µS
TMRD
MR to Reset Delay
0.5
µS
VMIL
MR Input Low Threshold
0.4* VCC
V
VMIH
MR Input High Threshold
0.5* VCC
RMR
MR Pull-Up resistance
30
47
70
K
Application Circuit
VCC
VCC
GND
100k
APR3103 RESET
RESET
INPUT
µP
VCC
GND
Part Number Description
Electrical Characteristics
VIN = 5V, TA = -40 to 85
°C unless otherwise noted. Typical values are at TA=25°C, VCC = 5V for 4.38V
versions, VCC = 3.3V for 3.08/2.93V versions, VCC = 3.0V for 2.63V. versions and VCC = 2.5V for 2.32V
versions, VCC = 2.0V for 1.75V versions , VCC = 1.8V for 1.5V versions.
VCC
VCC
GND
RESET
(RESET)
RESET
INPUT
µP
VCC
GND
APR3101
APR3102


Similar Part No. - APR310150BI-TRL

ManufacturerPart #DatasheetDescription
logo
Ulti-Mate Connector Inc
APR31P02-26E5-18.0-S01-HT ULTI-MATE-APR31P02-26E5-18.0-S01-HT Datasheet
183Kb / 1P
   MICRO-D CONNECTOR ASSEMBLY, APR31P02-26E5-18.0-S01-HT
11/27/17
More results

Similar Description - APR310150BI-TRL

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532 Datasheet
230Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520_06 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001 Datasheet
142Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3021 ANPEC-APR3021 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3011 ANPEC-APR3011 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3532 AAT-AAT3532 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3011 ANPEC-APR3011_09 Datasheet
277Kb / 16P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532_05 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520 Datasheet
225Kb / 8P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3520 AAT-AAT3520 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com