Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APR310115BI-TRL Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APR310115BI-TRL
Description  Micropower Microprocessor Reset Circuit with Manual Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APR310115BI-TRL Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APR310115BI-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APR310115BI-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APR310115BI-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APR310115BI-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APR310115BI-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APR310115BI-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APR310115BI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APR310115BI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APR310115BI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MicroPower Microprocessor Reset Circuit with Manual Reset
Copyright  ANPEC Electronics Corp.
Rev. A.3 - Feb., 2004
APR3101/2/3
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Features
General Description
Applications
•••••
1.2V to 6V Input Voltage Range
•••••
Low Quiescent Current : less Than 1.5
µA
•••••
High accuracy detection threshold : ±1.5%
•••••
Fixed trimmed reset thresholds for 1.5V, 1.75V,
2.32V, 2.63V, 2.93V, 3.08V, 3.9V, 4.38V.
•••••
Manual Reset Input
•••••
Reset Timeout Period 250ms
•••••
Available output configurations
- Open-drain output
- CMOS active high output
- CMOS active low output
•••••
SOT-23-5 package
•••••
No external components
Pin Configuration
The APR3101/2/3 are designed to monitor voltage
supplies in
µP and digital systems. The quiescent
current is extremely low, typically 1.5
µA, making it
ideal for portable battery operated equipment. The
APR3101/2/3 operate by monitoring the system power
supply voltage. When the input voltage drops below a
fixed threshold or whenever manual reset is asserted,
the device asserts a reset signal for a fixed time pe-
riod after Vcc rises above the fixed threshold or manual
reset is deasserted. The APR3101/2/3 series is avail-
able with three output stage versions:APR3101 push-
pull active low output, APR3102 push-pull active high
output and APR3103 open drain active low output. The
APR3101/2/3 also have a debounced manual reset
input that is provided to override the reset monitor.
They are also designed to reject fast line transient
glitches on Vcc. The APR3101/2/3 are come in a
miniature SOT-23-5 package.
NC
GND
MR
VCC
12
3
4
5
(3101/3)
(3102)
Reset
Reset
SOT-23-5 (Top View)
Computers
Cell Phones
Portable Electronics
µP Power Supply Monitoring


Similar Part No. - APR310115BI-TRL

ManufacturerPart #DatasheetDescription
logo
Ulti-Mate Connector Inc
APR31P02-26E5-18.0-S01-HT ULTI-MATE-APR31P02-26E5-18.0-S01-HT Datasheet
183Kb / 1P
   MICRO-D CONNECTOR ASSEMBLY, APR31P02-26E5-18.0-S01-HT
11/27/17
More results

Similar Description - APR310115BI-TRL

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532 Datasheet
230Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520_06 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001 Datasheet
142Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3021 ANPEC-APR3021 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3011 ANPEC-APR3011 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3532 AAT-AAT3532 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3011 ANPEC-APR3011_09 Datasheet
277Kb / 16P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532_05 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520 Datasheet
225Kb / 8P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3520 AAT-AAT3520 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com