Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1440806-2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 3-1440806-2
Description  Package Specification
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1440806-2 Datasheet(HTML) 1 Page - Tyco Electronics

  3-1440806-2 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Package Specification
107-79010
21,Mar, 2012 Rev. A5
Copyright by TE connectivity all rights reserved ( Revise: May.17.2010 Rev.A)
1 of 1
TE connectivity relay R&D engineering center(Tyco electronics Technology Park, Shiyanm Street, Baoan District.Shenzhen 518108)
This document is subject to change. Call local TE connectivity for the latest revision.
© Copyright 2010 by TE connectivity EC K.K. All rights reserved.
* : Brand Trademark
OJ / OJE PACKAGE SPEC (OJ / OJE PACKING CONDITION)
1.Inner Package
100 pcs/1Tray
100 pcs/1Tray×10Trays
(Material:PVC)
Total : 1,000 pcs
2.External Package
Total : 1,000 pcs / Shipping Box
Gross:7.28 kg
Dimensions unit : mm
ITEM No
DESCRIPTION
AMP PART No.
QTY.
TRAY
3-1440806-6
10
LID
3-1440806-7
10
INSIDE CARTON
3-1440806-2
2
OUTSIDE CARTON
3-1440806-4
1
390
180
240


Similar Part No. - 3-1440806-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
3-1440000-4 TEC-3-1440000-4 Datasheet
110Kb / 2P
   change logo, vent hole;add cqc,line identifier, plating thickness
3-1440000-5 TEC-3-1440000-5 Datasheet
110Kb / 2P
   change logo, vent hole;add cqc,line identifier, plating thickness
3-1440000-9 TEC-3-1440000-9 Datasheet
121Kb / 2P
   change logo,add cqc, line identifier, plating thickness
3-1440007-0 TEC-3-1440007-0 Datasheet
234Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 3-1440806-2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP03TG9N1J02 MURATA-LQP03TG9N1J02 Datasheet
67Kb / 2P
   indicates a package specification code
DEBB33F471KC3B MURATA-DEBB33F471KC3B Datasheet
48Kb / 1P
   indicates a package specification code.
DECB33J101KC4B MURATA-DECB33J101KC4B Datasheet
47Kb / 1P
   indicates a package specification code
logo
Murata Manufacturing Co...
DLW5BTM142SQ2 MURATA1-DLW5BTM142SQ2 Datasheet
347Kb / 4P
   indicates a package specification code.
logo
Murata Manufacturing Co...
LQW15AN3N3D10 MURATA-LQW15AN3N3D10 Datasheet
75Kb / 2P
   LQW15AN3N3D10# ????indicates a package specification code.
logo
EHAOAN.
8294IR-A EHAOAN-8294IR-A Datasheet
1Mb / 7P
   EIA Specification Standard Packaging / EIA STD Package
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
   SPECIFICATION ELECTRICAL SPECIFICATION
logo
Vectron International, ...
C1310 VECTRON-C1310 Datasheet
192Kb / 5P
   Surface Mount Package Reflow Process Compatible AT-Cut Crystal SONET Minimum Clock Specification
TFS71D VECTRON-TFS71D Datasheet
37Kb / 3P
   Specification
TFS161A VECTRON-TFS161A Datasheet
39Kb / 5P
   Specification
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com